Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BP5220A Datasheet(PDF) 4 Page - Rohm

Part # BP5220A
Description  DC/DC converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BP5220A Datasheet(HTML) 4 Page - Rohm

  BP5220A Datasheet HTML 1Page - Rohm BP5220A Datasheet HTML 2Page - Rohm BP5220A Datasheet HTML 3Page - Rohm BP5220A Datasheet HTML 4Page - Rohm BP5220A Datasheet HTML 5Page - Rohm BP5220A Datasheet HTML 6Page - Rohm BP5220A Datasheet HTML 7Page - Rohm BP5220A Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
77
●Circuit operation
(1) The basic application examples are shown in Fig.2.
  The externally installed parts are only the input and
output smoothing capacitors.
(2) Switching on and off the output voltage is allowed.
The output can be switched off by making pin 4 to
be open (high impedance). (See Fig.3)
(3) Fine adjustment of the output voltage is allowed.
The fine adjustment of output voltage can be
performed from pin 6 via the resistor by connecting
the output terminal (pin 2) or GND.(See
application example3)
●Application example
Application example 1 : DC / DC converter with a protection circuit
Fig.3
470
µF
120pF
100
µF
0.22
COMP.
2.2M
Ω※
BA10393
VIN
24V
VO
5V
9
7 6 5 4 3 2 1
BP5220A / BP5221A / BP5222A
Fig.4
VIN =24V
0.2
0.4
0.6
0.8
1.0
1.2
6
5
4
3
2
1
0
OUTPUT CURRENT(A)
Fig.5
Fig.6
※A resistor to secure the rise of output at power on. The resistance to be selected depends on the input voltage.
This is a standard application. Because the control current fluctuates with variations in circuits and components,
set the control current by adding a sufficient margin to the normal current level.
9
7
6
5
4
3
2
1
470
µF
VIN
VO
BP5220A / BP5221A / BP5222A
100
µF
Fig.2
Be sure to use fuse
for safety.
9
7
6
5
4
3
2
1
470
µF
VIN
SW
VO
BP5220A / BP5221A / BP5222A
Output OFF
100
µF
Be sure to use fuse
for safety.
Application example 2 : Output ON / OFF control
9
7
6
5
4
3
2
1
VIN
VO
470
µF
100k
2SC1740
BP5220A / BP5221A / BP5222A
ON / OFF
100
µF
Be sure to use fuse
for safety.


Similar Part No. - BP5220A

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5220A ROHM-BP5220A Datasheet
555Kb / 9P
   Step-down DC/DC Converters(Non-isolated)
BP5220A ROHM-BP5220A_10 Datasheet
555Kb / 9P
   Step-down DC/DC Converters(Non-isolated)
More results

Similar Description - BP5220A

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com