Electronic Components Datasheet Search |
|
TLC5929RGER Datasheet(PDF) 4 Page - Texas Instruments |
|
|
TLC5929RGER Datasheet(HTML) 4 Page - Texas Instruments |
4 / 43 page I =54.8 ´ OLC(IDEAL) 1.205 R IREF D (%)= 100 ´ IdealOutputCurrent - (IdealOutputCurrent) (I +I +...I +I ) OLC(0) OLC(1) OLC(14) OLC(15) 16 D (%)= 100 ´ - 1 I OLC( ) n (I +I +...+I +I ) OLC(0) OLC(1) OLC(15) OLC(14) 16 . TLC5929 SBVS159B – APRIL 2011 – REVISED JULY 2012 www.ti.com ELECTRICAL CHARACTERISTICS At VCC = 3 V to 5.5 V and TA = –40°C to +85°C. Typical values at VCC = 3.3 V and TA = +25°C, unless otherwise noted. TLC5929 PARAMETER TEST CONDITIONS MIN TYP MAX UNIT VOH High-level output voltage IOH = –2 mA at SOUT VCC – 0.4 VCC V VOL Low-level output voltage IOL = 2 mA at SOUT 0.4 V VLOD LED open detection threshold All OUTn = on 0.25 0.30 0.35 V VLSD0 All OUTn = on, detection voltage code = 0h 0.32 × VCC 0.35 × VCC 0.38 × VCC V VLSD1 All OUTn = on, detection voltage code = 1h 0.42 × VCC 0.45 × VCC 0.48 × VCC V LED short detection threshold VLSD2 All OUTn = on, detection voltage code = 2h 0.52 × VCC 0.55 × VCC 0.58 × VCC V VLSD3 All OUTn = on, detection voltage code = 3h 0.62 × VCC 0.65 × VCC 0.68 × VCC V VIREF Reference voltage output RIREF = 1.3 kΩ 1.175 1.205 1.235 V IIN Input current VIN = VCC or GND at SIN, SCLK, LAT, and BLANK –1 1 μA SIN/SCLK/LAT = low, BLANK = high, all OUTn = off, ICC0 2 3 mA VOUTn = 0.8 V, BC = 7Fh, RIREF = open SIN/SCLK/LAT = low, BLANK = high, all OUTn = off, ICC1 VOUTn = 0.8 V, BC = 7Fh, RIREF = 3.6 kΩ 5 7 mA (IOUT = 18.3 mA target) SIN/SCLK/LAT/BLANK = low, All OUTn = on, ICC2 VOUTn = 0.8 V, BC = 7Fh, RIREF = 3.6 kΩ 5 7 mA (IOUT = 18.3 mA target) SIN/SCLK/LAT/BLANK = low, All OUTn = on, Supply current (VCC) ICC3 VOUTn = 0.8 V, BC = 7Fh, RIREF = 1.6 kΩ 9 11 mA (IOUT = 41.3 mA target) VCC = 5.0 V, SIN/SCLK/LAT/BLANK = low, ICC4 All OUTn = on, VOUTn = 0.8 V, BC = 7Fh, 11 14 mA RIREF = 1.3 kΩ (IOUT = 50.8 mA target) VCC = 5.0 V, SIN/SCLK/LAT/BLANK = low, All OUTn = on, VOUTn = 0.8 V, BC = 7Fh, RIREF = 1.3 ICC5 10 40 µA k Ω (IOUT = 50.8 mA target), all output data off with power-save mode enabled All OUTn = on, VOUTn = VOUTfix = 0.8 V, BC = 7Fh, IOLC0 38.5 41.3 44.1 mA RIREF = 1.6 kΩ Constant output sink current (OUT0 to OUT15, see Figure 3) VCC = 5.0 V, All OUTn = on, VOUTn = VOUTfix = 1 V, IOLC1 47.3 50.8 54.3 mA BC = 7Fh, RIREF = 1.3 kΩ IOLKG0 TJ = +25°C 0.1 μA Output leakage current BLANK = high, VOUTn = VOUTfix = IOLKG1 TJ = +85°C (1) 0.2 μA (OUT0 to OUT15, see Figure 3) 10 V, RIREF = 1.6 kΩ IOLKG2 TJ = +125°C (1) 0.3 0.8 μA Constant-current error All OUTn = on, VOUTn = VOUTfix = 0.8 V, BC = 7Fh, ΔIOLC0 (channel-to-channel, OUT0 to ±1 ±3 % RIREF = 1.6 kΩ, TA = +25°C OUT15)(2) Constant-current error All OUTn = on, VOUTn = VOUTfix = 0.8 V, BC = 7Fh, ΔIOLC1 (device-to-devicel, OUT0 to ±2 ±4 % RIREF = 1.6 kΩ, TA = +25°C OUT15)(3) (1) Not tested; specified by design. (2) The deviation of each output from the average of OUT0 to OUT15 constant-current. Deviation is calculated by the formula: (3) The deviation of the OUT0 to OUT15 constant-current average from the ideal constant-current value. Deviation is calculated by the formula: Ideal current is calculated by the formula: 4 Submit Documentation Feedback Copyright © 2011–2012, Texas Instruments Incorporated Product Folder Link(s): TLC5929 |
Similar Part No. - TLC5929RGER |
|
Similar Description - TLC5929RGER |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |