Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5945RHBR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5945RHBR
Description  16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5945RHBR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLC5945RHBR Datasheet HTML 6Page - Texas Instruments TLC5945RHBR Datasheet HTML 7Page - Texas Instruments TLC5945RHBR Datasheet HTML 8Page - Texas Instruments TLC5945RHBR Datasheet HTML 9Page - Texas Instruments TLC5945RHBR Datasheet HTML 10Page - Texas Instruments TLC5945RHBR Datasheet HTML 11Page - Texas Instruments TLC5945RHBR Datasheet HTML 12Page - Texas Instruments TLC5945RHBR Datasheet HTML 13Page - Texas Instruments TLC5945RHBR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
www.ti.com
Typical Characteristics
TA − Free-Air Temperature − C
0
1000
2000
3000
4000
−40
−20
0
20
40
60
80
TLC5945PWP
PowerPADSoldered
TLC5945RHB
TLC5945PWP
PowerPADUnsoldered
100
0
10
20
30
40
50
60
70
80
1k
10k
3.84k
1.92k
1.28k
0.96k
0.79k
0.64k
0.55k
0.48k
IO(LC) − OutputCurrent − mA
0
10
20
30
40
50
60
70
80
90
100
0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.61.8 2 2.2 2.4 2.6 2.8 3
IMAX = 60 mA
IMAX = 30 mA
IMAX = 5 mA
VO − Output Voltage − V
TLC5945
SLVS755 – MARCH 2007
REFERENCE RESISTOR
POWER DISSIPATION RATE
vs
vs
OUTPUT CURRENT
FREE-AIR TEMPERATURE
Figure 3.
Figure 4.
OUTPUT CURRENT
vs
OUTPUT VOLTAGE
Figure 5.
10
Submit Documentation Feedback


Similar Part No. - TLC5945RHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5945RHBR TI-TLC5945RHBR Datasheet
999Kb / 29P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
More results

Similar Description - TLC5945RHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5941 TI-TLC5941 Datasheet
513Kb / 23P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941 TI1-TLC5941_16 Datasheet
1Mb / 34P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC59401 TI-TLC59401 Datasheet
930Kb / 29P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941 TI1-TLC5941_17 Datasheet
1Mb / 34P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5940-EP TI1-TLC5940-EP Datasheet
1Mb / 33P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941-Q1 TI-TLC5941-Q1 Datasheet
827Kb / 27P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5940 TI-TLC5940 Datasheet
1Mb / 29P
[Old version datasheet]   16 CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5945 TI-TLC5945 Datasheet
999Kb / 29P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
logo
ams AG
AS1121 AMSCO-AS1121 Datasheet
976Kb / 22P
   16-Channel LED Driver with Dot Correction and Greyscale PWM
AS1112 AMSCO-AS1112 Datasheet
116Kb / 2P
   16-Channel LED Driver with Dot Correction and Greyscale PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com