Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5946RHBTG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5946RHBTG4
Description  16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5946RHBTG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC5946RHBTG4 Datasheet HTML 4Page - Texas Instruments TLC5946RHBTG4 Datasheet HTML 5Page - Texas Instruments TLC5946RHBTG4 Datasheet HTML 6Page - Texas Instruments TLC5946RHBTG4 Datasheet HTML 7Page - Texas Instruments TLC5946RHBTG4 Datasheet HTML 8Page - Texas Instruments TLC5946RHBTG4 Datasheet HTML 9Page - Texas Instruments TLC5946RHBTG4 Datasheet HTML 10Page - Texas Instruments TLC5946RHBTG4 Datasheet HTML 11Page - Texas Instruments TLC5946RHBTG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
TLC5946
SLVS824B – MARCH 2008 – REVISED JUNE 2008 .......................................................................................................................................................... www.ti.com
TERMINAL FUNCTIONS
TERMINAL
NAME
PW/PWP
RHB
I/O
DESCRIPTION
Blank (all constant current outputs off). When BLANK is high, all constant current outputs (OUT0
through OUT15) are forced off, the Grayscale PWM timing controller initializes and the Grayscale
BLANK
2
31
I
counter resets to '0'. When BLANK is low, all constant current outputs are controlled by the
Grayscale PWM timing controller.
GND
1
30
Ground
GSCLK
25
24
I
Reference clock for Grayscale PWM control.
This pin sets the constant current value. OUT0 through OUT15 sink constant current is set to
IREF
27
26
I/O
desired value by connecting an external resistor between IREF and GND.
Input mode pin. When MODE is high, the input mode is dot correction (DC). When MODE is low,
MODE
6
3
I
the input mode is grayscale (GS).
12, 13,
NC
No connection
28, 29
OUT0
7
4
O
Constant current output
OUT1
8
5
O
Constant current output
OUT2
9
6
O
Constant current output
OUT3
10
7
O
Constant current output
OUT4
11
8
O
Constant current output
OUT5
12
9
O
Constant current output
OUT6
13
10
O
Constant current output
OUT7
14
11
O
Constant current output
OUT8
15
14
O
Constant current output
OUT9
16
15
O
Constant current output
OUT10
17
16
O
Constant current output
OUT11
18
17
O
Constant current output
OUT12
19
18
O
Constant current output
OUT13
20
19
O
Constant current output
OUT14
21
20
O
Constant current output
OUT15
22
21
O
Constant current output
SCLK
4
1
I
Serial data shift clock
SIN
5
2
I
Serial data input
SOUT
24
23
O
Serial data output
VCC
28
27
I
Power-supply voltage
XERR
23
22
O
Error output. Open-drain output. XERR goes low when LOD or TEF is detected.
Extended serial interface. When XHALF is high, the device operates normally. When XHALF is
XHALF
26
25
I
low, the extended serial interface is activated.
Edge triggered latch signal. At the rising edge of XLAT, the TLC5946 writes data from the input
XLAT
3
32
I
shift register to either the Dot Correction register (MODE = high) or the Grayscale register
(MODE = low).
8
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TLC5946


Similar Part No. - TLC5946RHBTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5946RHBTG4 TI1-TLC5946RHBTG4 Datasheet
1Mb / 41P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
More results

Similar Description - TLC5946RHBTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59461 TI-TLC59461 Datasheet
840Kb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5946 TI-TLC5946 Datasheet
793Kb / 35P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5946_0806 TI-TLC5946_0806 Datasheet
795Kb / 35P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5946 TI1-TLC5946_17 Datasheet
1Mb / 41P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5942 TI-TLC5942 Datasheet
1Mb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC5942 TI1-TLC5942_16 Datasheet
884Kb / 29P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC5944 TI-TLC5944_1 Datasheet
982Kb / 34P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
TLC5944 TI-TLC5944 Datasheet
1Mb / 36P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
TLC5944 TI1-TLC5944_16 Datasheet
1Mb / 38P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
logo
ams AG
AS1121 AMSCO-AS1121 Datasheet
976Kb / 22P
   16-Channel LED Driver with Dot Correction and Greyscale PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com