Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5955 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5955
Description  TLC5955 48-Channel, 16-Bit, PWM LED Driver with DC, BC, LED Open-Short Detection, and Internal Current Setting
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5955 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC5955 Datasheet HTML 3Page - Texas Instruments TLC5955 Datasheet HTML 4Page - Texas Instruments TLC5955 Datasheet HTML 5Page - Texas Instruments TLC5955 Datasheet HTML 6Page - Texas Instruments TLC5955 Datasheet HTML 7Page - Texas Instruments TLC5955 Datasheet HTML 8Page - Texas Instruments TLC5955 Datasheet HTML 9Page - Texas Instruments TLC5955 Datasheet HTML 10Page - Texas Instruments TLC5955 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
TLC5955
www.ti.com
SBVS237 – MARCH 2014
6.3 Recommended Operating Conditions
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
DC CHARACTERISTICS
VCC
Supply voltage
3.0
5.5
V
VO
Voltage applied to output
OUTX0 to OUTX15(1)
10
V
VIH
High-level input voltage
SIN, SCLK, LAT, GSCLK
0.7 × VCC
VCC
V
VIL
Low-level input voltage
SIN, SCLK, LAT, GSCLK
GND
0.3 × VCC
V
IOH
High-level output current
SOUT
–2
mA
IOL
Low-level output current
SOUT
2
mA
OUTX0 to OUTX15(1), 3 V
≤ VCC ≤ 3.6 V
23.9
mA
IOLC
Constant output sink current
OUTX0 to OUTX15(1), 3.6 V < VCC ≤ 5.5 V
31.9
mA
Operating free-air temperature
TA
–40
+85
°C
range
Operating junction temperature
TJ
–40
+125
°C
range
AC CHARACTERISTICS
fCLK (SCLK)
Data shift clock frequency
SCLK
25
MHz
fCLK (GSCLK)
Grayscale control clock frequency
GSCLK
33
MHz
tWH0
SCLK
10
ns
tWL0
SCLK
10
ns
tWH1
Pulse duration
GSCLK
10
ns
tWL1
GSCLK
10
ns
tWH2
LAT
30
ns
tSU0
SIN to SCLK
5
ns
LAT
↓ to SCLK↑ (auto data refresh is
tSU1
30
ns
disabled(2))
Setup time
LAT
↑ for GS data written to GSCLK↑ when
tSU2
50
ns
display time reset mode is disabled
LAT
↑ for GS data written to GSCLK↑ when
tSU3
70
ns
display time reset mode is enabled
tH0
SCLK
↑ to SIN
2
ns
Hold time
tH1
SCLK
↑ to LAT↑
5
ns
(1)
X = R, G, or B.
(2)
When auto data refresh is enabled, the first SCLK rising edge after the LAT signal input must be input after the first GSCLK is input.
6.4 Thermal Information
DCA (HTSSOP)
RTQ (QFN)
THERMAL METRIC(1)
UNIT
56 TERMINALS
56 TERMINALS
θJA
Junction-to-ambient thermal resistance
32.2
27.9
θJCtop
Junction-to-case (top) thermal resistance
16.8
14.9
θJB
Junction-to-board thermal resistance
16.1
6.5
°C/W
ψJT
Junction-to-top characterization parameter
0.8
0.3
ψJB
Junction-to-board characterization parameter
16.0
6.4
θJCbot
Junction-to-case (bottom) thermal resistance
0.9
2.0
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TLC5955


Similar Part No. - TLC5955

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5951 TI1-TLC5951 Datasheet
1Mb / 46P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
TLC5951 TI1-TLC5951 Datasheet
1Mb / 50P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver With 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
TLC5951-DIE TI1-TLC5951-DIE Datasheet
185Kb / 5P
[Old version datasheet]   24-CHANNEL, 12-BIT PWM LED DRIVER WITH 7-BIT DOT CORRECTION AND 3-GROUP, 8-BIT GLOBAL BRIGHTNESS CONTROL
TLC5951DAP TI1-TLC5951DAP Datasheet
1Mb / 46P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
TLC5951DAPR TI1-TLC5951DAPR Datasheet
1Mb / 46P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
More results

Similar Description - TLC5955

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC6C5748-Q1 TI-TLC6C5748-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   TLC6C5748-Q1 48-Channel, 16-bit, PWM LED Driver with Internal Current Settings
TLC5928 TI-TLC5928 Datasheet
1Mb / 27P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI1-TLC5928_17 Datasheet
1Mb / 32P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI1-TLC5928_16 Datasheet
1Mb / 32P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI-TLC5928_1 Datasheet
918Kb / 28P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5957 TI1-TLC5957 Datasheet
1,004Kb / 25P
[Old version datasheet]   TLC5957 48-Channel, 16-Bit ES-PWM LED Driver with Pre-Charge FET, LED OPEN Detection and Caterpillar Cancelling
logo
Marktech Corporate
TCA62746AFG MARKTECH-TCA62746AFG Datasheet
504Kb / 25P
   16-Output Constant Current LED Driver with Output Open/Short Detection
logo
Toshiba Semiconductor
TCA62746AFG_0711 TOSHIBA-TCA62746AFG_0711 Datasheet
406Kb / 25P
   16-Output Constant Current LED Driver with Output Open/Short Detection
TCA62746AFG TOSHIBA-TCA62746AFG Datasheet
469Kb / 25P
   16-Output Constant Current LED Driver with Output Open/Short Detection
logo
STMicroelectronics
STP1612PW05 STMICROELECTRONICS-STP1612PW05 Datasheet
787Kb / 35P
   16-channel LED driver with 16-bit PWM, 8-bit gain and full LED error detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com