Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5957 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5957
Description  TLC5957 48-Channel, 16-Bit ES-PWM LED Driver with Pre-Charge FET, LED OPEN Detection and Caterpillar Cancelling
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5957 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC5957 Datasheet HTML 3Page - Texas Instruments TLC5957 Datasheet HTML 4Page - Texas Instruments TLC5957 Datasheet HTML 5Page - Texas Instruments TLC5957 Datasheet HTML 6Page - Texas Instruments TLC5957 Datasheet HTML 7Page - Texas Instruments TLC5957 Datasheet HTML 8Page - Texas Instruments TLC5957 Datasheet HTML 9Page - Texas Instruments TLC5957 Datasheet HTML 10Page - Texas Instruments TLC5957 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
50%
GND
V
CC
GND
V
CC
GND
50%
t
SU
50%
t
H
t
WHO , tWL0 , tWH1, tWL1, tWH2
INPUT
CLOCK
INPUT
(1)
DATA/CONTROL
INPUT
(1)
t
SU0 , tSU1 , tSU2 , tSU3 , tH0 , t1
S CLK
3
4
5
1
2
t
H2
t
H2
1022 1023 1024
1
2
3
LAT
LAT Signal needs to include falling edge of SCLK
t
wh
t
wl
V
CC
TLC5957
www.ti.com
SLVSCQ4 – OCTOBER 2014
7.6 Timing Requirements
At TA = –40°C to 85°C, unless otherwise noted.
MIN
TYP
MAX
UNIT
AC CHARACTERISTICS, VCC = 3 V to 5.5 V
tWH0
SCLK
10
ns
tWL0
SCLK
10
ns
tWH1
Pulse duration
GCLK
10
ns
tWL1
GCLK
10
ns
tWH2
LAT
10
ns
tSU0
SIN – SCLK
2
ns
tSU1
LAT
↑ – SCLK↑
3
ns
Setup time
LAT
↓ – SCLK↑ , for WRTGS, WRTFC, and TMGST Command
20
ns
tSU2
LAT
↓ – SCLK↑ , for LATGS, READFC, and LINERESET Command
80
ns
tSU3
LAT
↓ – GCLK↑ , for LATGS AND LINERESET Command
30
ns
tH0
SCLK
↑ – SIN
2
ns
tH1
SCLK
↑ – LAT↑
2
ns
tH2
SCLK
↓ – LAT↓
2
ns
Figure 1. Input Timing
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
7


Similar Part No. - TLC5957

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5951 TI1-TLC5951 Datasheet
1Mb / 46P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
TLC5951 TI1-TLC5951 Datasheet
1Mb / 50P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver With 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
TLC5951-DIE TI1-TLC5951-DIE Datasheet
185Kb / 5P
[Old version datasheet]   24-CHANNEL, 12-BIT PWM LED DRIVER WITH 7-BIT DOT CORRECTION AND 3-GROUP, 8-BIT GLOBAL BRIGHTNESS CONTROL
TLC5951DAP TI1-TLC5951DAP Datasheet
1Mb / 46P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
TLC5951DAPR TI1-TLC5951DAPR Datasheet
1Mb / 46P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
More results

Similar Description - TLC5957

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5958 TI1-TLC5958 Datasheet
1Mb / 28P
[Old version datasheet]   TLC5958 48-Channel, 16-Bit ES-PWM LED Driver with Pre-Charge FET, LED Open Detection and Display Data Memory Support 32-Multiplexing
TLC59581 TI1-TLC59581 Datasheet
525Kb / 28P
[Old version datasheet]   48-Channel, 16-Bit ES-PWM LED Driver
TLC5944 TI-TLC5944 Datasheet
1Mb / 36P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
TLC5944 TI1-TLC5944_16 Datasheet
1Mb / 38P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
TLC5944 TI-TLC5944_1 Datasheet
982Kb / 34P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
TLC5924 TI1-TLC5924_16 Datasheet
1Mb / 28P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND PRE-CHARGE FET
TLC5924 TI-TLC5924 Datasheet
742Kb / 23P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND PRE-CHARGE FET
TLC5955 TI1-TLC5955 Datasheet
1Mb / 53P
[Old version datasheet]   TLC5955 48-Channel, 16-Bit, PWM LED Driver with DC, BC, LED Open-Short Detection, and Internal Current Setting
TLC6946 TI1-TLC6946_19 Datasheet
2Mb / 35P
[Old version datasheet]   16-Channel 32-, 48-Multiplexing 16-Bit ES-PWM Constant-Current LED Driver
TLC59283 TI1-TLC59283_15 Datasheet
1Mb / 29P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with Pre-Charge FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com