Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5957RTQR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5957RTQR
Description  TLC5957 48-Channel, 16-Bit ES-PWM LED Driver with Pre-Charge FET, LED OPEN Detection and Caterpillar Cancelling
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5957RTQR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC5957RTQR Datasheet HTML 2Page - Texas Instruments TLC5957RTQR Datasheet HTML 3Page - Texas Instruments TLC5957RTQR Datasheet HTML 4Page - Texas Instruments TLC5957RTQR Datasheet HTML 5Page - Texas Instruments TLC5957RTQR Datasheet HTML 6Page - Texas Instruments TLC5957RTQR Datasheet HTML 7Page - Texas Instruments TLC5957RTQR Datasheet HTML 8Page - Texas Instruments TLC5957RTQR Datasheet HTML 9Page - Texas Instruments TLC5957RTQR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
(IOUTXn at VOUTXn
3V )
(IOUTXn at VOUTXn
1V )
100
(% / V )
(IOUTXn at VOUTXn
1V
3V
1V
=
-
=
D
=
´
=
-
æ
ö
ç
÷
è
ø
(IOUTXn at VCC
5.5V )
(IOUTXn at VCC
3.0V )
100
(% / V )
(IOUTXn at VCC
3.0V
5.5V
3V
=
-
=
D
=
´
=
-
æ
ö
ç
÷
è
ø
V
IREF
Ideal Output (mA )
Gain
CCR(or CCG, CCB) / 511d,
VIREF
1.209V(Typ), refer to Table 1 for the Gain at chosen BC
R
( )
IREF
.
=
´
´
=
W
æ
ö
ç
÷
ç
÷
è
ø
(
)
IOUTX0
IOUTX1
...
IOUTX15
(Ideal Output Current)
16
(%)
100
Ideal Output Current
+
+
+
-
D
=
´
æ
ö
ç
÷
ç
÷
ç
÷
ç
÷
è
ø
IOUTXn
(%)
1
100
(IOUTX0
IOUTX1
...
IOUTX14
IOUTX15)
16
D
=
-
´
+
+
+
+
æ
ö
ç
÷
ç
÷
ç
÷
è
ø
TLC5957
SLVSCQ4 – OCTOBER 2014
www.ti.com
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
All OUTn = on, BC = 0h, CCR/G/B = 08Fh, VOUTn = VOUTfix = 0.6V,
Constant current error
Channel-to-
Δ IOLC0
RIREF = 7.5k
Ω(1mA target), TA = +25C, at same color grouped output of
±1%
±3%
(OUTx0-15, x = R/G/B)
channel
(1)
OUTR0-15, OUTG0-15 and OUTB0-15
All OUTn = on, BC = 0h, CCR/G/B = 08Fh, VOUTn = VOUTfix = 0.6V,
Constant current error
Device-to-
ΔIOLC1
RIREF = 7.5k
Ω(1mA target), TA = +25C, at same color grouped output of
±1%
±2%
(OUTx0-15, x = R/G/B)
device
(2)
OUTR0-15, OUTG0-15 and OUTB0-15
VCC = 3.0 to 5.5V, All OUTn = on, BC = 0h, CCR/G/B = 08Fh,
Δ IOLC2
Line regulation
(3)
±1
±3
%/V
VOUTn = VOUTfix = 0.6V, RIREF = 7.5k
Ω (1mA target)
VCC = 4V, All OUTn = on, BC = 0h, CCR/G/B = 08Fh, VOUTn = 0.6 to 3V,
ΔIOLC3
Load regulation
(4)
±1
±3
%/V
VOUTfix = 1V, RIREF = 7.5k
Ω (1mA target)
All OUTn = on, BC = 7h, CCR/G/B - 1CCh, VOUTn = VOUTfix = 0.6V,
Constant current error
Channel-to-
ΔIOLC4
±1%
±3%
RIREF = 7.5k
Ω(25mA target), TA = +25C, at same color grouped output of
(OUTx0-15, x = R/G/B)
channel
(1)
OUTR0-15, OUTG0-15 and OUTB0-15
All OUTn = on, BC = 7h, CCR/G/B - 1CCh, VOUTn = VOUTfix = 0.6V,
Constant current error
Device-to-
ΔIOLC5
±1%
±3%
RIREF = 7.5k
Ω(25mA target), TA = +25C, at same color grouped output of
(OUTx0-15, x = R/G/B)
device
(2)
OUTR0-15, OUTG0-15 and OUTB0-15
VCC = 3.0 to 5.5V, All OUTn = on, BC = 7h, CCR/G/B - 1CCh,
ΔIOLC6
Line regulation
(3)
±1
±3
%/V
VOUTn = VOUTfix = 0.6V, RIREF = 7.5k
Ω (25mA target)
All OUTn = on, BC = 7h, CCR/G/B - 1CCh, VOUTn = 0.6 to 3V,
Δ IOLC7
Load regulation
(4)
±1
±3
%/V
VOUTfix = 0.6V, RIREF = 7.5k
Ω (25mA target)
TTSD
Thermal shutdown threshold
160
170
180
°C
THYS
Thermal shutdown hysterisis
10
°C
VISP(in)
IREF resistor short protection threshold
0.190
V
IREF resistor short-protection release
VISP(out)
0.330
V
threshold
(1)
The deviation of each outputs in same color group (OUTR0~15 or OUTG0~15 or OUTB0~15) from the average of same color group
constant current. The deviation is calculated by the formula. (X = R or G or B, n = 0~15
(2)
The deviation of the average of constant-current in each color group from the ideal constant-current value. (X = R or G or B) :
Ideal current is calculated by the following equation:
(3)
Line regulation is calculated by the following equation. (X = R or G or B, n = 0~15):
(4)
Load regulation is calculated by the following equation. (X = R or G or B, n = 0~15):
6
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated


Similar Part No. - TLC5957RTQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5951 TI1-TLC5951 Datasheet
1Mb / 46P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
TLC5951 TI1-TLC5951 Datasheet
1Mb / 50P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver With 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
TLC5951-DIE TI1-TLC5951-DIE Datasheet
185Kb / 5P
[Old version datasheet]   24-CHANNEL, 12-BIT PWM LED DRIVER WITH 7-BIT DOT CORRECTION AND 3-GROUP, 8-BIT GLOBAL BRIGHTNESS CONTROL
TLC5951DAP TI1-TLC5951DAP Datasheet
1Mb / 46P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
TLC5951DAPR TI1-TLC5951DAPR Datasheet
1Mb / 46P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
More results

Similar Description - TLC5957RTQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5958 TI1-TLC5958 Datasheet
1Mb / 28P
[Old version datasheet]   TLC5958 48-Channel, 16-Bit ES-PWM LED Driver with Pre-Charge FET, LED Open Detection and Display Data Memory Support 32-Multiplexing
TLC59581 TI1-TLC59581 Datasheet
525Kb / 28P
[Old version datasheet]   48-Channel, 16-Bit ES-PWM LED Driver
TLC5944 TI-TLC5944 Datasheet
1Mb / 36P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
TLC5944 TI1-TLC5944_16 Datasheet
1Mb / 38P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
TLC5944 TI-TLC5944_1 Datasheet
982Kb / 34P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
TLC5924 TI1-TLC5924_16 Datasheet
1Mb / 28P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND PRE-CHARGE FET
TLC5924 TI-TLC5924 Datasheet
742Kb / 23P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND PRE-CHARGE FET
TLC5955 TI1-TLC5955 Datasheet
1Mb / 53P
[Old version datasheet]   TLC5955 48-Channel, 16-Bit, PWM LED Driver with DC, BC, LED Open-Short Detection, and Internal Current Setting
TLC6946 TI1-TLC6946_19 Datasheet
2Mb / 35P
[Old version datasheet]   16-Channel 32-, 48-Multiplexing 16-Bit ES-PWM Constant-Current LED Driver
TLC59283 TI1-TLC59283_15 Datasheet
1Mb / 29P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with Pre-Charge FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com