Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5958RTQR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5958RTQR
Description  TLC5958 48-Channel, 16-Bit ES-PWM LED Driver with Pre-Charge FET, LED Open Detection and Display Data Memory Support 32-Multiplexing
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5958RTQR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC5958RTQR Datasheet HTML 2Page - Texas Instruments TLC5958RTQR Datasheet HTML 3Page - Texas Instruments TLC5958RTQR Datasheet HTML 4Page - Texas Instruments TLC5958RTQR Datasheet HTML 5Page - Texas Instruments TLC5958RTQR Datasheet HTML 6Page - Texas Instruments TLC5958RTQR Datasheet HTML 7Page - Texas Instruments TLC5958RTQR Datasheet HTML 8Page - Texas Instruments TLC5958RTQR Datasheet HTML 9Page - Texas Instruments TLC5958RTQR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
TLC5958
SLVSCE7A – MAY 2014 – REVISED SEPTEMBER 2014
www.ti.com
Recommended Operating Conditions (continued)
At TA = –40°C to +85°C, unless otherwise noted
MIN
NOM
MAX
UNIT
AC CHARACTERISTICS, VCC=3V to 5.5V(1)
FCLK(SCLK)
Data shift clock frequency
SCLK
25
MHz
FCLK(GCLK)
Grayscale control clock frequency
GCLK
33
MHz
tWH0
SCLK
10
tWL0
SCLK
10
Pulse duration
ns
tWH1
GCLK
15
tWL1
GCLK
10
tSU0
SIN - SCLK
2
tSU1
LAT
↑ - SCLK↑
3
LAT
↓ - SCLK↑
5
ns
tSU2
LAT
↓ - SCLK↑, for READSID, READFC1,
50
and READFC2
Setup time
tSU3
LAT
↓ (Vsync command) - GCLK↑
2500
The last LAT
↓ for no all ‘0’ data latching to
tSU4
resume normal mode – GCLK
↑,
50
µS
PSAVE_ENA bit = ‘1b’
tSU5
The last GCLK
↑ - the 1st GCLK↑ of next line
20
ns
tH0
SCLK
↑ - SIN
2
tH1
Hold time
SCLK
↑ - LAT↑
2
ns
tH2
SCLK
↑ - LAT↓
13
(1)
Specified by design
8.4 Thermal Information
TLC5958
THERMAL METRIC(1)
RTQ
UNIT
56 PINS
RθJA
Junction-to-ambient thermal resistance
27.4
RθJC(top)
Junction-to-case (top) thermal resistance
13.6
RθJB
Junction-to-board thermal resistance
5.5
°C/W
ψJT
Junction-to-top characterization parameter
0.2
ψJB
Junction-to-board characterization parameter
5.5
RθJC(bot)
Junction-to-case (bottom) thermal resistance
0.8
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated


Similar Part No. - TLC5958RTQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59581 TI1-TLC59581 Datasheet
525Kb / 28P
[Old version datasheet]   48-Channel, 16-Bit ES-PWM LED Driver
TLC59581RTQR TI1-TLC59581RTQR Datasheet
525Kb / 28P
[Old version datasheet]   48-Channel, 16-Bit ES-PWM LED Driver
TLC59581RTQT TI1-TLC59581RTQT Datasheet
525Kb / 28P
[Old version datasheet]   48-Channel, 16-Bit ES-PWM LED Driver
TLC59582 TI1-TLC59582 Datasheet
525Kb / 28P
[Old version datasheet]   48-Channel, 16-Bit ES-PWM LED Driver
TLC59582RTQR TI1-TLC59582RTQR Datasheet
525Kb / 28P
[Old version datasheet]   48-Channel, 16-Bit ES-PWM LED Driver
More results

Similar Description - TLC5958RTQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5957 TI1-TLC5957 Datasheet
1,004Kb / 25P
[Old version datasheet]   TLC5957 48-Channel, 16-Bit ES-PWM LED Driver with Pre-Charge FET, LED OPEN Detection and Caterpillar Cancelling
TLC6946 TI1-TLC6946_19 Datasheet
2Mb / 35P
[Old version datasheet]   16-Channel 32-, 48-Multiplexing 16-Bit ES-PWM Constant-Current LED Driver
TLC6946 TI1-TLC6946 Datasheet
328Kb / 27P
[Old version datasheet]   16-Channel 32-Multiplexing 16-Bit ES-PWM Constant-Current LED Driver
TLC59581 TI1-TLC59581 Datasheet
525Kb / 28P
[Old version datasheet]   48-Channel, 16-Bit ES-PWM LED Driver
TLC5944 TI-TLC5944 Datasheet
1Mb / 36P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
TLC5944 TI1-TLC5944_16 Datasheet
1Mb / 38P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
TLC5944 TI-TLC5944_1 Datasheet
982Kb / 34P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
TLC5924 TI1-TLC5924_16 Datasheet
1Mb / 28P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND PRE-CHARGE FET
TLC5924 TI-TLC5924 Datasheet
742Kb / 23P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND PRE-CHARGE FET
TLC5955 TI1-TLC5955 Datasheet
1Mb / 53P
[Old version datasheet]   TLC5955 48-Channel, 16-Bit, PWM LED Driver with DC, BC, LED Open-Short Detection, and Internal Current Setting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com