Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT41 Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # BAT41
Description  SMALL SIGNAL SCHOTTKY DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

BAT41 Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  BAT41 Datasheet HTML 1Page - Diode Semiconductor Korea BAT41 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
100
200
50
100
0
0.2
0.4
0.6
0.8
1.0
1.2
0.01
0.1
1
10
100
1000
T J =- 4 0
T J = 125
T J =2 5
0
5
10
15
20
25
30
0. 0 1
0. 1
1
10
10 0
10 00
T J = 125
10 0
75
50
25
0
5
1 01 5
2 0
2 53 0
2
4
6
8
10
12
14
FORWARD VOLTAGE,VOLT
AMBIENT TEMPERATURE(
℃ )
REVERSE VOLTAGE, VOLT
FIG.3--TYPICALREVERSECHARACTERISTICS
FIG.4--TYPICALJUNCTIONCAPACITANCE
REVERSE VOLTAGE, VOLT
BAT41
FIG.1--ADMISSIBLEPOWERDISSIPATIONVS.
AMBIENTTEMPERATURE
FIG.2--TYPICALINSTANTANEOUSFORWORD
CHARACTERISTICS
www.diode.kr
Diode Semiconductor Korea


Similar Part No. - BAT41

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAT41 STMICROELECTRONICS-BAT41 Datasheet
58Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
logo
SUNMATE electronic Co.,...
BAT41 SUNMATE-BAT41 Datasheet
132Kb / 2P
   100mA Axial Leaded Schottky Barrier Diodes
logo
General Semiconductor
BAT41 GE-BAT41 Datasheet
41Kb / 2P
   Schottky Diodes
logo
Jinan Jing Heng Electro...
BAT41 JINGHENG-BAT41 Datasheet
57Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
BAT41 BILIN-BAT41 Datasheet
109Kb / 2P
   SMALL SIGNAL SCHOTTKY DIODES
More results

Similar Description - BAT41

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAT46 STMICROELECTRONICS-BAT46 Datasheet
35Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
TMBYV10-60 STMICROELECTRONICS-TMBYV10-60 Datasheet
76Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODE
BYV10-60 STMICROELECTRONICS-BYV10-60 Datasheet
82Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
BAT54J STMICROELECTRONICS-BAT54J Datasheet
52Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODE
1N5711 STMICROELECTRONICS-1N5711 Datasheet
52Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODE
August 1999 Ed: 1A
TMMBAT46 STMICROELECTRONICS-TMMBAT46 Datasheet
56Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
logo
Shenzhen Luguang Electr...
LL46 LUGUANG-LL46 Datasheet
183Kb / 3P
   Small Signal Schottky Diode
logo
STMicroelectronics
TMBAT49FILM STMICROELECTRONICS-TMBAT49FILM Datasheet
76Kb / 6P
   Small signal Schottky diode
logo
Vishay Siliconix
BAS385 VISHAY-BAS385_15 Datasheet
82Kb / 5P
   Small Signal Schottky Diode
Rev. 2.1, 09-May-12
BAT85S VISHAY-BAT85S_15 Datasheet
72Kb / 4P
   Small Signal Schottky Diode
Rev. 1.8, 06-May-13
BAS581-02V-V-G VISHAY-BAS581-02V-V-G_15 Datasheet
69Kb / 4P
   Small Signal Schottky Diode
Rev. 1.1, 24-Apr-12
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com