Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBD4448HAQW Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # MMBD4448HAQW
Description  Surface Mount Fast Switching Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

MMBD4448HAQW Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  MMBD4448HAQW Datasheet HTML 1Page - Diode Semiconductor Korea MMBD4448HAQW Datasheet HTML 2Page - Diode Semiconductor Korea MMBD4448HAQW Datasheet HTML 3Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Surface Mount Fast Switching Diodes
MMBD4448HCQW/AQW/ADW/CDW/SDW/TW
FEATURES
High conductance.
Fast switching speed.
Ultra-small surface mount package.
MMBD4448HCQW
MMBD4448HAQW
MMBD4448HADW
For general purpose switching application.
APPLICATIONS
High speed switching application.
MMBD4448HCDW
MMBD4448HSDW
MMBD4448HTW
SOT-363
ORDERING INFORMATION
Type No.
Marking
Package Code
MMBD4448HCQW
KA4
SOT-363
MMBD4448HAQW
KA5
SOT-363
MMBD4448HADW
KA6
SOT-363
MMBD4448HCDW
KA7
SOT-363
MMBD4448HSDW
KAB
SOT-363
MMBD4448HTW
KAA
SOT-363
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Symbol
Characteristic
Value
Unit
VRM
Non-Repetitive peak reverse voltage
100
V
VRRM
VRWM
VR
Repetitive peak reverse Voltage
Working peak reverse voltage
DC reverse voltage
80
V
VR(RMS)
RMS Reverse voltage
57
V
IFM
Forward continuous current
500
mA
IO
Average rectified output current
250
mA
IFSM
Forward surge current
@t=1.0μs
@t=1.0s
4.0
2.0
A
PD
Power Dissipation
200
mW
RθJA
Thermal resistance,Junction to ambient air
625
℃/
W
Tj,Tstg
Junction and Storage Temperature
-65 to+150
Pb
Lead-free
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - MMBD4448HAQW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBD4448HAQW DIODES-MMBD4448HAQW Datasheet
77Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE ARRAY
DS30153 Rev. 7 - 2
MMBD4448HAQW DIODES-MMBD4448HAQW Datasheet
440Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE ARRAY
DS30153 Rev. 14 - 2
logo
Weitron Technology
MMBD4448HAQW WEITRON-MMBD4448HAQW Datasheet
2Mb / 4P
   Surface Mount Switching Multi-Chip Diode Array
logo
SeCoS Halbleitertechnol...
MMBD4448HAQW SECOS-MMBD4448HAQW Datasheet
1Mb / 2P
   Surface Mount Switching Diode Array
logo
Micro Commercial Compon...
MMBD4448HAQW MCC-MMBD4448HAQW Datasheet
190Kb / 4P
   200mW Switching Diodes
More results

Similar Description - MMBD4448HAQW

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
BAV99DW LUGUANG-BAV99DW Datasheet
312Kb / 2P
   Surface Mount Fast Switching Diodes
logo
Pan Jit International I...
LL4148 PANJIT-LL4148_09 Datasheet
89Kb / 3P
   FAST SWITCHING SURFACE MOUNT DIODES
LS4150 PANJIT-LS4150 Datasheet
90Kb / 3P
   FAST SWITCHING SURFACE MOUNT DIODES
logo
Galaxy Semi-Conductor H...
BAV99BRW BILIN-BAV99BRW_17 Datasheet
119Kb / 3P
   Surface Mount Fast Switching Diodes
BAV99S BILIN-BAV99S_17 Datasheet
121Kb / 3P
   Surface Mount Fast Switching Diodes
BAW56DW BILIN-BAW56DW_17 Datasheet
116Kb / 3P
   Surface Mount Fast Switching Diodes
BAV99S BILIN-BAV99S Datasheet
163Kb / 3P
   Surface Mount Fast Switching Diodes
BAV99DW BILIN-BAV99DW Datasheet
165Kb / 3P
   Surface Mount Fast Switching Diodes
logo
Pan Jit International I...
LS4448 PANJIT-LS4448_13 Datasheet
82Kb / 5P
   FAST SWITCHING SURFACE MOUNT DIODES
1N4150 PANJIT-1N4150_14 Datasheet
113Kb / 4P
   FAST SWITCHING SURFACE MOUNT DIODES
logo
Diode Semiconductor Kor...
BAV70DW DSK-BAV70DW Datasheet
230Kb / 3P
   Surface Mount Fast Switching Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com