Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC59282DBQR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLC59282DBQR
Description  16-Channel, Constant-Current LED Driver with 4-Channel Grouped Delay
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC59282DBQR Datasheet(HTML) 1 Page - Texas Instruments

  TLC59282DBQR Datasheet HTML 1Page - Texas Instruments TLC59282DBQR Datasheet HTML 2Page - Texas Instruments TLC59282DBQR Datasheet HTML 3Page - Texas Instruments TLC59282DBQR Datasheet HTML 4Page - Texas Instruments TLC59282DBQR Datasheet HTML 5Page - Texas Instruments TLC59282DBQR Datasheet HTML 6Page - Texas Instruments TLC59282DBQR Datasheet HTML 7Page - Texas Instruments TLC59282DBQR Datasheet HTML 8Page - Texas Instruments TLC59282DBQR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
¼
¼
¼
SIN
SCLK
LAT
BLANK
SOUT
GND
VCC
TLC59282
IC1
OUT0
OUT15
VCC
¼
¼
VLED
VLED
¼
¼
SIN
SCLK
LAT
BLANK
R
IREF
IREF
SOUT
TLC59282
ICn
OUT0
OUT15
DATA
SCLK
BLANK
¼
VLED
VLED
R
IREF
IREF
Controller
GND
VCC
VCC
3
LAT
TLC59282
www.ti.com
SBVS152C
– DECEMBER 2010 – REVISED OCTOBER 2011
16-Channel, Constant-Current LED Driver with 4-Channel Grouped Delay
Check for Samples: TLC59282
1
FEATURES
APPLICATIONS
2
16 Channels, Constant-Current Sink Output
Video Displays
with On/Off Control
Message Boards
Capability (Constant-Current Sink):
Illumination
35 mA (VCC ≤ 3.6 V), 45 mA (VCC > 3.6 V)
LED Power-Supply Voltage up to 17 V
DESCRIPTION
The TLC59282 is a 16-channel, constant-current sink
VCC = 3 V to 5.5 V
driver. Each channel can be individually controlled via
Constant-Current Accuracy:
a simple serial communications protocol that is
– Channel-to-Channel = ±0.6% (typ),
compatible with 3.3 V or 5 V CMOS logic levels,
±2% (max)
depending on the operating VCC. Once the serial
data buffer is loaded, a rising edge on LATCH
– Device-to-Device = ±1% (typ), ±3% (max)
transfers the data to the LEDx outputs. The BLANK
Low Saturation Voltage: 0.31 V at 20 mA (typ)
pin can be used to turn off all OUTn outputs during
– TA = +25℃, One Channel On
power-on
and
output
data
latching
to
prevent
unwanted image displays during these times. The
CMOS Logic Level I/O
constant-current value of all 16 channels is set by a
Data Transfer Rate: 35 MHz
single external resistor. Multiple TLC59282s can be
BLANK Pulse Width: 30 ns
cascaded together to control additional LEDs from the
Four-Channel Grouped Delay for
same processor.
Noise Reduction
Operating Temperature:
–40°C to +85°C
Typical Application Circuit (Multiple Daisy-Chained TLC59282s)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2010–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLC59282DBQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59282DBQR TI-TLC59282DBQR Datasheet
1Mb / 25P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with 4-Channel Grouped Delay
More results

Similar Description - TLC59282DBQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59282 TI-TLC59282 Datasheet
479Kb / 21P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with 4-Channel Grouped Delay
TLC59282DBQR TI-TLC59282DBQR Datasheet
1Mb / 25P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with 4-Channel Grouped Delay
TLC59284 TI-TLC59284 Datasheet
975Kb / 23P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with Switching Delay
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016 Datasheet
226Kb / 15P
   16-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016 ONSEMI-CAT4016 Datasheet
180Kb / 14P
   16-Channel Constant Current LED Driver
April, 2010 ??Rev. 4
logo
Leshan Radio Company
LR9026 LRC-LR9026 Datasheet
463Kb / 9P
   16-channel constant current LED driver
logo
LDT Co., Ltd
LD1018 LDT-LD1018 Datasheet
386Kb / 24P
   16 Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016W-T1 ONSEMI-CAT4016W-T1 Datasheet
293Kb / 15P
   16-Channel Constant Current LED Driver
Doc. No. MD-5028 Rev. D
logo
Marktech Corporate
TC62D776CFG MARKTECH-TC62D776CFG_15 Datasheet
525Kb / 33P
   16-Channel Constant-Current LED Driver
TC62D776CFNAG MARKTECH-TC62D776CFNAG_15 Datasheet
567Kb / 33P
   16-Channel Constant-Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com