Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC59283DBQ Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLC59283DBQ
Description  16-Channel, Constant-Current LED Driver with Pre-Charge FET
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC59283DBQ Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC59283DBQ Datasheet HTML 2Page - Texas Instruments TLC59283DBQ Datasheet HTML 3Page - Texas Instruments TLC59283DBQ Datasheet HTML 4Page - Texas Instruments TLC59283DBQ Datasheet HTML 5Page - Texas Instruments TLC59283DBQ Datasheet HTML 6Page - Texas Instruments TLC59283DBQ Datasheet HTML 7Page - Texas Instruments TLC59283DBQ Datasheet HTML 8Page - Texas Instruments TLC59283DBQ Datasheet HTML 9Page - Texas Instruments TLC59283DBQ Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
TLC59283
SBVS199B – JUNE 2012 – REVISED OCTOBER 2012
www.ti.com
PIN DESCRIPTIONS
PIN
NUMBER
NAME
DBQ
RGE
I/O
DESCRIPTION
All outputs empty (blank); Schmitt buffer input. When BLANK is high, all constant-current outputs
(OUT0 to OUT15) are forced off and all pre-charge FETs are turned on. When BLANK is low, all
BLANK
21
18
I
constant-current outputs are controlled by the data in the output on or off data latch and all pre-
charge FETs are turned off. This pin is internally pulled up to VCC with a 500-kΩ (typ) resistor.
GND
1
22
Power ground
Constant-current value setting, the OUT0 to OUT15 sink constant-current outputs are set to the
IREF
23
20
I/O
desired values by connecting an external resistor between IREF and GND.
Level-triggered latch; Schmitt buffer input. The data in the 16-bit shift register continue to transfer
to the output on or off data latch while LAT is high. Therefore, if the data in the 16-bit shift register
LAT
4
1
I
are changed when LAT is high, the data in the data latch are also changed. The data in the data
latch are held when LAT is low. This pin is internally pulled down to GND with a 500-k
Ω (typ)
resistor.
Constant-current output. Each output can be tied together with others to increase the constant-
OUT0
5
2
O
current. Different voltages can be applied to each output.
OUT1
6
3
O
Constant-current output
OUT2
7
4
O
Constant-current output
OUT3
8
5
O
Constant-current output
OUT4
9
6
O
Constant-current output
OUT5
10
7
O
Constant-current output
OUT6
11
8
O
Constant-current output
OUT7
12
9
O
Constant-current output
OUT8
13
10
O
Constant-current output
OUT9
14
11
O
Constant-current output
OUT10
15
12
O
Constant-current output
OUT11
16
13
O
Constant-current output
OUT12
17
14
O
Constant-current output
OUT13
18
15
O
Constant-current output
OUT14
19
16
O
Constant-current output
OUT15
20
17
O
Constant-current output
Serial data shift clock; Schmitt buffer input.
SCLK
3
24
I
All data in the 16-bit shift register are shifted toward the MSB by a 1-bit SCLK synchronization.
Serial data input for driver on or off control; Schmitt buffer input.
When SIN is high, the LSB is set to '1' for only one SCLK input rising edge. If two SCLK rising
SIN
2
23
I
edges are input while SIN is high, then the 16-bit shift register LSB and LSB+1 are set to '1'.
When SIN is low, the LSB is set to '0' at the SCLK input rising edge.
Serial data output. This output is connected to the 16-bit shift register MSB. SOUT data changes
SOUT
22
19
O
at the SCLK rising edge.
VCC
24
21
Power-supply voltage
6
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TLC59283


Similar Part No. - TLC59283DBQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59283DBQ TI1-TLC59283DBQ Datasheet
778Kb / 25P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with Pre-Charge FET
TLC59283DBQR TI1-TLC59283DBQR Datasheet
778Kb / 25P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with Pre-Charge FET
More results

Similar Description - TLC59283DBQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59283 TI1-TLC59283 Datasheet
778Kb / 25P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with Pre-Charge FET
TLC5924 TI-TLC5924 Datasheet
742Kb / 23P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND PRE-CHARGE FET
TLC5924 TI1-TLC5924_16 Datasheet
1Mb / 28P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND PRE-CHARGE FET
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016 Datasheet
226Kb / 15P
   16-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016 ONSEMI-CAT4016 Datasheet
180Kb / 14P
   16-Channel Constant Current LED Driver
April, 2010 ??Rev. 4
logo
Leshan Radio Company
LR9026 LRC-LR9026 Datasheet
463Kb / 9P
   16-channel constant current LED driver
logo
LDT Co., Ltd
LD1018 LDT-LD1018 Datasheet
386Kb / 24P
   16 Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016W-T1 ONSEMI-CAT4016W-T1 Datasheet
293Kb / 15P
   16-Channel Constant Current LED Driver
Doc. No. MD-5028 Rev. D
logo
Marktech Corporate
TC62D776CFG MARKTECH-TC62D776CFG_15 Datasheet
525Kb / 33P
   16-Channel Constant-Current LED Driver
TC62D776CFNAG MARKTECH-TC62D776CFNAG_15 Datasheet
567Kb / 33P
   16-Channel Constant-Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com