Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T121080 Datasheet(PDF) 1 Page - E-SWITCH

Part # T121080
Description  ALL DIMENSION IN MM[INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

T121080 Datasheet(HTML) 1 Page - E-SWITCH

  T121080 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
100DP3T1B2VS2QE
2:1
3/15/2007
T121080
B
TN
1
1
CIRCUIT: DPDT
RECOMMENDED PANEL MOUNTING
A
17016
RELEASED FOR PRODUCTION
2/26/07
TN
2.92
[.115 in]
Ø
11.68
[.460 in]
4.70
[.185 in]
1.22
[.048 in]
3.18
[.125 in]
.76
[.030 in]
4.70
[.185 in]
15.75
[.620 in]
8.89
[.350 in]
12.70
[.500 in]
11.43
[.450 in]
25
~
POSITION 1
POSITION 3
EPOXY SEAL
E-SWITCH LOGO
ON OTHER SIDE
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
OFF
ON
ON
2-3, 5-6
OPEN
2-1, 5-4
2
13
5
46
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: x.x=
`0.4
x.xx=
`0.25
3. TERM. NUMBERS FOR REFERENCE ONLY
4. RATING: 2 AMPS @250VAC
5 AMPS @120VAC OR 28VDC
5. CONTACT MATERIAL: SILVER
6. ELECTRICAL LIFE: 30,000 CYCLES
7. INSULATION RESISTANCE: 1,000M OHM MIN.
8. DIELECTRIC STRENGTH: 1000V RMS
@ SEA LEVEL
9. OPERATING TEMP: -30
~C to 85~C
10.
DENOTES CRITICAL PARAMETER
11. 2002/95/EC (ROHS) COMPLIANT
12. PACKAGE: TRAY/54 PIECES PER
15.75
[.620 in]
4.83
[.190 in]
4.70
[.185 in]
3.18
[.125 in]
.51
[.020 in]
10.41
[.410 in]
n1.85
[.073 in]
8.13
[.320 in]
4
5
6
6
3
B
17105
FIXED ACT. DIMENSION
3/15/07
TN


Similar Part No. - T121080

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T1210800G-TR STMICROELECTRONICS-T1210800G-TR Datasheet
138Kb / 12P
   12 A Snubberless, logic level and standard triacs
T1210800R-TR STMICROELECTRONICS-T1210800R-TR Datasheet
138Kb / 12P
   12 A Snubberless, logic level and standard triacs
More results

Similar Description - T121080

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T121058 E-SWITCH-T121058 Datasheet
35Kb / 1P
   ALL DIMENSION IN MM[INCH]
T121069 E-SWITCH-T121069 Datasheet
61Kb / 1P
   ALL DIMENSION IN MM[INCH]
T121075 E-SWITCH-T121075 Datasheet
211Kb / 1P
   ALL DIMENSION IN MM[INCH]
T121083 E-SWITCH-T121083 Datasheet
147Kb / 1P
   ALL DIMENSION IN MM[INCH]
T121086 E-SWITCH-T121086 Datasheet
112Kb / 1P
   ALL DIMENSION IN MM[INCH]
T121101 E-SWITCH-T121101 Datasheet
43Kb / 1P
   ALL DIMENSION IN MM[INCH]
T121073 E-SWITCH-T121073 Datasheet
34Kb / 1P
   ALL DIMENSION IN MM[INCH]
T121085 E-SWITCH-T121085 Datasheet
55Kb / 1P
   ALL DIMENSION IN MM[INCH]
T121056 E-SWITCH-T121056 Datasheet
144Kb / 1P
   ALL DIMENSION IN MM[INCH]
T121078 E-SWITCH-T121078 Datasheet
199Kb / 1P
   ALL DIMENSION IN MM[INCH]
T121098 E-SWITCH-T121098 Datasheet
103Kb / 1P
   ALL DIMENSION IN MM[INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com