Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIC06A065T-AU_T0_000A1 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # SIC06A065T-AU_T0_000A1
Description  SILICON CARBIDE SCHOTTKY DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SIC06A065T-AU_T0_000A1 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  SIC06A065T-AU_T0_000A1 Datasheet HTML 1Page - Pan Jit International Inc. SIC06A065T-AU_T0_000A1 Datasheet HTML 2Page - Pan Jit International Inc. SIC06A065T-AU_T0_000A1 Datasheet HTML 3Page - Pan Jit International Inc. SIC06A065T-AU_T0_000A1 Datasheet HTML 4Page - Pan Jit International Inc. SIC06A065T-AU_T0_000A1 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SiC06A065T-AU
March 2,2015-REV.02
Page 2
Maximum Ratings
Electrical Characteristics
PARAMETER
SYMBOL
TEST CONDITIONS
VALUE
UNITS
Non-Repetitive Peak Forward Surge Current
(TP=10mS, Half Sine Wave)
IFSM
TC=25
oC
50
A
TC=125
oC
44
A
Non-Repetitive Peak Forward Surge Current
(TP=10uS, Pulse)
TC=25
oC
210
A
Power Dissipation
PD
TC=25
oC
TC=125
oC
88
29
W
W
Operating Junction Temperature
TJ
175
oC
Storage Temperature
TSTG
-55 to 175
oC
Thermal Resistance Junction to Case
RθJC
1.7
oC/W
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNITS
DC Blacking Voltage
VDC
IR =100uA, TJ=25
oC
650
770
-
V
Forward Voltage
VF
IF =6A, TJ=25
oC
-
1.5
1.8
V
IF =6A, TJ=175
oC
-
1.9
2.2
V
Reverse Current
IR
VR =650V, TJ=25
oC
-
3
50
uA
VR =650V, TJ=175
oC
-
17
190
uA
Total Capacitive Charge
QC
IF =6A, di/dt=300A/uS,
VR =400V, TJ=25
oC
-
12
-
nC
Total Capacitance
C
VR =1V, TJ=25
oC, f=1MHz
-
234
-
pF
VR =200V, TJ=25
oC, f=1MHz
-
36
-
pF
VR =400V, TJ=25
oC, f=1MHz
-
36
-
pF


Similar Part No. - SIC06A065T-AU_T0_000A1

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SIC06A065T PANJIT-SIC06A065T Datasheet
447Kb / 5P
   SILICON CARBIDE SCHOTTKY DIODE
SIC06A065T_T0_00001 PANJIT-SIC06A065T_T0_00001 Datasheet
447Kb / 5P
   SILICON CARBIDE SCHOTTKY DIODE
More results

Similar Description - SIC06A065T-AU_T0_000A1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
   Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
logo
Infineon Technologies A...
SIDC19D60SIC3 INFINEON-SIDC19D60SIC3 Datasheet
54Kb / 4P
   Silicon Carbide Schottky Diode
22.04.2004
SDD04S60 INFINEON-SDD04S60 Datasheet
280Kb / 9P
   Silicon Carbide Schottky Diode
2004-02-11
SDP20S30 INFINEON-SDP20S30 Datasheet
216Kb / 8P
   Silicon Carbide Schottky Diode
2001-09-07
logo
Pan Jit International I...
SIC04A065ND PANJIT-SIC04A065ND Datasheet
575Kb / 5P
   SILICON CARBIDE SCHOTTKY DIODE
logo
Infineon Technologies A...
IDH08G120C5 INFINEON-IDH08G120C5_15 Datasheet
879Kb / 10P
   Silicon Carbide Schottky Diode
Rev. 2.0 2015-07-22
IDH10G120C5 INFINEON-IDH10G120C5_15 Datasheet
886Kb / 10P
   Silicon Carbide Schottky Diode
Rev. 2.0 2015-07-22
logo
Pan Jit International I...
SIC06A065D PANJIT-SIC06A065D Datasheet
426Kb / 5P
   SILICON CARBIDE SCHOTTKY DIODE
SIC06A065S PANJIT-SIC06A065S Datasheet
411Kb / 5P
   SILICON CARBIDE SCHOTTKY DIODE
logo
Cree, Inc
C3D16065A CREE-C3D16065A Datasheet
850Kb / 6P
   Silicon Carbide Schottky Diode
C3D30065D CREE-C3D30065D Datasheet
922Kb / 6P
   Silicon Carbide Schottky Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com