Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLOTTEN-1-05 Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # SLOTTEN-1-05
Description  ?쏶LOT TEN??10 mm Tunable Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

SLOTTEN-1-05 Datasheet(HTML) 1 Page - Coilcraft lnc.

  SLOTTEN-1-05 Datasheet HTML 1Page - Coilcraft lnc. SLOTTEN-1-05 Datasheet HTML 2Page - Coilcraft lnc. SLOTTEN-1-05 Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2012
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check out web site for latest information.
“SLOTTEN”10mmTunableInductors
Document 113-1
Document 113-1 Revised 08/20/12
These versatile Coilcraft variable inductors operate over
a wide range of frequencies. Standard inductance values
are available from less than 1 µH to over 1 mH.
Coilcraft “SLOT TEN” RF coils come in an international
10 mm package.Their precision-molded slotted bobbins
ensure tight tolerances and high stability.
A variety of magnetic and electrostatic shielding options
are offered. “SLOT TEN” coils are tuned by means of
ferrite or powdered iron tuning cores.
Coilcraft
Designer’s Kit M100 contains 18 shielded
and 18 unshielded coils (3 each) plus extra cores and
sleeves to create all of the standard values shown. To
order, please contact Coilcraft or purchase on-line at
http://order.coilcraft.com.
Unshielded (Styles 1 and 2)
3TOOLSIN1
TUNING WRENCH
TRITUNER SEEINDEX
This product will not be available in an RoHS-compliant
version. Core contains lead.
Terminations Pins: Tin-lead over tin over copper over iron
Shield can tabs: Tin-silver over nickel over brass
Resistance to soldering heat: Wave solder only. Recommended maximum
board surface temperature of 168°C (334°F) for no more than three seconds.
Pre-heating is recommended to minimize time over the solder nozzle.
With Shielded Cans (Styles 3 ,4 and 5)


Similar Part No. - SLOTTEN-1-05

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
SLOT7 COILCRAFT-SLOT7 Datasheet
216Kb / 4P
   ?쏶lot Seven??7 mm Tunable Inductors
More results

Similar Description - SLOTTEN-1-05

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
SLOT7 COILCRAFT-SLOT7 Datasheet
216Kb / 4P
   ?쏶lot Seven??7 mm Tunable Inductors
7M2-101 COILCRAFT-7M2-101 Datasheet
151Kb / 4P
   7 mm Tunable Inductors
144-01J12L COILCRAFT-144-01J12L Datasheet
128Kb / 2P
   10 mm Tunable Coils
144-01J12L COILCRAFT-144-01J12L_13 Datasheet
233Kb / 2P
   10 mm Tunable Coils ??142, 143, 144
148 COILCRAFT-148 Datasheet
87Kb / 1P
   Tunable RF Inductors
164-01A06L COILCRAFT-164-01A06L Datasheet
276Kb / 3P
   5 mm Tunable Inductor
logo
TRACO Electronic AG
TEN10WIRH TRACOPOWER-TEN10WIRH Datasheet
969Kb / 5P
   TEN 10WIRH Series, 10 Watt
Rev. November 30, 2022
TEN10 TRACOPOWER-TEN10 Datasheet
287Kb / 4P
   DC/DC Converters TEN 10 Series, 10 Watt
Rev. October 26, 2022
logo
Frontier Electronics.
6YN FRONTIER-6YN Datasheet
116Kb / 1P
   SMD Tunable Hi-Q RF Inductors
logo
Vishay Siliconix
860 VISHAY-860_V01 Datasheet
83Kb / 4P
   (46 mm) Ten Turn Wirewound Potentiometer, Bushing Mount
01-Jan-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com