Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL1G Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # GL1G
Description  SURFACE MOUNT RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

GL1G Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  GL1G Datasheet HTML 1Page - Diode Semiconductor Korea GL1G Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
1
10
2 0
30
40
20
T J=12 5 ℃
8.3m s S ingle H alf
S ine-W av e
24
10
8100
40
60 80
Puise Width=300
S
1%DUTY CYCLE
0.4
0.01
0.1
1
10
0.6
0.8
1.0.
1.2
1.4
1.6
1.8
2.0
100
TJ=25 C
O
TJ=125 C
O
TJ=75 C
O
TJ=25 C
O
100
0.1
0.01
0.001
1
10
80
0
20
40
60
100
Resistive or
inductive Load
0.2X0.2(5.0X5.0mm)
THICK COPPERPAND
AREAS
0
0
20
40
0.2
0.4
0.6
0.8
1.2
1.0
120
60
80
100
160
140
GL1A---GL1M
FIG.3 -- TYPICAL FORWARD CHARACTERISTICS
FIG.4 -- TYPICAL REVERSE CHARACTERISTICS
FIG.1 -- FORWARD DERATING CURVE
FIG.2 PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE,
AMBIENT TEMPERATURE
www.diode.kr
Diode Semiconductor Korea


Similar Part No. - GL1G

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GL1G DIOTEC-GL1G Datasheet
157Kb / 2P
   Surface Mount Si-Rectifiers
logo
Semikron International
GL1G SEMIKRON-GL1G Datasheet
116Kb / 2P
   Standard silicon rectifier diodes
logo
Diotec Semiconductor
GL1G DIOTEC-GL1G Datasheet
102Kb / 2P
   Surface Mount Silicon Rectifier Diodes
logo
Shenzhen Luguang Electr...
GL1G LUGUANG-GL1G Datasheet
183Kb / 2P
   Surface Mount Rectifiers
logo
Diotec Semiconductor
GL1G DIOTEC-GL1G Datasheet
141Kb / 2P
   Standard Recovery SMD Rectifier Diodes
More results

Similar Description - GL1G

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
SNWA EIC-SNWA Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Shenzhen Luguang Electr...
GL41A LUGUANG-GL41A Datasheet
300Kb / 2P
   Surface Mount Rectifiers
US3AB LUGUANG-US3AB Datasheet
173Kb / 2P
   Surface Mount Rectifiers
MURS140 LUGUANG-MURS140 Datasheet
172Kb / 2P
   Surface Mount Rectifiers
MURS340 LUGUANG-MURS340 Datasheet
174Kb / 2P
   Surface Mount Rectifiers
MURS405 LUGUANG-MURS405 Datasheet
176Kb / 2P
   Surface Mount Rectifiers
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Diode Semiconductor Kor...
US1AB DSK-US1AB Datasheet
86Kb / 2P
   SURFACE MOUNT RECTIFIERS
RS5AC DSK-RS5AC Datasheet
146Kb / 2P
   SURFACE MOUNT RECTIFIERS
US3AB DSK-US3AB Datasheet
108Kb / 2P
   SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com