Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA3778-ALD Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # HA3778-ALD
Description  Shielded Power Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

HA3778-ALD Datasheet(HTML) 2 Page - Coilcraft lnc.

  HA3778-ALD Datasheet HTML 1Page - Coilcraft lnc. HA3778-ALD Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2012
This product may not be used in medical of high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check out web site for latest information.
Document 684-2
Document 684-2 Revised 09/16/11
Shielded Power Inductor – hA3778-AL
Inductance vs Frequency
0.1
1
100
10
Frequency (MHz)
0
0.5
2.0
3.0
1.5
2.5
1.0
1.65 µH
Current Derating
-40 -200
20
40
60
80
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Isat
Irms
temperature rise vs Current
70
80
60
50
40
30
20
10
0
Current (Arms)
5
01520253035
10
1.65 µH
Inductance vs Current
0.1
1
100
10
Current (A)
0
0.5
2.0
3.0
1.5
2.5
1.0
1.65 µH


Similar Part No. - HA3778-ALD

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
HA3778-AL COILCRAFT-HA3778-AL Datasheet
145Kb / 2P
   Shielded Power Inductor
More results

Similar Description - HA3778-ALD

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR340-5-103 DATATRONICS-DR340-5-103 Datasheet
106Kb / 2P
   SHIELDED POWER INDUCTOR
logo
Accetek Electronics (Sh...
1MX ACCETEK-1MX Datasheet
196Kb / 2P
   Shielded Power Inductor
logo
Allied Components Inter...
PS100 ALLIED-PS100 Datasheet
275Kb / 1P
   Power Shielded Inductor
PS120 ALLIED-PS120 Datasheet
397Kb / 1P
   Power Shielded Inductor
logo
Coilcraft lnc.
FA2769-AL COILCRAFT-FA2769-AL Datasheet
457Kb / 2P
   Shielded Power Inductor
logo
Abracon Corporation
ASPI-1207S ABRACON-ASPI-1207S Datasheet
1Mb / 3P
   SHIELDED POWER INDUCTOR
08.05.09
logo
Coilcraft lnc.
XEL4020 COILCRAFT-XEL4020_18 Datasheet
232Kb / 4P
   Shielded Power Inductor
XEL5020 COILCRAFT-XEL5020 Datasheet
223Kb / 2P
   Shielded Power Inductor
XFL6060-473 COILCRAFT-XFL6060-473_17 Datasheet
200Kb / 2P
   Shielded Power Inductor
logo
XFMRS Inc.
XFRCR108D-100K XFMRS-XFRCR108D-100K Datasheet
34Kb / 1P
   SHIELDED POWER INDUCTOR
logo
Allied Components Inter...
PCSN5D33 ALLIED-PCSN5D33 Datasheet
1Mb / 1P
   Shielded Power Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com