Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2379 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2379
Description  Cost-Optimized, Low-Voltage, 4-muA, Rail-to-Rail I/O Operational Amplifiers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2379 Datasheet(HTML) 3 Page - Texas Instruments

  TLV2379 Datasheet HTML 1Page - Texas Instruments TLV2379 Datasheet HTML 2Page - Texas Instruments TLV2379 Datasheet HTML 3Page - Texas Instruments TLV2379 Datasheet HTML 4Page - Texas Instruments TLV2379 Datasheet HTML 5Page - Texas Instruments TLV2379 Datasheet HTML 6Page - Texas Instruments TLV2379 Datasheet HTML 7Page - Texas Instruments TLV2379 Datasheet HTML 8Page - Texas Instruments TLV2379 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
1
NC
8
NC
2
–IN
7
V+
3
+IN
6
OUT
4
V–
5
NC
1
+IN
2
V–
3
–IN
4
OUT
5
V+
1
+IN
2
V–
3
–IN
4
OUT
5
V+
3
TLV379, TLV2379, TLV4379
www.ti.com
SBOS785 – APRIL 2016
Product Folder Links: TLV379 TLV2379 TLV4379
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Device Comparison Table
FEATURES
PRODUCT
1
μA, 70 kHz, 2-mV VOS, 1.8-V to 5.5-V supply
OPAx349
1
μA, 5.5 kHz, 390-μV VOS, 2.5-V to 16-V supply
TLV240x
1
μA, 5.5 kHz, 0.6-mV VOS, 2.5-V to 12-V supply
TLV224x
7
μA, 160 kHz, 0.5-mV VOS, 2.7-V to 16-V supply
TLV27Lx
7
μA, 160 kHz, 0.5-mV VOS, 2.7-V to 16-V supply
TLV238x
20
μA, 350 kHz, 2-mV VOS, 2.3-V to 5.5-V supply
OPAx347
20
μA, 500 kHz, 550-μV VOS, 1.8-V to 3.6-V supply
TLV276x
45
μA, 1 MHz, 1-mV VOS, 2.1-V to 5.5-V supply
OPAx348
6 Pin Configuration and Functions
TLV379: DCK Package
5-Pin SC70
Top View
TLV379: DBV Package
5-Pin SOT23
Top View
TLV379: D Package
8-Pin SOIC
Top View
NC denotes no internal connection.
Pin Functions: TLV379
NAME
NO.
I/O
DESCRIPTION
DCK
DBV
D
–IN
3
4
2
I
Negative (inverting) input
+IN
1
3
3
I
Positive (noninverting) input
NC
1, 5, 8
No internal connection (can be left floating)
OUT
4
1
6
O
Output
V–
2
2
4
Negative (lowest) power supply
V+
5
5
7
Positive (highest) power supply


Similar Part No. - TLV2379

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2370 TI-TLV2370 Datasheet
871Kb / 28P
[Old version datasheet]   FAMILY OF 550- UA/CH 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2370 TI-TLV2370 Datasheet
955Kb / 31P
[Old version datasheet]   FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2370 TI1-TLV2370 Datasheet
2Mb / 58P
[Old version datasheet]   500-關A/Ch, 3-MHz Rail-to-Rail Input and Output Operational Amplifiers With Shutdown
TLV2370ID TI-TLV2370ID Datasheet
871Kb / 28P
[Old version datasheet]   FAMILY OF 550- UA/CH 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2370ID TI-TLV2370ID Datasheet
955Kb / 31P
[Old version datasheet]   FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

Similar Description - TLV2379

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA705 TI-OPA705_12 Datasheet
614Kb / 15P
[Old version datasheet]   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA705 BURR-BROWN-OPA705 Datasheet
280Kb / 12P
   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA705 TI1-OPA705 Datasheet
837Kb / 15P
[Old version datasheet]   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8049-1 SGMICRO-SGM8049-1 Datasheet
716Kb / 19P
   Rail-to-Rail I/O Operational Amplifiers
logo
Exar Corporation
CLC2011 EXAR-CLC2011 Datasheet
2Mb / 17P
   Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
logo
Cadeka Microcircuits LL...
CLC1011 CADEKA-CLC1011 Datasheet
2Mb / 16P
   Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
CLC1011_1A CADEKA-CLC1011_1A Datasheet
3Mb / 17P
   Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com