Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV379IDBVT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV379IDBVT
Description  Cost-Optimized, Low-Voltage, 4-muA, Rail-to-Rail I/O Operational Amplifiers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV379IDBVT Datasheet(HTML) 2 Page - Texas Instruments

  TLV379IDBVT Datasheet HTML 1Page - Texas Instruments TLV379IDBVT Datasheet HTML 2Page - Texas Instruments TLV379IDBVT Datasheet HTML 3Page - Texas Instruments TLV379IDBVT Datasheet HTML 4Page - Texas Instruments TLV379IDBVT Datasheet HTML 5Page - Texas Instruments TLV379IDBVT Datasheet HTML 6Page - Texas Instruments TLV379IDBVT Datasheet HTML 7Page - Texas Instruments TLV379IDBVT Datasheet HTML 8Page - Texas Instruments TLV379IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2
TLV379, TLV2379, TLV4379
SBOS785 – APRIL 2016
www.ti.com
Product Folder Links: TLV379 TLV2379 TLV4379
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 6
7.1
Absolute Maximum Ratings ...................................... 6
7.2
ESD Ratings.............................................................. 6
7.3
Recommended Operating Conditions ....................... 6
7.4
Thermal Information: TLV379 ................................... 7
7.5
Thermal Information: TLV2379 ................................. 7
7.6
Thermal Information: TLV4379 ................................. 7
7.7
Electrical Characteristics: VS = 1.8 V to 5.5 V .......... 8
7.8
Typical Characteristics .............................................. 9
8
Detailed Description ............................................ 12
8.1
Overview ................................................................. 12
8.2
Functional Block Diagram ....................................... 12
8.3
Feature Description................................................. 12
8.4
Device Functional Modes........................................ 13
9
Application and Implementation ........................ 14
9.1
Application Information............................................ 14
9.2
Typical Application ................................................. 14
9.3
System Examples ................................................... 15
10
Power Supply Recommendations ..................... 17
10.1
Input and ESD Protection ..................................... 17
11
Layout................................................................... 18
11.1
Layout Guidelines ................................................. 18
11.2
Layout Example .................................................... 18
12
Device and Documentation Support ................. 19
12.1
Documentation Support ....................................... 19
12.2
Related Links ........................................................ 19
12.3
Community Resources.......................................... 19
12.4
Trademarks ........................................................... 19
12.5
Electrostatic Discharge Caution ............................ 19
12.6
Glossary ................................................................ 19
13
Mechanical, Packaging, and Orderable
Information ........................................................... 19
4 Revision History
DATE
REVISION
NOTES
April 2016
*
Initial release.


Similar Part No. - TLV379IDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3701 TI-TLV3701 Datasheet
304Kb / 15P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3701 TI1-TLV3701 Datasheet
1Mb / 26P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3701 TI1-TLV3701 Datasheet
1Mb / 26P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3701-EP TI1-TLV3701-EP Datasheet
393Kb / 11P
[Old version datasheet]   NANOPOWER PUSH-PULL OUTPUT COMPARATOR
TLV3701-EP TI1-TLV3701-EP Datasheet
1Mb / 26P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
More results

Similar Description - TLV379IDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA705 TI-OPA705_12 Datasheet
614Kb / 15P
[Old version datasheet]   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA705 BURR-BROWN-OPA705 Datasheet
280Kb / 12P
   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA705 TI1-OPA705 Datasheet
837Kb / 15P
[Old version datasheet]   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8049-1 SGMICRO-SGM8049-1 Datasheet
716Kb / 19P
   Rail-to-Rail I/O Operational Amplifiers
logo
Exar Corporation
CLC2011 EXAR-CLC2011 Datasheet
2Mb / 17P
   Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
logo
Cadeka Microcircuits LL...
CLC1011 CADEKA-CLC1011 Datasheet
2Mb / 16P
   Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
CLC1011_1A CADEKA-CLC1011_1A Datasheet
3Mb / 17P
   Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com