Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV0831CDR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV0831CDR
Description  3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV0831CDR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV0831CDR Datasheet HTML 6Page - Texas Instruments TLV0831CDR Datasheet HTML 7Page - Texas Instruments TLV0831CDR Datasheet HTML 8Page - Texas Instruments TLV0831CDR Datasheet HTML 9Page - Texas Instruments TLV0831CDR Datasheet HTML 10Page - Texas Instruments TLV0831CDR Datasheet HTML 11Page - Texas Instruments TLV0831CDR Datasheet HTML 12Page - Texas Instruments TLV0831CDR Datasheet HTML 13Page - Texas Instruments TLV0831CDR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
TLV0831C, TLV0831I
TLV0832C, TLV0832I
3VOLT 8BIT ANALOGTODIGITAL CONVERTERS WITH SERIAL CONTROL
SLAS148 − SEPTEMBER 1996
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
TYPICAL CHARACTERISTICS
f(CLK) − Clock Frequency − kHz
TA − Free-Air Temperature — °C
f(CLK) = 250 kHz
CS = High
VCC = 3.6 V
VCC = 3 V
100
75
50
25
0
−25
0.3
0.2
−50
0.1
TLV0831
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
TLV0831
SUPPLY CURRENT
vs
CLOCK FREQUENCY
VCC = 3.3 V
VCC = 3.3 V
TA = 25°C
500
400
300
200
100
0
0
0.1
0.2
0.3
0.4
0.5
Figure 8
Figure 9
TA − Free-Air Temperature − °C
VCC = 3.3 V
IOL (DO = 0.4 V)
16
16.5
15.5
15
14.5
100
75
50
25
0
−25
−50
14
OUTPUT CURRENT
vs
FREE-AIR TEMPERATURE
IOL (DO = 3.3 V)
−IOH (DO = 0 V)
−IOH (DO = 2.4 V)
Figure 10


Similar Part No. - TLV0831CDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV0831CDR TI1-TLV0831CDR Datasheet
696Kb / 21P
[Old version datasheet]    8-Bit Resolution 2.7 V to 3.6 V VCC Easy Microprocessor Interface or Standalone Operation
TLV0831CDRG4 TI1-TLV0831CDRG4 Datasheet
696Kb / 21P
[Old version datasheet]    8-Bit Resolution 2.7 V to 3.6 V VCC Easy Microprocessor Interface or Standalone Operation
More results

Similar Description - TLV0831CDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV0834C TI1-TLV0834C_16 Datasheet
1Mb / 29P
[Old version datasheet]   3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV0831C TI-TLV0831C Datasheet
194Kb / 12P
[Old version datasheet]   3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV0834 TI1-TLV0834 Datasheet
847Kb / 26P
[Old version datasheet]   3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV0834C TI1-TLV0834C_14 Datasheet
1Mb / 27P
[Old version datasheet]   3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV0834C TI-TLV0834C Datasheet
239Kb / 16P
[Old version datasheet]   3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC548C TI-TLC548C Datasheet
167Kb / 12P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI-TLC0831C Datasheet
206Kb / 14P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI1-TLC0831C_14 Datasheet
915Kb / 21P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0834C TI1-TLC0834C_14 Datasheet
794Kb / 20P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831 TI1-TLC0831 Datasheet
656Kb / 19P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com