Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV0838CDW Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV0838CDW
Description  3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV0838CDW Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV0838CDW Datasheet HTML 7Page - Texas Instruments TLV0838CDW Datasheet HTML 8Page - Texas Instruments TLV0838CDW Datasheet HTML 9Page - Texas Instruments TLV0838CDW Datasheet HTML 10Page - Texas Instruments TLV0838CDW Datasheet HTML 11Page - Texas Instruments TLV0838CDW Datasheet HTML 12Page - Texas Instruments TLV0838CDW Datasheet HTML 13Page - Texas Instruments TLV0838CDW Datasheet HTML 14Page - Texas Instruments TLV0838CDW Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
TLV0834C, TLV0834I, TLV0838C, TLV0838I
3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL
SLAS147B – SEPTEMBER 1996 – REVISED OCTOBER 2000
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Vref – Reference Voltage – V
10
1
0.1
0.01
VI(+) = VI(–) = 0 V
0
2
4
6
8
10
12
14
16
UNADJUSTED OFFSET ERROR
vs
REFERENCE VOLTAGE
Figure 4
Figure 5
Vref – Reference Voltage – V
VCC = 3.3 V
f(CLK) = 250 kHz
TA = 25°C
4
3
2
1
0
0.25
0.5
0.75
1.0
1.25
0
1.5
LINEARITY ERROR
vs
REFERENCE VOLTAGE
Figure 6
TA – Free-Air Temperature – °C
Vref = 3.3 V
f(CLK) = 250 kHz
100
75
50
25
0
–25
0.5
0.45
0.4
0.35
0.3
–50
0.25
LINEARITY ERROR
vs
FREE-AIR TEMPERATURE
Figure 7
f(CLK) – Clock Frequency – kHz
LINEARITY ERROR
vs
CLOCK FREQUENCY
600
500
400
300
200
100
2.0
1.8
1.2
1
0.8
0.2
0
0
85
°C
25
°C
–40
°C
Vref = 3.3 V
VCC = 3.3 V
1.6
1.4
0.6
0.4
700
800


Similar Part No. - TLV0838CDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV0838CDW TI-TLV0838CDW Datasheet
239Kb / 16P
[Old version datasheet]   3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV0838CDW TI1-TLV0838CDW Datasheet
847Kb / 26P
[Old version datasheet]   3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV0838CDWG4 TI1-TLV0838CDWG4 Datasheet
847Kb / 26P
[Old version datasheet]   3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV0838CDWR TI-TLV0838CDWR Datasheet
239Kb / 16P
[Old version datasheet]   3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV0838CDWR TI1-TLV0838CDWR Datasheet
847Kb / 26P
[Old version datasheet]   3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results

Similar Description - TLV0838CDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV0831C TI1-TLV0831C_16 Datasheet
903Kb / 19P
[Old version datasheet]   3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV0831C TI-TLV0831C Datasheet
194Kb / 12P
[Old version datasheet]   3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV0834 TI1-TLV0834 Datasheet
847Kb / 26P
[Old version datasheet]   3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV0834C TI1-TLV0834C_14 Datasheet
1Mb / 27P
[Old version datasheet]   3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV0834C TI-TLV0834C Datasheet
239Kb / 16P
[Old version datasheet]   3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC548C TI-TLC548C Datasheet
167Kb / 12P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI-TLC0831C Datasheet
206Kb / 14P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI1-TLC0831C_14 Datasheet
915Kb / 21P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0834C TI1-TLC0834C_14 Datasheet
794Kb / 20P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831 TI1-TLC0831 Datasheet
656Kb / 19P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com