Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT9N4 Datasheet(PDF) 7 Page - PerkinElmer Optoelectronics

Part # VT9N4
Description  Photoconductive Cells and Analog Optoisolators (Vactrols)
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

VT9N4 Datasheet(HTML) 7 Page - PerkinElmer Optoelectronics

Back Button VT9N4 Datasheet HTML 3Page - PerkinElmer Optoelectronics VT9N4 Datasheet HTML 4Page - PerkinElmer Optoelectronics VT9N4 Datasheet HTML 5Page - PerkinElmer Optoelectronics VT9N4 Datasheet HTML 6Page - PerkinElmer Optoelectronics VT9N4 Datasheet HTML 7Page - PerkinElmer Optoelectronics VT9N4 Datasheet HTML 8Page - PerkinElmer Optoelectronics VT9N4 Datasheet HTML 9Page - PerkinElmer Optoelectronics VT9N4 Datasheet HTML 10Page - PerkinElmer Optoelectronics VT9N4 Datasheet HTML 11Page - PerkinElmer Optoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 76 page
background image
2
What is a Photoconductive Cell?
Semiconductor light detectors can be divided into two major
categories: junction and bulk effect devices. Junction devices, when
operated in the photoconductive mode, utilize the reverse
characteristic of a PN junction. Under reverse bias, the PN junction
acts as a light controlled current source. Output is proportional to
incident illumination and is relatively independent of implied voltage as
shown in Figure 1. Silicon photodiodes are examples of this type
detector.
Figure 1
Junction Photoconductor (Photodiode)
Figure 2
Bulk Effect Photoconductor (Photocell)
In contrast, bulk effect photoconductors have no junction. As shown in
Figure 2, the bulk resistivity decreases with increasing illumination,
allowing more photocurrent to flow. This resistive characteristic gives
bulk effect photoconductors a unique quality: signal current from the
detector can be varied over a wide range by adjusting the applied
voltage. To clearly make this distinction, PerkinElmer Optoelectronics
refers to it’s bulk effect photoconductors as photoconductive cells or
simply photocells.
Photocells are thin film devices made by depositing a layer of a
photoconductive material on a ceramic substrate. Metal contacts are
evaporated over the surface of the photoconductor and external
electrical connection is made to these contacts. These thin films of
photoconductive material have a high sheet resistance. Therefore, the
space between the two contacts is made narrow and interdigitated for
low cell resistance at moderate light levels. This construction is shown
in Figure 3.
Figure 3
Typical Construction of a Plastic Coated Photocell


Similar Part No. - VT9N4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VT935G ETC-VT935G Datasheet
190Kb / 1P
   PHOTOCONDUCTIVE CdS CELL
logo
Vaishali Semiconductor
VT98000 VAISH-VT98000 Datasheet
45Kb / 4P
   Multifrequency Synthesizer
VT98000Q VAISH-VT98000Q Datasheet
45Kb / 4P
   Multifrequency Synthesizer
VT98000QX VAISH-VT98000QX Datasheet
45Kb / 4P
   Multifrequency Synthesizer
VT98001 VAISH-VT98001 Datasheet
46Kb / 4P
   Multifrequency Synthesizer
More results

Similar Description - VT9N4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NORP-12 ETC1-NORP-12 Datasheet
226Kb / 2P
   NORP CdsS PHOTOCONDUCTIVE CELLS
logo
Panasonic Semiconductor
CNC7S101 PANASONIC-CNC7S101 Datasheet
92Kb / 4P
   Optoisolators
logo
NXP Semiconductors
ECG3040 PHILIPS-ECG3040 Datasheet
2Mb / 3P
   Optoisolators
logo
Panasonic Semiconductor
CNC1S101 PANASONIC-CNC1S101 Datasheet
91Kb / 4P
   Optoisolators
CNZ3731 PANASONIC-CNZ3731 Datasheet
77Kb / 4P
   Optoisolators
CNC7S102 PANASONIC-CNC7S102 Datasheet
28Kb / 1P
   Optoisolators
CNC7H001 PANASONIC-CNC7H001 Datasheet
83Kb / 4P
   Optoisolators (Photocouplers)
logo
Texas Instruments
TIL189-1 TI-TIL189-1 Datasheet
305Kb / 9P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
HCPL2530 TI-HCPL2530 Datasheet
582Kb / 12P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
HCPL4502 TI-HCPL4502 Datasheet
155Kb / 1P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com