Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2341Y Datasheet(PDF) 10 Page - Texas Instruments

Part # TLV2341Y
Description  LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2341Y Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV2341Y Datasheet HTML 6Page - Texas Instruments TLV2341Y Datasheet HTML 7Page - Texas Instruments TLV2341Y Datasheet HTML 8Page - Texas Instruments TLV2341Y Datasheet HTML 9Page - Texas Instruments TLV2341Y Datasheet HTML 10Page - Texas Instruments TLV2341Y Datasheet HTML 11Page - Texas Instruments TLV2341Y Datasheet HTML 12Page - Texas Instruments TLV2341Y Datasheet HTML 13Page - Texas Instruments TLV2341Y Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
TLV2341, TLV2341Y
LinCMOS
™ PROGRAMMABLE LOW-VOLTAGE
OPERATIONAL AMPLIFIERS
SLOS110A – MAY 1992 – REVISED AUGUST 1994
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS (HIGH-BIAS MODE)
Table of Graphs
FIGURE
VIO
Input offset voltage
Distribution
2,3
αVIO
Input offset voltage temperature coefficient
Distribution
4,5
vs Output current
6
VOH
High-level output voltage
vs Supply voltage
7
OH
gg
g
vs Temperature
8
vs Common-mode input voltage
9
VOL
Low level output voltage
vs Common mode in ut voltage
vs Temperature
9
10, 12
VOL
Low-level output voltage
vs Differential input voltage
,
11
vs Low-level output current
13
vs Supply voltage
14
AVD
Large-signal differential voltage amplification
yg
vs Temperature
15
VD
gg
g
vs Frequency
26, 27
IIB
Input bias current
vs Temperature
16
IIO
Input offset current
vs Temperature
16
VIC
Common-mode input voltage
vs Supply voltage
17
IDD
Supply current
vs Supply voltage
18
IDD
Supply current
yg
vs Temperature
19
SR
Slew rate
vs Supply voltage
20
SR
Slew rate
yg
vs Temperature
21
Bias select current
vs Supply voltage
22
VO(PP) Maximum peak-to-peak output voltage
vs Frequency
23
B1
Unity gain bandwidth
vs Temperature
24
B1
Unity-gain bandwidth
vs Supply voltage
25
vs Supply voltage
28
φm
Phase margin
yg
vs Temperature
29
φm
g
vs Load capacitance
30
Vn
Equivalent input noise voltage
vs Frequency
31
Phase shift
vs Frequency
26, 27


Similar Part No. - TLV2341Y

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2341Y TI-TLV2341Y Datasheet
748Kb / 51P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
More results

Similar Description - TLV2341Y

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2341 TI-TLV2341 Datasheet
748Kb / 51P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
TLC251 TI-TLC251 Datasheet
273Kb / 18P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC271 TI-TLC271 Datasheet
1Mb / 74P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC271 TI-TLC271_01 Datasheet
1Mb / 82P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLV2322 TI-TLV2322 Datasheet
502Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
TLV2322 TI1-TLV2322_12 Datasheet
769Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
TLV2342 TI-TLV2342 Datasheet
519Kb / 34P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE HIGH-SPEED OPERATIONAL AMPLIFIERS
TLV2332 TI1-TLV2332_16 Datasheet
988Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE MEDIUM-POWER OPERATIONAL AMPLIFIERS
TLV2342 TI1-TLV2342_15 Datasheet
1Mb / 43P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE HIGH-SPEED OPERATIONAL AMPLIFIERS
TLV2332 TI-TLV2332 Datasheet
500Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE MEDIUM-POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com