Electronic Components Datasheet Search |
|
TLV2342 Datasheet(PDF) 1 Page - Texas Instruments |
|
TLV2342 Datasheet(HTML) 1 Page - Texas Instruments |
1 / 43 page TLV2342, TLV2342Y, TLV2344, TLV2344Y LinCMOS ™ LOW-VOLTAGE HIGH-SPEED OPERATIONAL AMPLIFIERS SLOS194 – FEBRUARY 1997 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Wide Range of Supply Voltages Over Specified Temperature Range: –40 °C to 85°C...2 V to 8 V D Fully Characterized at 3 V and 5 V D Single-Supply Operation D Common-Mode Input-Voltage Range Extends Below the Negative Rail and Up to VDD –1 V at 25°C D Output Voltage Range Includes Negative Rail D High Input Impedance...1012 Ω Typical D ESD-Protection Circuitry D Designed-In Latch-Up Immunity description The TLV234x operational amplifiers are in a family of devices that has been specifically designed for use in low-voltage single-supply applications. Unlike other products in this family designed primarily to meet aggressive power consumption specifications, the TLV234x was developed to offer ac performance approaching that of a BiFET operational amplifier while operating from a single-supply rail. At 3 V, the TLV234x has a typical slew rate of 2.1 V/ µs and 790-kHz unity-gain bandwidth. Each amplifier is fully functional down to a minimum supply voltage of 2 V and is fully characterized, tested, and specified at both 3-V and 5-V power supplies over a temperature range of – 40 °C to 85°C. The common-mode input voltage range includes the negative rail and extends to within 1 V of the positive rail. AVAILABLE OPTIONS V max PACKAGED DEVICES CHIP FORM§ TA VIOmax AT 25 °C SMALL OUTLINE† (D) PLASTIC DIP (N) PLASTIC DIP (P) TSSOP‡ (PW) CHIP FORM§ (Y) –40 °Cto85°C 9 mV TLV2342ID — TLV2342IP TLV2342IPWLE TLV2342Y – 40 °C to 85°C 10 mV TLV2344ID TLV2344IN — TLV2344IPWLE TLV2344Y † The D package is available taped and reeled. Add R suffix to the device type (e.g., TLV2342IDR). ‡ The PW package is only available left-end taped and reeled (e.g., TLV2342IPWLE). § Chip forms are tested at 25 °C only. Copyright © 1997, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. LinCMOS is a trademark of Texas Instruments Incorporated. 1 2 3 4 8 7 6 5 1OUT 1IN – 1IN + VDD–/GND VDD 2OUT 2IN – 2IN + 1 2 3 4 8 7 6 5 1OUT 1IN– 1IN + VDD –/GND VDD+ 2OUT 2IN – 2IN + 1 2 3 4 5 6 7 14 13 12 11 10 9 8 1OUT 1IN – 1IN + VDD+ 2IN + 2N – 2OUT 4OUT 4IN – 4IN + VDD–/GND 3IN + 3IN – 3OUT 1 14 8 7 4OUT 4IN – 4IN + VDD –/GND 3IN + 3IN – 3OUT 1OUT 1IN – 1IN + VDD+ 2IN + 2IN – 2OUT TLV2342 D OR P PACKAGE (TOP VIEW) TLV2342 PW PACKAGE (TOP VIEW) TLV2344 D OR N PACKAGE (TOP VIEW) TLV2344 PW PACKAGE (TOP VIEW) |
Similar Part No. - TLV2342_15 |
|
Similar Description - TLV2342_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |