Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2354MFK Datasheet(PDF) 9 Page - Texas Instruments

Part # TLV2354MFK
Description  LinCMOSE QUADRUPLE LOW-VOLTAGE DIFFERENTIAL COMPARATORS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2354MFK Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV2354MFK Datasheet HTML 5Page - Texas Instruments TLV2354MFK Datasheet HTML 6Page - Texas Instruments TLV2354MFK Datasheet HTML 7Page - Texas Instruments TLV2354MFK Datasheet HTML 8Page - Texas Instruments TLV2354MFK Datasheet HTML 9Page - Texas Instruments TLV2354MFK Datasheet HTML 10Page - Texas Instruments TLV2354MFK Datasheet HTML 11Page - Texas Instruments TLV2354MFK Datasheet HTML 12Page - Texas Instruments TLV2354MFK Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
TLV2354, TLV2354Y
LinCMOS
™ QUADRUPLE LOW-VOLTAGE DIFFERENTIAL COMPARATORS
SLCS012C – MAY 1992 – REVISED AUGUST 2000
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 1
550
440
220
110
0
990
330
02
4
6
8
10
12
770
660
880
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
1100
14
16
IOL – Low-Level Output Current – mA
VDD = 3 V
TA = 25°C
Figure 2
300
280
240
220
200
380
260
– 75
– 50
–25
0
25
50
75
340
320
360
100
125
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
No Load
VDD = 5 V
VDD = 3 V
180
Figure 3
0
– 0.5
– 1
– 75 – 50
– 25
0
25
50
2
2.5
COMMON-MODE INPUT VOLTAGE RANGE
vs
FREE-AIR TEMPERATURE
3
75
100
125
1.5
0.5
TA – Free-Air Temperature – °C
VDD = 3 V
Negative Limit
Positive Limit
1
Figure 4
25
20
10
5
0
45
15
0
10
20304050
60
35
30
40
OUTPUT FALL TIME
vs
CAPACITIVE LOAD
50
70
80
90
100
CL – Capacitive Load – pF
VDD = 3 V
Overdrive = 10 mV
RL = 5.1 kΩ (pullup to VDD)
TA = 25°C


Similar Part No. - TLV2354MFK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2354MFK TI-TLV2354MFK Datasheet
300Kb / 20P
[Old version datasheet]   LinCMOSE QUADRUPLE LOW-VOLTAGE DIFFERENTIAL COMPARATORS
More results

Similar Description - TLV2354MFK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2354 TI-TLV2354 Datasheet
300Kb / 20P
[Old version datasheet]   LinCMOSE QUADRUPLE LOW-VOLTAGE DIFFERENTIAL COMPARATORS
TLC354 TI-TLC354 Datasheet
183Kb / 11P
[Old version datasheet]   LinCMOSE QUADRUPLE DIFFERENTIAL COMPARATORS
TLC354 TI1-TLC354_14 Datasheet
634Kb / 18P
[Old version datasheet]   LinCMOSE QUADRUPLE DIFFERENTIAL COMPARATORS
TLV2352 TI-TLV2352 Datasheet
311Kb / 21P
[Old version datasheet]   LinCMOSE DUAL LOW-VOLTAGE DIFFERENTIAL COMPARATORS
TLV2352 TI1-TLV2352_15 Datasheet
861Kb / 24P
[Old version datasheet]   LinCMOSE DUAL LOW-VOLTAGE DIFFERENTIAL COMPARATORS
TLC372 TI-TLC372 Datasheet
183Kb / 12P
[Old version datasheet]   LinCMOSE DUAL DIFFERENTIAL COMPARATORS
TLC372 TI1-TLC372_16 Datasheet
1Mb / 28P
[Old version datasheet]   LinCMOSE DUAL DIFFERENTIAL COMPARATORS
TLC372 TI1-TLC372_14 Datasheet
1Mb / 27P
[Old version datasheet]   LinCMOSE DUAL DIFFERENTIAL COMPARATORS
logo
Linear Dimensions Semic...
LND339 LINEAR_DIMENSIONS-LND339 Datasheet
124Kb / 5P
   Quadruple Differential Comparators
logo
Texas Instruments
TLC374 TI-TLC374_V01 Datasheet
1Mb / 28P
[Old version datasheet]   LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com