Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2354IPW Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2354IPW
Description  LinCMOSE QUADRUPLE LOW-VOLTAGE DIFFERENTIAL COMPARATORS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2354IPW Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV2354IPW Datasheet HTML 3Page - Texas Instruments TLV2354IPW Datasheet HTML 4Page - Texas Instruments TLV2354IPW Datasheet HTML 5Page - Texas Instruments TLV2354IPW Datasheet HTML 6Page - Texas Instruments TLV2354IPW Datasheet HTML 7Page - Texas Instruments TLV2354IPW Datasheet HTML 8Page - Texas Instruments TLV2354IPW Datasheet HTML 9Page - Texas Instruments TLV2354IPW Datasheet HTML 10Page - Texas Instruments TLV2354IPW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
TLV2354, TLV2354Y
LinCMOS
™ QUADRUPLE LOW-VOLTAGE DIFFERENTIAL COMPARATORS
SLCS012C – MAY 1992 – REVISED AUGUST 2000
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature
TLV2354M
PARAMETER
TEST CONDITIONS
TA‡
VDD = 3 V
VDD = 5 V
UNIT
A
MIN
TYP
MAX
MIN
TYP
MAX
VIO
Input offset voltage
VIC =VICRmin
See Note 4
25
°C
1
5
1
5
mV
VIO
Input offset voltage
VIC = VICRmin,
See Note 4
Full range
10
10
mV
IIO
Input offset current
25
°C
1
1
pA
IIO
Input offset current
125
°C
10
10
nA
IIB
Input bias current
25
°C
5
5
pA
IIB
Input bias current
125
°C
20
20
nA
Common mode input
25
°C
0 to 2
0 to 4
VICR
Common-mode input
voltage range
Full range
0 to
1.75
0 to
3.75
V
IOH
High-level output
VID =1V
25
°C
0.1
0.1
nA
IOH
g
current
VID = 1 V
Full range
1
1
µA
VOL
Low-level output
VID =1 V
IOL =2mA
25
°C
115
300
150
400
mA
VOL
voltage
VID = – 1 V,
IOL = 2 mA
Full range
600
700
mA
IOL
Low-level output
current
VID = – 1 V,
VOL = 1.5 V
25
°C
6
16
6
16
mA
IDD
Supply current
VID =1V
No load
25
°C
240
500
290
600
µA
IDD
Supply current
VID = 1 V,
No load
Full range
700
800
µA
† All characteristics are measured with zero common-mode input voltage unless otherwise noted.
‡ Full range is – 55
°C to 125°C. IMPORTANT: See Parameter Measurement Information.
NOTE 4: The offset voltage limits given are the maximum values required to drive the output above 4 V with VDD = 5 V, 2 V with VDD = 3 V, or
below 400 mV with a 10-k
Ω resistor between the output and VDD. They can be verified by applying the limit value to the input and
checking for the appropriate output state.
switching characteristics, VDD = 3 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TLV2354M
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Response time
RL = 5.1 kΩ,
CL = 100 pF§,
100 mV input step with 5 mV overdrive
1400
ns
Response time
See Note 5
L
100-mV input step with 5-mV overdrive
1400
ns
§ CL includes probe and jig capacitance.
NOTE 5: The response time specified is the interval between the input step function and the instant when the output crosses VO = 1 V with
VDD = 3 V or when the output crosses VO = 1.4 with VDD = 5 V.
switching characteristics, VDD = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TLV2354M
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Response time
RL = 5.1 kΩ,
CL = 100 pF§,
100-mV input step with 5-mV overdrive
1300
ns
Response time
L
See Note 5
L
,
TTL-level input step
900
ns
§ CL includes probe and jig capacitance.
NOTE 5: The response time specified is the interval between the input step function and the instant when the output crosses VO = 1 V with
VDD = 3 V or when the output crosses VO = 1.4 with VDD = 5 V.


Similar Part No. - TLV2354IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2354IPWLE TI-TLV2354IPWLE Datasheet
300Kb / 20P
[Old version datasheet]   LinCMOSE QUADRUPLE LOW-VOLTAGE DIFFERENTIAL COMPARATORS
More results

Similar Description - TLV2354IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2354 TI-TLV2354 Datasheet
300Kb / 20P
[Old version datasheet]   LinCMOSE QUADRUPLE LOW-VOLTAGE DIFFERENTIAL COMPARATORS
TLC354 TI-TLC354 Datasheet
183Kb / 11P
[Old version datasheet]   LinCMOSE QUADRUPLE DIFFERENTIAL COMPARATORS
TLC354 TI1-TLC354_14 Datasheet
634Kb / 18P
[Old version datasheet]   LinCMOSE QUADRUPLE DIFFERENTIAL COMPARATORS
TLV2352 TI-TLV2352 Datasheet
311Kb / 21P
[Old version datasheet]   LinCMOSE DUAL LOW-VOLTAGE DIFFERENTIAL COMPARATORS
TLV2352 TI1-TLV2352_15 Datasheet
861Kb / 24P
[Old version datasheet]   LinCMOSE DUAL LOW-VOLTAGE DIFFERENTIAL COMPARATORS
TLC372 TI-TLC372 Datasheet
183Kb / 12P
[Old version datasheet]   LinCMOSE DUAL DIFFERENTIAL COMPARATORS
TLC372 TI1-TLC372_16 Datasheet
1Mb / 28P
[Old version datasheet]   LinCMOSE DUAL DIFFERENTIAL COMPARATORS
TLC372 TI1-TLC372_14 Datasheet
1Mb / 27P
[Old version datasheet]   LinCMOSE DUAL DIFFERENTIAL COMPARATORS
logo
Linear Dimensions Semic...
LND339 LINEAR_DIMENSIONS-LND339 Datasheet
124Kb / 5P
   Quadruple Differential Comparators
logo
Texas Instruments
TLC374 TI-TLC374_V01 Datasheet
1Mb / 28P
[Old version datasheet]   LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com