Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DO1605T-822ML Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # DO1605T-822ML
Description  SMT Power Inductors ??DO1605T
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

DO1605T-822ML Datasheet(HTML) 2 Page - Coilcraft lnc.

  DO1605T-822ML Datasheet HTML 1Page - Coilcraft lnc. DO1605T-822ML Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
0.01
0.1
110
0.1
1
10
100
1000
10000
Frequency (MHz)
100 µH
10 µH
1µH
1000 µH
0.01
0.1
110
Current (A)
0.1
1
10
100
1000
10000
100 µH
10 µH
1µH
1000 µH
SMT Power Inductors – DO1605T Series
Typical L vs Frequency
Typical L vs Current
Document 253-2
Document 253-2 Revised 10/08/08
0.071
1,8
0.029
0,74
0.148
3,76
max
0.173
4,4
0.187
4,76
0.039
1,0
0.216
5,5
max
0.165
4,2
max
Recommended
Land Pattern
Internal
code
Dash
number
Irms Derating
-40
-20
020406080
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Dimensions are in
inches
mm


Similar Part No. - DO1605T-822ML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DO1605T-822ML COILCRAFT-DO1605T-822ML Datasheet
218Kb / 2P
   SMT Power Inductors
DO1605T-822MLB COILCRAFT-DO1605T-822MLB Datasheet
230Kb / 2P
   SMT Power Inductors - DO1605T
DO1605T-822MLC COILCRAFT-DO1605T-822MLC Datasheet
230Kb / 2P
   SMT Power Inductors - DO1605T
DO1605T-822MLD COILCRAFT-DO1605T-822MLD Datasheet
230Kb / 2P
   SMT Power Inductors - DO1605T
More results

Similar Description - DO1605T-822ML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DO1605T-153MLC COILCRAFT-DO1605T-153MLC Datasheet
230Kb / 2P
   SMT Power Inductors - DO1605T
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com