Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DR0810-394L Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # DR0810-394L
Description  Power Inductors ??DR0810 Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

DR0810-394L Datasheet(HTML) 1 Page - Coilcraft lnc.

  DR0810-394L Datasheet HTML 1Page - Coilcraft lnc. DR0810-394L Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Document 275-3
Document 275-3 Revised 05/07/13
PowerInductors–DR0810Series
Inductance2
DCR max
SRF typ3
Isat (A)4
Irms (A)5
Part number1
(µH)
(Ohms)
(MHz)
10% drop 20% drop 30% drop
20°C rise 40°C rise
DR0810-332L
3.3 ±20%
0.010
47
8.9
10.2
11.0
7.0
9.5
DR0810-472L
4.7 ±20%
0.012
33
7.4
8.5
9.3
6.4
8.8
DR0810-562L
5.6 ±20%
0.017
28
6.2
7.4
8.2
5.8
8.1
DR0810-682L
6.8 ±20%
0.018
26
5.6
6.7
7.4
5.2
7.4
DR0810-822L
8.2 ±20%
0.019
25
5.2
6.2
6.8
4.6
6.7
DR0810-103L
10 ±10%
0.026
23
5.1
6.1
6.6
4.0
6.0
DR0810-123L
12 ±10%
0.030
20
4.0
4.6
5.1
3.8
5.7
DR0810-153L
15 ±10%
0.035
18
3.8
4.5
5.0
3.5
5.3
DR0810-183L
18 ±10%
0.038
15
3.5
4.1
4.5
3.3
5.0
DR0810-223L
22 ±10%
0.046
14
3.4
4.0
4.4
3.1
4.6
DR0810-273L
27 ±10%
0.070
11
3.1
3.7
4.0
2.8
4.3
DR0810-333L
33 ±10%
0.080
10
2.9
3.4
3.7
2.6
3.9
DR0810-393L
39 ±10%
0.088
10
2.5
2.9
3.2
2.4
3.6
DR0810-473L
47 ±10%
0.10
9.5
2.3
2.7
3.0
2.1
3.2
DR0810-563L
56 ±10%
0.15
8.0
1.9
2.2
2.5
1.9
2.9
DR0810-683L
68 ±10%
0.17
7.0
2.0
2.3
2.5
1.7
2.5
DR0810-823L
82 ±10%
0.20
7.0
1.7
2.0
2.2
1.4
2.2
DR0810-104L
100 ±10%
0.22
6.0
1.5
1.8
2.0
1.2
1.8
DR0810-124L
120 ±10%
0.29
5.0
1.2
1.5
1.6
1.1
1.7
DR0810-154L
150 ±10%
0.34
4.5
1.1
1.4
1.5
1.1
1.6
DR0810-184L
180 ±10%
0.38
4.0
1.1
1.3
1.4
1.0
1.5
DR0810-224L
220 ±10%
0.44
4.0
1.0
1.2
1.3
0.93
1.40
DR0810-274L
270 ±10%
0.62
3.8
0.90
1.1
1.2
0.86
1.28
DR0810-334L
330 ±10%
0.70
3.6
0.88
1.0
1.1
0.80
1.20
DR0810-394L
390 ±10%
0.88
3.0
0.86
0.98
1.0
0.73
1.10
DR0810-474L
470 ±10%
1.00
2.7
0.78
0.90
0.99
0.66
0.97
DR0810-564L
560 ±10%
1.11
2.5
0.72
0.85
0.93
0.60
0.86
DR0810-684L
680 ±10%
1.45
2.5
0.62
0.72
0.79
0.53
0.76
DR0810-824L
820 ±10%
1.70
2.1
0.54
0.67
0.72
0.46
0.66
DR0810-105L
1000 ±10%
2.20
2.1
0.50
0.63
0.69
0.40
0.55
1. To order parts packaged in optional fanfold tape (800 parts per box), add the
letter “F” at the end of the part number, e.g. DR0810-824LF
2. Inductance tested at 100 kHz, 0.1 Vrms, 0 Adc on an Agilent/HP 4284A LCR-
meter or equivalent.
3. SRF measured using an Agilent/HP 4191A or equilvalent.
4. DC current at which the inductance drops the specified amount from its value
without current
5. Current that causes the specified temperature rise from 25°C ambient.
6. Electrical specifications at 25°C.
• Smallfootprintpowerinductorsdesignedformaximumefficiency
and low cost.
• Ideal for noise filtering in power amplifiers, power supplies and
speaker crossover networks.
• Inductance values from 3.3 to 1000 µH, most at 10% tolerance
• Current ratings up to 7.5 Amps with only 0.010 Ohms DCR
• Industry-standard pin spacings; protective PVC sleeve
Core material Ferrite
Terminations RoHS compliant tin-silver over copper
Weight: 2.0 – 2.7 g
Ambient temperature –40°C to +85°C with Irms current, +85°C to
+125°C with derated current
Storage temperature Component: –40°C to +125°C.
Tray packaging: –40°C to +80°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 300 parts per tray; 800 parts in optional fan-fold tape
PCB washing Tested with pure water or alcohol only. For other solvents,
see Doc787_PCB_Washing.pdf


Similar Part No. - DR0810-394L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DR0810-394L COILCRAFT-DR0810-394L Datasheet
215Kb / 2P
   Power Inductors
More results

Similar Description - DR0810-394L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DC1012 COILCRAFT-DC1012_13 Datasheet
193Kb / 2P
   Power Inductors ??DC1012 Series
RFC1010 COILCRAFT-RFC1010_15 Datasheet
477Kb / 3P
   Power Inductors ??RFC1010 Series
DR0608 COILCRAFT-DR0608_13 Datasheet
240Kb / 2P
   Power Inductors ??DR0608 Series
logo
List of Unclassifed Man...
RCH875 ETC1-RCH875 Datasheet
21Kb / 1P
   RCH Series Power Inductors
logo
Coilcraft lnc.
XPL2010-103MLB COILCRAFT-XPL2010-103MLB Datasheet
169Kb / 2P
   Power Inductors . XPL2010 Series
RFC0810 COILCRAFT-RFC0810_15 Datasheet
449Kb / 3P
   Power Inductors ??RFC0810 Series
RFC0807 COILCRAFT-RFC0807_15 Datasheet
419Kb / 3P
   Power Inductors ??RFC0807 Series
logo
Bourns Electronic Solut...
SDR6603-221M BOURNS-SDR6603-221M Datasheet
344Kb / 2P
   SDR6603 Series - SMD Power Inductors
SRP1270 BOURNS-SRP1270 Datasheet
288Kb / 3P
   SRP1270 Series - Shielded Power Inductors
logo
Coilcraft lnc.
DO3316P-224MLB COILCRAFT-DO3316P-224MLB Datasheet
210Kb / 2P
   SMT Power Inductors - DO3316P Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com