Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DC1012-123L Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # DC1012-123L
Description  Power Inductors ??DC1012 Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

DC1012-123L Datasheet(HTML) 1 Page - Coilcraft lnc.

  DC1012-123L Datasheet HTML 1Page - Coilcraft lnc. DC1012-123L Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Power Inductors – DC1012 Series
Document 147 -1
Document 147-1 Revised 07/31/12
These power inductors are especially effective as DC-DC
converter boost or buck inductors and as output ripple filter
chokes in all types of switching power supplies.
They are ideal for applications through hole, cost effective
power inductors. The vertical style helps to save printed
circuit board area.The large inductance available per size
makes these parts ideal for all sorts of energy storage,
smoothing, and EMI reduction applications.
The Coilcraft DC1012 Series includes a wide range of
EIA standard inductance values. Custom versions may
also be available.
Coilcraft
Designer’s Kit P410 contains three samples of
all the standard parts shown. To order, contact Coilcraft
or visit
http://order.coilcraft.com.
Part
Inductance2
DCR max
SRF typ
Isat (A)3
Irms (A)4
number1
±10% (µH)
(Ohms)
(MHz)
10% drop 20% drop 30% drop
20°C rise 40°C rise
DC1012-103L
10
0.026
35
4.80
5.58
5.94
3.5
4.6
DC1012-123L
12
0.030
25
4.52
5.20
5.60
3.1
4.3
DC1012-153L
15
0.035
18
3.92
4.50
4.84
2.8
4.2
DC1012-183L
18
0.038
15
3.65
4.25
4.47
2.7
3.7
DC1012-223L
22
0.046
13
3.37
3.81
4.17
2.6
3.6
DC1012-273L
27
0.070
12
2.97
3.37
3.64
2.2
2.9
DC1012-333L
33
0.080
11
2.67
3.10
3.37
2.0
2.7
DC1012-393L
39
0.088
10
2.45
2.85
3.05
1.9
2.6
DC1012-473L
47
0.100
9.0
2.25
2.65
2.85
1.8
2.4
DC1012-563L
56
0.15
8.0
2.06
2.35
2.48
1.7
2.1
DC1012-683L
68
0.17
7.0
1.90
2.08
2.28
1.6
1.9
DC1012-823L
82
0.20
6.0
1.75
2.03
2.10
1.5
1.7
DC1012-104L
100
0.22
5.5
1.56
1.76
1.87
1.2
1.5
DC1012-124L
120
0.29
5.0
1.30
1.62
1.72
0.92
1.4
DC1012-154L
150
0.34
4.5
1.28
1.45
1.54
0.90
1.3
DC1012-184L
180
0.38
4.0
1.17
1.34
1.44
0.81
1.2
DC1012-224L
220
0.44
3.5
1.07
1.22
1.31
0.72
1.0
DC1012-274L
270
0.62
3.25
0.96
1.11
1.19
0.70
0.90
DC1012-334L
330
0.70
3.0
0.86
0.99
1.06
0.68
0.88
Weight: 2.1 – 3.0 g
Terminations RoHS tin-silver (96.5/3.5) over tin over copper over steel
Ambient temperature –40°C to +85°C with
Irms current. +85°C to
+125°C with derated current
Storage temperature range Component: –40°C to +125°C
Tray packaging: –40°C to +80°C
Packaging 100 parts per tray
1. When ordering, please specify
termination code:
DC1012-334L
Termination:
L = RoHS compliant tin-silver (96.5/3.5) over tin over
copper over steel.
Special order:
S = non-RoHS tin-lead (63/37).
2. Tested at 100 kHz, 0.1 Vrms, 0 Adc.
3. DC current at which inductance drops the specified amount from its
value without current.
4. Current that causes the specified temperature rise from 25°C ambient.
5. Electrical specifications at 25°C.


Similar Part No. - DC1012-123L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DC1012-123L COILCRAFT-DC1012-123L Datasheet
72Kb / 1P
   Power Inductors
More results

Similar Description - DC1012-123L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
RFC1010 COILCRAFT-RFC1010_15 Datasheet
477Kb / 3P
   Power Inductors ??RFC1010 Series
DR0608 COILCRAFT-DR0608_13 Datasheet
240Kb / 2P
   Power Inductors ??DR0608 Series
logo
List of Unclassifed Man...
RCH875 ETC1-RCH875 Datasheet
21Kb / 1P
   RCH Series Power Inductors
logo
Coilcraft lnc.
XPL2010-103MLB COILCRAFT-XPL2010-103MLB Datasheet
169Kb / 2P
   Power Inductors . XPL2010 Series
DR0810 COILCRAFT-DR0810_13 Datasheet
255Kb / 2P
   Power Inductors ??DR0810 Series
RFC0810 COILCRAFT-RFC0810_15 Datasheet
449Kb / 3P
   Power Inductors ??RFC0810 Series
RFC0807 COILCRAFT-RFC0807_15 Datasheet
419Kb / 3P
   Power Inductors ??RFC0807 Series
logo
Bourns Electronic Solut...
SDR6603-221M BOURNS-SDR6603-221M Datasheet
344Kb / 2P
   SDR6603 Series - SMD Power Inductors
SRP1270 BOURNS-SRP1270 Datasheet
288Kb / 3P
   SRP1270 Series - Shielded Power Inductors
logo
Coilcraft lnc.
DO3316P-224MLB COILCRAFT-DO3316P-224MLB Datasheet
210Kb / 2P
   SMT Power Inductors - DO3316P Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com