Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

164-01A06L Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # 164-01A06L
Description  5 mm Tunable Inductor ??1 64, 165 Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

164-01A06L Datasheet(HTML) 2 Page - Coilcraft lnc.

  164-01A06L_13 Datasheet HTML 1Page - Coilcraft lnc. 164-01A06L_13 Datasheet HTML 2Page - Coilcraft lnc. 164-01A06L_13 Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Document 110-2 Revised 08/31/09
Document 110-2
Part
No core
at L max3
at L min4
Freq
No core SRF
Irms6
number1
Color
Turns
L (nH)2 Q min5 L (nH)2 Q min5 L (nH)2 Q min5
(MHz)
min (MHz)
(A)
164-01A06L
Brown
11/2
19
145
19
145
16
112
150
2000
7.2
164-02A06L
Red
21/2
34
138
34
138
26
96
150
1260
5.1
164-03A06L
Orange
31/2
55
130
55
130
38
79
150
960
4.4
164-04A06L
Yellow
41/2
77
119
77
119
52
72
150
850
3.7
164-05A06L
Green
51/2
101
108
99
86
65
64
150
770
3.6
164-06A06L
Blue
61/2
128
107
126
75
83
60
100
730
3.3
164-07A06L
Violet
71/2
156
106
150
68
97
57
100
640
3.1
164-08A06L
Gray
81/2
183
100
178
62
112
53
100
570
2.9
164-09A06L
White
91/2
216
100
190
62
131
53
100
540
2.7
164-10A06L
Black
101/2
248
92
223
55
148
51
100
490
2.5
164-11A06L
Brown
111/2
281
92
246
55
170
51
100
360
2.3
165-00A06L
Black
1
/2
9
147
9
147
9
131
150
6000
8.1
165-01A06L
Brown
11/2
18
145
18
145
15
112
150
2850
6.5
165-02A06L
Red
21/2
32
143
32
143
25
92
150
1860
4.9
165-03A06L
Orange
31/2
48
138
45
135
33
84
150
1410
4.2
165-04A06L
Yellow
41/2
64
133
60
114
43
76
150
1130
3.8
165-05A06L
Green
51/2
83
125
78
110
54
73
150
820
3.6
165-06A06L
Blue
61/2
103
120
90
94
68
70
150
800
3.4
165-07A06L
Violet
71/2
122
115
105
92
79
69
150
770
3.1
5 mm Tunable Inductor—Unshielded
Frequency (MHz)
Frequency (MHz)
20
40
60
80 100
200
400
20
40
60
80 100
200
400
180
160
140
120
100
80
60
40
20
10
180
160
140
120
100
80
60
40
20
10
11
07
05
03
01
11
05
03
01
Frequency (MHz)
Frequency (MHz)
20
40
60
80 100
200
400
20
40
60
80 100
200
400
180
160
140
120
100
80
60
40
20
10
180
160
140
120
100
80
60
40
20
10
07
04
02
00
07
04
02
00
Typical Q vs Frequency
164 Series No Core
164 Series Al Core
165 Series No Core
165 Series Al Core
Notes:
1. To order fixed inductance parts without
cores, eliminate the “A06”, e.g. 164-01.
2. Inductance measured on Agilent/HP 4286A
Impedance Analyzer with 16092A Spring
Clip Fixture.
3. L max measured with core halfway out top of
form.
4. L min measured with core centered in
winding.
5. Q measured on Agilent/HP 4286A with
16092A fixture, direct connect to Agilent/
HP 4342A Q-Meter and Meguro MQ-171
Q-Meter with 0.5
″ bus bars.
6. Current that causes a 15°C rise above 25°C
ambient.
7. Electrical specifications 25°C.


Similar Part No. - 164-01A06L_13

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
164-01A06L COILCRAFT-164-01A06L Datasheet
276Kb / 3P
   5 mm Tunable Inductor
More results

Similar Description - 164-01A06L_13

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
164-01A06L COILCRAFT-164-01A06L Datasheet
276Kb / 3P
   5 mm Tunable Inductor
logo
Yantel Corporation
1331 YANTEL-1331 Datasheet
137Kb / 2P
   SMD RF Manual Tunable Inductor
1334 YANTEL-1334 Datasheet
125Kb / 2P
   SMD RF Manual Tunable Inductor
2615 YANTEL-2615 Datasheet
133Kb / 2P
   SMD RF Manual Tunable Inductor
2711 YANTEL-2711 Datasheet
143Kb / 2P
   SMD RF Manual Tunable Inductor
2712 YANTEL-2712 Datasheet
143Kb / 2P
   SMD RF Manual Tunable Inductor
1332 YANTEL-1332 Datasheet
145Kb / 2P
   SMD RF Manual Tunable Inductor
1330 YANTEL-1330 Datasheet
147Kb / 2P
   SMD RF Manual Tunable Inductor
2612 YANTEL-2612 Datasheet
148Kb / 2P
   SMD RF Manual Tunable Inductor
1333 YANTEL-1333 Datasheet
134Kb / 2P
   SMD RF Manual Tunable Inductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com