Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5912Q2.8DRVRQ1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LP5912Q2.8DRVRQ1
Description  LP5912-Q1 500-mA Ultra-Low-Noise LDO for RF and Analog Circuits ??Requires No Bypass Capacitor
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5912Q2.8DRVRQ1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP5912Q2.8DRVRQ1 Datasheet HTML 3Page - Texas Instruments LP5912Q2.8DRVRQ1 Datasheet HTML 4Page - Texas Instruments LP5912Q2.8DRVRQ1 Datasheet HTML 5Page - Texas Instruments LP5912Q2.8DRVRQ1 Datasheet HTML 6Page - Texas Instruments LP5912Q2.8DRVRQ1 Datasheet HTML 7Page - Texas Instruments LP5912Q2.8DRVRQ1 Datasheet HTML 8Page - Texas Instruments LP5912Q2.8DRVRQ1 Datasheet HTML 9Page - Texas Instruments LP5912Q2.8DRVRQ1 Datasheet HTML 10Page - Texas Instruments LP5912Q2.8DRVRQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
7
LP5912-Q1
www.ti.com
SNVSAA8B – DECEMBER 2015 – REVISED JUNE 2016
Product Folder Links: LP5912-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
VIN = VOUT(NOM) + 0.5 V or 1.6 V, whichever is greater; VEN = 1.3 V, CIN = 1 µF, COUT = 1 µF, IOUT = 1 mA (unless otherwise
stated).
(1)(2)(3)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TRANSITION CHARACTERISTICS
ΔVOUT
Line transients(9)
For VIN ↑ and VOUT(NOM) ≥ 1.1 V:
VIN = (VOUT(NOM) + 0.5 V) to (VOUT(NOM) + 1.1 V),
VIN trise = 30 µs
1
mV
For VIN ↑ and VOUT(NOM) < 1.1 V:
VIN = 1.6 V to 2.2 V,
VIN trise = 30 µs
For VIN ↓ and VOUT(NOM) ≥ 1.1 V:
VIN = (VOUT(NOM) + 1.1 V) to (VOUT(NOM) + 0.5 V)
VIN tfall = 30 µs
–1
For VIN ↓ and VOUT(NOM) < 1.1 V:
VIN = 2.2 V to 1.6 V
VIN tfall = 30 µs
Load transients(9)
IOUT = 5 mA to 500 mA
IOUT trise = 10 µs
–45
mV
IOUT = 500 mA to 5 mA
IOUT tfall = 10 µs
45
Overshoot on start-up(9)
Stated as a percentage of VOUT(NOM)
5%
tON
Turnon time
From VEN > VEN(ON) to VOUT = 95% of VOUT(NOM)
200
µs
OUTPUT AUTO DISCHARGE RATE
RAD
Output discharge pulldown
resistance
VEN = 0 V, VIN = 3.6 V
100
Ω
(1)
The minimum capacitance must be greater than 0.5
μF over full range of operating conditions. The capacitor tolerance must be 30% or
better over the full temperature range. The full range of operating conditions for the capacitor in the application must be considered
during device selection to ensure this minimum capacitance specification is met. X7R capacitors are recommended however capacitor
types X5R, Y5V, and Z5U may be used with consideration of the application conditions.
(2)
This specification is verified by design.
7.6 Output and Input Capacitors
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN(1)
TYP
MAX
UNIT
CIN
Input capacitance(2)
Capacitance for stability
0.7
1
µF
COUT
Output capacitance(2)
0.7
1
10
µF
ESR
Output voltage(2)
5
500
m
Ω


Similar Part No. - LP5912Q2.8DRVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5912Q2.8DRVRQ1 TI1-LP5912Q2.8DRVRQ1 Datasheet
2Mb / 33P
[Old version datasheet]   Automotive 500-mA Low-Noise, Low-IQ LDO
LP5912Q2.8DRVRQ1 TI1-LP5912Q2.8DRVRQ1 Datasheet
2Mb / 33P
[Old version datasheet]   Automotive 500-mA Low-Noise, Low-IQ LDO
More results

Similar Description - LP5912Q2.8DRVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5912 TI1-LP5912 Datasheet
2Mb / 33P
[Old version datasheet]   LP5912 500-mA Ultra-Low-Noise LDO for RF and Analog Circuits ??Requires No Bypass Capacitor
LP5900 TI1-LP5900 Datasheet
1Mb / 30P
[Old version datasheet]   LP5900 150-mA Ultra-Low-Noise LDO for RF and Analog Circuits - Requires No Bypass Capacitor
LP5910 TI1-LP5910 Datasheet
1Mb / 29P
[Old version datasheet]   LP5910 300-mA Ultra-Low-Noise LDO for RF and Analog Circuits - Requires No Bypass Capacitor
LP5907-Q1 TI1-LP5907-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   LP5907-Q1 250-mA Ultra-Low-Noise LDO for RF and Analog Circuits - Requires No
LP5907-Q1 TI-LP5907-Q1_15 Datasheet
1Mb / 23P
[Old version datasheet]   LP5907-Q1 Ultra Low-Noise, 250-mA Linear Regulator for RF and Analog Circuits - Requires No Bypass Capacitor
logo
National Semiconductor ...
LP5900 NSC-LP5900 Datasheet
645Kb / 10P
   Ultra Low Noise, 100 mA Linear Regulator for RF/Analog Circuits Requires No Bypass Capacitor
logo
Texas Instruments
LP5904 TI-LP5904_15 Datasheet
1Mb / 23P
[Old version datasheet]   Ultra Low Noise, 200 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
LP5904 TI1-LP5904 Datasheet
4Mb / 17P
[Old version datasheet]   Ultra Low Noise, 200 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
LP5907 TI1-LP5907 Datasheet
774Kb / 13P
[Old version datasheet]   Ultra Low-Noise, 250 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
LP5904 TI1-LP5904_16 Datasheet
1Mb / 23P
[Old version datasheet]   Ultra Low Noise, 200 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com