Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK2711-SP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLK2711-SP
Description  TLK2711-SP 1.6-Gbps to 2.5-Gbps Class V Transceiver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK2711-SP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLK2711-SP Datasheet HTML 6Page - Texas Instruments TLK2711-SP Datasheet HTML 7Page - Texas Instruments TLK2711-SP Datasheet HTML 8Page - Texas Instruments TLK2711-SP Datasheet HTML 9Page - Texas Instruments TLK2711-SP Datasheet HTML 10Page - Texas Instruments TLK2711-SP Datasheet HTML 11Page - Texas Instruments TLK2711-SP Datasheet HTML 12Page - Texas Instruments TLK2711-SP Datasheet HTML 13Page - Texas Instruments TLK2711-SP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
TXD0−TXD15
2 V
0.8 V
2 V
0.8 V
TXCLK
TKLSB, TKMSB,
tsu
th
tf
tr
0 V
3.6 V
0 V
3.6 V
tr
tf
10
TLK2711-SP
SGLS307O – JULY 2006 – REVISED MARCH 2016
www.ti.com
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
7.7 Reference Clock (TXCLK) Timing Requirements
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
Frequency
Receiver data rate / 20
–100
100
ppm
Frequency tolerance
–100
100
ppm
Duty cycle
40%
50%
60%
Jitter
Peak to peak
40
ps
(1)
Nonproduction tested parameters
7.8 TTL Output Switching Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = –2 mA, VDD = MIN
2.1
2.3
V
VOL
Low-level output voltage
IOL = 2 mA, VDD = MIN
0.25
0.5
V
tr(slew)
Slew rate (rising), magnitude of RXCLK, RKLSB,
RKMSB, RXD0 to RXD15
0.8 V to 2 V, C = 5 pF, See Figure 2
0.5
V/ns
tf(slew)
Slew rate (falling), magnitude of RXCLK, RKLSB,
RKMSB, RXD0 to RXD15
0.8 V to 2 V, C = 5 pF, See Figure 2
0.5
V/ns
tsu
RXD0 to RXD15, RKMSB, RKLSB setup to
RXCLK
50% voltage swing, TXCLK = 80 MHz,
See Figure 2 (1)
3
ns
50% voltage swing, TXCLK = 125 MHz,
See Figure 2 (1)
2.5
th
RXD0 to RXD15, RKMSB, RKLSB hold to
↑ RXCLK
50% voltage swing, TXCLK = 80 MHz,
See Figure 2 (1)
3
ns
50% voltage swing, TXCLK = 125 MHz,
See Figure 2 (1)
2
Figure 1. TTL Data Input Valid Levels for AC Measurements


Similar Part No. - TLK2711-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK2711-SP TI-TLK2711-SP Datasheet
310Kb / 21P
[Old version datasheet]   1.6-Gbps to 2.5-Gbps Class V Transceiver
TLK2711-SP TI1-TLK2711-SP_15 Datasheet
414Kb / 29P
[Old version datasheet]   1.6-Gbps to 2.5-Gbps Class V Transceiver
More results

Similar Description - TLK2711-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK2711-SP TI1-TLK2711-SP_15 Datasheet
414Kb / 29P
[Old version datasheet]   1.6-Gbps to 2.5-Gbps Class V Transceiver
TLK2711-SP TI-TLK2711-SP Datasheet
310Kb / 21P
[Old version datasheet]   1.6-Gbps to 2.5-Gbps Class V Transceiver
TLK2500 TI1-TLK2500 Datasheet
297Kb / 10P
[Old version datasheet]   1.6 Gbps to 2.5 Gbps TRANSCEIVER
TLK2500IRCP TI-TLK2500IRCP Datasheet
268Kb / 20P
[Old version datasheet]   1.6 Gbps to 2.5 Gbps TRANSCEIVER
TLK3101 TI1-TLK3101_16 Datasheet
612Kb / 28P
[Old version datasheet]   2.5 Gbps to 3.125 Gbps TRANSCEIVER
TLK3101 TI-TLK3101 Datasheet
322Kb / 24P
[Old version datasheet]   2.5 Gbps to 3.125 Gbps TRANSCEIVER
TLK2711JRZQE TI1-TLK2711JRZQE Datasheet
619Kb / 27P
[Old version datasheet]   1.6 TO 2.7 GBPS TRANSCEIVER
TLK2711IRCP TI-TLK2711IRCP Datasheet
634Kb / 27P
[Old version datasheet]   1.6 TO 2.7 GBPS TRANSCEIVER
TLK2701 TI-TLK2701 Datasheet
291Kb / 21P
[Old version datasheet]   1.6 TO 2.7 GBPS TRANSCEIVER
TLK2701 TI1-TLK2701_16 Datasheet
858Kb / 27P
[Old version datasheet]   1.6 TO 2.7 GBPS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com