Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2422MFK Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV2422MFK
Description  Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE MICROPOWER DUAL OPERATIONAL AMPLIFIERS
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2422MFK Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV2422MFK Datasheet HTML 4Page - Texas Instruments TLV2422MFK Datasheet HTML 5Page - Texas Instruments TLV2422MFK Datasheet HTML 6Page - Texas Instruments TLV2422MFK Datasheet HTML 7Page - Texas Instruments TLV2422MFK Datasheet HTML 8Page - Texas Instruments TLV2422MFK Datasheet HTML 9Page - Texas Instruments TLV2422MFK Datasheet HTML 10Page - Texas Instruments TLV2422MFK Datasheet HTML 11Page - Texas Instruments TLV2422MFK Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
TLV2422, TLV2422A
Advanced LinCMOS
 RAIL-TO-RAIL OUTPUT
WIDE-INPUT-VOLTAGE MICROPOWER DUAL OPERATIONAL AMPLIFIERS
SLOS199C – SEPTEMBER1997 – REVISED APRIL 2001
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
TLV2422Q,
TLV2422M
TLV2422AQ,
TLV2422AM
UNIT
A
MIN
TYP
MAX
MIN
TYP
MAX
VIO
Input offset voltage
25
°C
300
2000
300
950
µV
VIO
Input offset voltage
Full range
2500
1800
µV
αVIO
Temperature
coefficient of input
Full range
2
2
µV/°C
αVIO
coefficient of input
offset voltage
Full range
2
2
µV/°C
Input offset voltage
long-term drift (see
Note 4)
VIC = 0,
VO = 0,
VDD ± = ± 1.5 V,
RS = 50 Ω
25
°C
0.003
0.003
µV/mo
IIO
Input offset current
25
°C
0.5
60
0.5
60
pA
IIO
Input offset current
Full range
150
150
pA
IIB
Input bias current
25
°C
1
60
1
60
pA
IIB
Input bias current
Full range
300
300
pA
VICR
Common-mode input
|VIO| ≤ 5mV
RS =50 Ω
25
°C
0
to
2.5
–0.25
to
2.75
0
to
2.5
–0.25
to
2.75
V
VICR
voltage range
|VIO| ≤ 5 mV,
RS = 50 Ω
Full range
0
to
2.2
0
to
2.2
V
Hi h l
l
t
t
IOH = – 100 µA
25
°C
2.97
2.97
VOH
High-level output
voltage
IOH = 500 µA
25
°C
2.75
2.75
V
voltage
IOH = – 500 µA
Full range
2.5
2.5
Lll
t
t
VIC = 0,
IOL = 100 µA
25
°C
0.05
0.05
VOL
Low-level output
voltage
VIC =0
IOL = 250 µA
25
°C
0.2
0.2
V
voltage
VIC = 0,
IOL = 250 µA
Full range
0.5
0.5
Large-signal
V1 5 V
R10 k
Ω‡
25
°C
6
10
6
10
AVD
Large signal
differential voltage
VIC = 1.5 V,
VO =1Vto2V
RL = 10 kه
Full range
2
2
V/mV
VD
amplification
VO = 1 V to 2 V
RL = 1 Mه
25
°C
700
700
ri(d)
Differential input
resistance
25
°C
1012
1012
ri(c)
Common-mode input
resistance
25
°C
1012
1012
ci(c)
Common-mode input
capacitance
f = 10 kHz
25
°C
8
8
pF
zo
Closed-loop output
impedance
f = 100 kHz,
AV = 10
25
°C
130
130
CMRR
Common-mode
VIC = VICR min, VO = 1.5 V,
25
°C
70
83
70
83
dB
CMRR
rejection ratio
IC
ICR
,
O
,
RS = 50 Ω
Full range
70
70
dB
kSVR
Supply-voltage
rejection ratio
VDD = 2.7 V to 8 V,
25
°C
80
95
80
95
dB
kSVR
rejection ratio
(
∆VDD/∆VIO)
DD
,
VIC = VDD /2,
No load
Full range
80
80
dB
IDD
Supply current
VO =1 5V
No load
25
°C
100
150
100
150
µA
IDD
Supply current
VO = 1.5 V,
No load
Full range
175
175
µA
† Full range is – 40
°C to 125°C for Q level part, –55°C to 125°C for M level part.
‡ Referenced to 1.5 V
NOTE 4: Typical values are based on the input offset voltage shift observed through 500 hours of operating life test at TA = 150°C extrapolated
to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV.


Similar Part No. - TLV2422MFK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2422MFK TI-TLV2422MFK Datasheet
621Kb / 35P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE MICROPOWER DUAL OPERATIONAL AMPLIFIERS
More results

Similar Description - TLV2422MFK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2422-Q1 TI1-TLV2422-Q1 Datasheet
550Kb / 28P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE MICROPOWER DUAL OPERATIONAL AMPLIFIERS
TLV2422-Q1 TI1-TLV2422-Q1_15 Datasheet
553Kb / 28P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE MICROPOWER DUAL OPERATIONAL AMPLIFIERS
TLV2442 TI-TLV2442_07 Datasheet
865Kb / 39P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2442-Q1 TI1-TLV2442-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2442 TI1-TLV2442_16 Datasheet
1Mb / 45P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2432-Q1 TI1-TLV2432-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2442-Q1 TI1-TLV2442-Q1_16 Datasheet
1Mb / 37P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2432-Q1 TI1-TLV2432-Q1 Datasheet
943Kb / 34P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2432 TI1-TLV2432_15 Datasheet
1Mb / 44P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2422 TI-TLV2422 Datasheet
621Kb / 35P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE MICROPOWER DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com