Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2432A Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2432A
Description  Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2432A Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV2432A Datasheet HTML 2Page - Texas Instruments TLV2432A Datasheet HTML 3Page - Texas Instruments TLV2432A Datasheet HTML 4Page - Texas Instruments TLV2432A Datasheet HTML 5Page - Texas Instruments TLV2432A Datasheet HTML 6Page - Texas Instruments TLV2432A Datasheet HTML 7Page - Texas Instruments TLV2432A Datasheet HTML 8Page - Texas Instruments TLV2432A Datasheet HTML 9Page - Texas Instruments TLV2432A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
TLV2432-Q1, TLV2432A-Q1, TLV2434-Q1, TLV2434A-Q1
Advanced LinCMOS
™ RAIL-TO-RAIL OUTPUT
WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
SGLS182B − SEPTEMBER 2003 − REVISED NOVEMBER 2010
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics at specified free-air temperature, VDD = 3 V
PARAMETER
TEST CONDITIONS
TA†
TLV243x-Q1,
TLV243xA-Q1
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
SR
Slew rate at unity gain
VO = 1 V to 2 V,
RL = 2 kΩ,
25°C
0.15
0.25
V/ s
SR
Slew rate at unity gain
VO = 1 V to 2 V,
CL = 100 pF
RL = 2 kΩ,
Full range
0.1
V/μs
V
Equivalent input noise voltage
f = 10 Hz
25°C
120
nV/√Hz
Vn
Equivalent input noise voltage
f = 1 kHz
25°C
22
nV/√Hz
V
Peak-to-peak equivalent input noise
f = 0.1 Hz to 1 Hz
25°C
2.7
V
VN(PP)
Peak to peak equivalent input noise
voltage
f = 0.1 Hz to 10 Hz
25°C
4
μV
In
Equivalent input noise current
25°C
0.6
fA√Hz
THD N Total harmonic distortion plus noise
VO = 0.5 V to 2.5 V,
f 1 kHz
AV = 1
25°C
0.065%
THD + N Total harmonic distortion plus noise
f = 1 kHz,
RL = 2 kΩ
AV = 10
25°C
0.5%
Gain-bandwidth product
f = 10 kHz,
CL = 100 pF
RL = 2 kΩ,
25°C
0.5
MHz
BOM
Maximum output-swing bandwidth
VO(PP) = 1 V,
RL = 2 kΩ,
AV = 1,
CL = 100 pF
25°C
220
kHz
AV = −1,
To 0 1%
64
t
Settling time
AV = −1,
Step = 0.5 V to 2.5 V,
To 0.1%
25°C
6.4
s
ts
Settling time
Step = 0.5 V to 2.5 V,
RL = 2 kΩ,
To 0 01%
25°C
14 1
μs
RL = 2 kΩ ,
CL = 100 pF
To 0.01%
14.1
φm
Phase margin at unity gain
R
2 kΩ
C
100 pF
25°C
62°
Gain margin
RL = 2 kه,
CL = 100 pF
25°C
11
dB
Full range is −40°C to 125°C for Q level part.
Referenced to 2.5 V


Similar Part No. - TLV2432A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2432A TI-TLV2432A Datasheet
623Kb / 34P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2432A TI1-TLV2432A Datasheet
1Mb / 44P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2432A-Q1 TI1-TLV2432A-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2432AID TI-TLV2432AID Datasheet
623Kb / 34P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2432AID TI1-TLV2432AID Datasheet
1Mb / 44P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
More results

Similar Description - TLV2432A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2442 TI-TLV2442_07 Datasheet
865Kb / 39P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2442-Q1 TI1-TLV2442-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2442 TI1-TLV2442_16 Datasheet
1Mb / 45P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2442-Q1 TI1-TLV2442-Q1_16 Datasheet
1Mb / 37P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2432-Q1 TI1-TLV2432-Q1 Datasheet
943Kb / 34P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2432 TI1-TLV2432_15 Datasheet
1Mb / 44P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2422-Q1 TI1-TLV2422-Q1 Datasheet
550Kb / 28P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE MICROPOWER DUAL OPERATIONAL AMPLIFIERS
TLV2422 TI1-TLV2422_16 Datasheet
1Mb / 41P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE MICROPOWER DUAL OPERATIONAL AMPLIFIERS
TLV2422-Q1 TI1-TLV2422-Q1_15 Datasheet
553Kb / 28P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE MICROPOWER DUAL OPERATIONAL AMPLIFIERS
TLC2272A-Q1 TI-TLC2272A-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com