Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2444A Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2444A
Description  Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2444A Datasheet(HTML) 5 Page - Texas Instruments

  TLV2444A Datasheet HTML 1Page - Texas Instruments TLV2444A Datasheet HTML 2Page - Texas Instruments TLV2444A Datasheet HTML 3Page - Texas Instruments TLV2444A Datasheet HTML 4Page - Texas Instruments TLV2444A Datasheet HTML 5Page - Texas Instruments TLV2444A Datasheet HTML 6Page - Texas Instruments TLV2444A Datasheet HTML 7Page - Texas Instruments TLV2444A Datasheet HTML 8Page - Texas Instruments TLV2444A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
ELECTRICAL CHARACTERISTICS
TLV2442-Q1
,, TLV2442A-Q1
TLV2444A-Q1
www.ti.com........................................................................................................................................... SGLS181C – SEPTEMBER 2003 – REVISED AUGUST 2009
VDD = 3 V, at specified free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
(1)
MIN
TYP
MAX
UNIT
25°C
300
2000
TLV244x
Full range
2500
VIC = 1.5 V, VO = 1.5 V,
VIO
Input offset voltage
µV
RS = 50 Ω
25°C
300
950
TLV244xA
Full range
1600
Temperature coefficient of
α
VIO
VIC = 1.5 V, VO = 1.5 V, RS = 50 Ω
25°C to 85°C
2
µV/°C
input offset voltage
Input offset voltage
VIC = 1.5 V, VO = 1.5 V, RS = 50 Ω
25°C
0.002
µV/mo
long-term drift(2)
25°C
0.5
IIO
Input offset current
VIC = 1.5 V, VO = 1.5 V, RS = 50 Ω
pA
Full range
150
25°C
1
IIB
Input bias current
VIC = 1.5 V, VO = 1.5 V, RS = 50 Ω
pA
Full range
260
0 to –0.25 to
25°C
Common-mode input
2.25
2.5
VICR
|VIO| ≤ 8 mV, RS = 50 Ω
V
voltage range
Full range
0.2 to 2
IO = –100 µA
25°C
2.98
VOH
High-level output voltage
25°C
2.5
V
IO = –3 mA
Full range
2.25
IO = 100 µA
25°C
0.02
VOL
Low-level output voltage
VIC = 1.5 V
25°C
0.63
V
IO = 3 mA
Full range
1
25°C
0.7
1
RL = 600 Ω
Large-signal differential
AVD
VO = 1 V to 2 V
Full range
0.4
V/mV
voltage amplification
RL = 1 MΩ
25°C
750
rid
Differential input resistance
25°C
1000
G
Common-mode input
ri
25°C
1000
G
resistance
Common-mode input
ci
f = 10 kHz
25°C
8
pF
capacitance
Closed-loop output
zo
f = 1 MHz, AV = 10
25°C
130
impedance
25°C
65
75
Common-mode rejection
CMRR
VIC = VICR MIN, VO = VDD/2, RS = 50 Ω
dB
ratio
Full range
50
25°C
80
95
Supply-voltage rejection
kSVR
VDD = 2.7 V to 8 V, VIC = VDD/2, No load
dB
ratio (
ΔVDD±/ΔVIO)
Full range
80
25°C
725
1100
Supply current
IDD
VO = 1.5 V, No load
µA
(per channel)
Full range
1100
(1)
Full range is –40°C to 125°C.
(2)
Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated to
TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV.
Copyright © 2003–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TLV2442-Q1 TLV2442A-Q1 TLV2444A-Q1


Similar Part No. - TLV2444A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2444A TI-TLV2444A Datasheet
535Kb / 29P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2444A TI-TLV2444A Datasheet
865Kb / 39P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2444A TI1-TLV2444A Datasheet
1Mb / 45P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2444A-Q1 TI1-TLV2444A-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2444AID TI-TLV2444AID Datasheet
535Kb / 29P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
More results

Similar Description - TLV2444A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2442 TI-TLV2442_07 Datasheet
865Kb / 39P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2442-Q1 TI1-TLV2442-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2442 TI1-TLV2442_16 Datasheet
1Mb / 45P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2432-Q1 TI1-TLV2432-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2432-Q1 TI1-TLV2432-Q1 Datasheet
943Kb / 34P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2432 TI1-TLV2432_15 Datasheet
1Mb / 44P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2422-Q1 TI1-TLV2422-Q1 Datasheet
550Kb / 28P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE MICROPOWER DUAL OPERATIONAL AMPLIFIERS
TLV2422 TI1-TLV2422_16 Datasheet
1Mb / 41P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE MICROPOWER DUAL OPERATIONAL AMPLIFIERS
TLV2422-Q1 TI1-TLV2422-Q1_15 Datasheet
553Kb / 28P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE MICROPOWER DUAL OPERATIONAL AMPLIFIERS
TLC2272A-Q1 TI-TLC2272A-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com