Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4116 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 4116
Description  A Fairchild Power Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

4116 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  4116 Datasheet HTML 1Page - Fairchild Semiconductor 4116 Datasheet HTML 2Page - Fairchild Semiconductor 4116 Datasheet HTML 3Page - Fairchild Semiconductor 4116 Datasheet HTML 4Page - Fairchild Semiconductor 4116 Datasheet HTML 5Page - Fairchild Semiconductor 4116 Datasheet HTML 6Page - Fairchild Semiconductor 4116 Datasheet HTML 7Page - Fairchild Semiconductor 4116 Datasheet HTML 8Page - Fairchild Semiconductor 4116 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AN4116
APPLICATION NOTE
4
©2002 Fairchild Semiconductor Corporation
by 4.5V (from 3V to 7.5V) using 2
µA. When Cfb is 47nF,
delay time is approximately 100ms. Fairchild Power Switch
will not shut down within this time. Increasing Cfb to get a
longer delay time can become a problem, because Cfb is an
important parameter in determining the SMPS dynamic
response time.
One method to delay the shutdown time is to add a resistor
between the F/B pin and GND and to subtract the amount of
the delay current. When the 4. 7M
Ω resistor was used
experimentally with Cfb of 47nF, shutdown time was almost
doubled to 180~200ms. When Vfb voltage is 7.5V, the
current flowing to the 4.7M
Ω resistor is approximately
1.6
µA.
To obtain the same results, a zener diode (approx. 3.9V) can
be series connected to a capacitor (47nF) which can then be
parallel connected to Cfb as shown in Figure 2.4.
Figure 2-4. Fairchild Power Switch (FPS) Long Delayed Shutdown
+
-
3
2
1
D2
Cfb
Cd
KA431
8
0.9mA
0
0
0
Idelay
7.5V
Vz=3.9V
Vo
D1
Fairchild Power Switch(SPS)
1
2
3
4
OLP
Latch
0
2uA
Vfb
4
Vfb*
(LM431)
2.3.2 Over Voltage Protection
Fairchild Power Switch has self protection features that
function even when abnormal states occur such as an open or
short circuits in the feedback loop. When the feedback
terminal shorts as viewed from the primary side, the
feedback terminal voltage becomes zero and prevents
switching from starting. If it opens, the protection circuit acts
as an over voltage protection circuit. When there is an
abnormal state or a possibility of opening due to improper
soldering etc. in the secondary side feedback circuit, the
primary side continues to switch using the maximum set
current until the protection circuit starts to operate. In such
instances, it is common for the secondary side voltage to
become greater than the rated voltage, which can lead to a
fuse blowing or, more seriously, a fire if a protection circuit
is not in place. Even if this was not the case, ICs immediately
connected to the secondary output without a regulator can be
destroyed. Therefore, the Fairchild Power Switch employs
the over voltage protection circuit to protect against
feedback anomalies. The Fairchild Power Switch VCC is
proportional to the output voltage. When the Fairchild Power
Switch VCC exceeds 33V, the over voltage protection feature
is triggered. Therefore, VCC must be maintained at less than
30V during normal operation.
2.3.3 Over Current Protection (OCP).
The existing concept of Ipeak control does not go beyond
limiting the amount of current during normal operation. The
OCP block prevents damage to Fairchild Power Switch from
abnormal states, such as a diode or a load short. A diode or a
load short causes a large current to flow through the
SenseFet for a short time. This can be tens of amperes. The
leading edge blanking circuit sets the minimum turn on time
at 600nS.
Tens of amperes for 600nS could destroy the
Fairchild Power Switch and so the OCL block senses this
instantaneous current and latches like the existing protection
circuit.


Similar Part No. - 4116

ManufacturerPart #DatasheetDescription
logo
3M Electronics
4116 3M-4116 Datasheet
31Kb / 8P
   Single-Coated Foam Tapes
logo
Bourns Electronic Solut...
4116H-R2R-503 BOURNS-4116H-R2R-503 Datasheet
60Kb / 1P
   R/2R Ladder Networks
4116H-R2R-503 BOURNS-4116H-R2R-503 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
4116H-R2R-503 BOURNS-4116H-R2R-503 Datasheet
254Kb / 4P
   4800P Series - Thick Film Surface Mounted Medium Body
4116H-R2R-503 BOURNS-4116H-R2R-503 Datasheet
254Kb / 4P
   4800P Series - Thick Film Surface Mounted Medium Body
More results

Similar Description - 4116

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN4116 FAIRCHILD-AN4116 Datasheet
251Kb / 12P
   A Fairchild Power Switch
KA5L0565RYDTU FAIRCHILD-KA5L0565RYDTU Datasheet
250Kb / 10P
   Fairchild Power Switch
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com