Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK1201AI Datasheet(PDF) 5 Page - Texas Instruments

Part # TLK1201AI
Description  Single Monolithic PLL Design
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK1201AI Datasheet(HTML) 5 Page - Texas Instruments

  TLK1201AI Datasheet HTML 1Page - Texas Instruments TLK1201AI Datasheet HTML 2Page - Texas Instruments TLK1201AI Datasheet HTML 3Page - Texas Instruments TLK1201AI Datasheet HTML 4Page - Texas Instruments TLK1201AI Datasheet HTML 5Page - Texas Instruments TLK1201AI Datasheet HTML 6Page - Texas Instruments TLK1201AI Datasheet HTML 7Page - Texas Instruments TLK1201AI Datasheet HTML 8Page - Texas Instruments TLK1201AI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
www.ti.com
DETAILED DESCRIPTION
Data Transmission
Transmission Latency
Next 10-Bit Code
TXP, TXN
TD(0−9)
REFCLK
td(Tx latency)
10-Bit Code
b9
b8
b7
b0
b1
b2
b3
Measured 10-Bits
TLK1201ARCP, TLK1201AIRCP
ETHERNET TRANSCEIVERS
SLLS580D – FEBRUARY 2004 – REVISED SEPTEMBER 2007
Terminal Functions (continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
POWER
VDD
5, 10,
Supply
Digital logic power. Provides power for all digital circuitry and digital I/O buffers.
20, 23,
29, 37,
42, 50,
63
VDDA
53, 57,
Supply
Analog power. VDDA provides power for the high-speed analog circuits, receiver, and transmitter
59, 60
VDDPLL
18
Supply
PLL power. Provides power for the PLL circuitry. This terminal requires additional filtering.
GROUND
GND
1, 14,
Ground
Digital logic ground. Provides a ground for the logic circuits and digital I/O buffers.
21,25,
33, 46
GNDA
51, 58
Ground
Analog ground. GNDA provides a ground for the high-speed analog circuits RX and TX.
GNDPLL
64
Ground
PLL ground. Provides a ground for the PLL circuitry.
This device supports both the defined 10-bit interface (TBI) and a reduced 5-bit interface utilizing DDR clocking.
When MODESEL is low, the TBI mode is selected. When MODESEL is high, the DDR mode is selected.
In the TBI mode, the transmitter portion registers incoming 10-bit wide data words (8b/10b encoded data,
TD0–TD9) on the rising edge of REFCLK. The REFCLK is also used by the serializer, which multiplies the clock
by a factor of 10, providing a signal that is fed to the shift register. The 8b/10b encoded data is transmitted
sequentially bits 0 through 9 over the differential high-speed I/O channel.
In the DDR mode, the transmitter accepts 5-bit wide 8b/10b encoded data on pins TD0–TD4. In this mode, data
is aligned to both the rising and falling edges of REFCLK. The data is then formed into a 10-bit wide word and
sent to the serializer. The rising edge REFCLK clocks in bits 0–4, and the falling edge of REFCLK clocks in bits
5–9. Bit 0 is the first bit transmitted.
Data transmission latency is defined as the delay from the initial 10-bit word load to the serial transmission of bit
9. The minimum latency in TBI mode is 19 bit times. The maximum latency in TBI mode is 20 bit times. The
minimum latency in DDR mode is 29 bit times, and maximum latency in DDR mode is 30 bit times.
Figure 1. Transmitter Latency Full Rate Mode
Copyright © 2004–2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TLK1201ARCP TLK1201AIRCP


Similar Part No. - TLK1201AI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK1201AIRCP TI-TLK1201AIRCP Datasheet
272Kb / 21P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK1201AIRCP TI1-TLK1201AIRCP Datasheet
790Kb / 23P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK1201AIRCPG4 TI1-TLK1201AIRCPG4 Datasheet
790Kb / 23P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK1201AIRCPR TI-TLK1201AIRCPR Datasheet
272Kb / 21P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK1201AIRCPR TI1-TLK1201AIRCPR Datasheet
790Kb / 23P
[Old version datasheet]   ETHERNET TRANSCEIVERS
More results

Similar Description - TLK1201AI

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
JET-870-05 ROITHNER-JET-870-05 Datasheet
516Kb / 2P
   single chip design
JET-870-10 ROITHNER-JET-870-10 Datasheet
515Kb / 2P
   single chip design
JET-635-05 ROITHNER-JET-635-05 Datasheet
517Kb / 2P
   single chip design
JET-635-10 ROITHNER-JET-635-10 Datasheet
519Kb / 2P
   single chip design
JET-660-12 ROITHNER-JET-660-12 Datasheet
652Kb / 2P
   single chip design
JET-735-05 ROITHNER-JET-735-05 Datasheet
515Kb / 2P
   single chip design
JET-800-10 ROITHNER-JET-800-10 Datasheet
515Kb / 2P
   single chip design
JET-660-05 ROITHNER-JET-660-05 Datasheet
520Kb / 2P
   single chip design
JET-730-10 ROITHNER-JET-730-10 Datasheet
532Kb / 2P
   Single Chip Design
JET-685-10 ROITHNER-JET-685-10 Datasheet
518Kb / 2P
   single chip design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com