Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5008 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5008
Description  High Voltage (100V) Step Down Switching Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5008 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM5008 Datasheet HTML 7Page - National Semiconductor (TI) LM5008 Datasheet HTML 8Page - National Semiconductor (TI) LM5008 Datasheet HTML 9Page - National Semiconductor (TI) LM5008 Datasheet HTML 10Page - National Semiconductor (TI) LM5008 Datasheet HTML 11Page - National Semiconductor (TI) LM5008 Datasheet HTML 12Page - National Semiconductor (TI) LM5008 Datasheet HTML 13Page - National Semiconductor (TI) LM5008 Datasheet HTML 14Page - National Semiconductor (TI) LM5008 Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Applications Information (Continued)
false triggering of the V
CC UVLO at the buck switch on/off
transitions. For this reason, C3 should be no smaller than 0.1
µF.
C2, and R3: When selecting the output filter capacitor C2,
the items to consider are ripple voltage due to its ESR, ripple
voltage due to its capacitance, and the nature of the load.
a) ESR and R3: A low ESR for C2 is generally desirable so
as to minimize power losses and heating within the capaci-
tor. However, a hysteretic regulator requires a minimum
amount of ripple voltage at the feedback input for proper loop
operation. For the LM5008 the minimum ripple required at
pin 5 is 25 mV p-p, requiring a minimum ripple at V
OUT1 of
100 mV. Since the minimum ripple current (at minimum Vin)
is 34 mA p-p, the minimum ESR required at V
OUT1 is 100mV/
34mA = 2.94
Ω. Since quality capacitors for SMPS applica-
tions have an ESR considerably less than this, R3 is inserted
as shown in Figure 1. R3’s value, along with C2’s ESR, must
result in at least 25 mV p-p ripple at pin 5. Generally, R3 will
be 0.5 to 3.0
Ω.
b) Nature of the Load: The load can be connected to V
OUT1
or V
OUT2.VOUT1 provides good regulation, but with a ripple
voltage which ranges from 100 mV (@ Vin = 12V) to 500mV
(@Vin = 95V). Alternatively, V
OUT2 provides low ripple, but
lower regulation due to R3.
For a maximum allowed ripple voltage of 100 mVp-p at
V
OUT2 (@ Vin = 95V), assume an ESR of 0.4
Ω for C2. At
maximum Vin, the ripple current is 181 mAp-p, creating a
ripple voltage of 72 mVp-p. This leaves 28 mVp-p of ripple
due to the capacitance. The average current into C2 due to
the ripple current is calculated using the waveform in Figure
12.
Starting when the current reaches Io (300 mA in Figure 12)
half way through the on-time, the current continues to in-
crease to the peak (391 mA), and then decreases to 300 mA
half way through the off-time. The average value of this
portion of the waveform is 45.5mA, and will cause half of the
voltage ripple, or 14 mV. The interval is one half of the
frequency cycle time, or 2.23 µs. Using the capacitor’s basic
equation:
C=Ix
∆t/ ∆V
the minimum value for C2 is 7.2 µF. The ripple due to C2’s
capacitance is 90˚ out of phase from the ESR ripple, and the
two numbers do not add directly. However, this calculation
provides a practical minimum value for C2 based on its ESR,
and the target spec. To allow for the capacitor’s tolerance,
temperature effects, and voltage effects, a 15 µF, X7R ca-
pacitor will be used.
c) In summary: The above calculations provide a minimum
value for C2, and a calculation for R3. The ESR is just as
important as the capacitance. The calculated values are
guidelines, and should be treated as starting points. For
each application, experimentation is needed to determine
the optimum values for R3 and C2.
R
CL: When a current limit condition is detected, the minimum
off-time set by this resistor must be greater than the maxi-
mum normal off-time which occurs at maximum Vin. Using
equation 2, the minimum on-time is 0.470 µs, yielding a
maximum off-time of 3.99 µs. This is increased by 117 ns (to
4.11 µs) due to a ±25% tolerance of the on-time. This value
is then increased to allow for:
The response time of the current limit detection loop
(400ns),
The off-time determined by equation 3 has a ±25% toler-
ance,
t
OFFCL(MIN) = (4.11 µs + 0.40µs) x 1.25 = 5.64 µs
Using equation 3, R
CL calculates to 264k
Ω (at V
FB = 2.5V).
The closest standard value is 267 k
Ω.
D1: The important parameters are reverse recovery time and
forward voltage. The reverse recovery time determines how
long the reverse current surge lasts each time the buck
switch is turned on. The forward voltage drop is significant in
the event the output is short-circuited as it is only this diode’s
voltage which forces the inductor current to reduce during
the forced off-time. For this reason, a higher voltage is better,
although that affects efficiency. A good choice is an ultrafast
power diode, such as the MURA110T3 from ON Semicon-
ductor. Its reverse recovery time is 30ns, and its forward
voltage drop is approximately 0.72V at 300 mA at 25˚C.
Other types of diodes may have a lower forward voltage
drop, but may have longer recovery times, or greater reverse
leakage. D1’s reverse voltage rating must be at least as
great as the maximum Vin, and its current rating be greater
than the maximum current limit threshold (610 mA).
C1: This capacitor’s purpose is to supply most of the switch
current during the on-time, and limit the voltage ripple at Vin,
on the assumption that the voltage source feeding Vin has
an output impedance greater than zero. At maximum load
current, when the buck switch turns on, the current into pin 8
will suddenly increase to the lower peak of the output current
waveform, ramp up to the peak value, then drop to zero at
turn-off. The average input current during this on-time is the
load current (300 mA). For a worst case calculation, C1 must
20097926
FIGURE 12. Inductor Current Waveform
www.national.com
11


Similar Part No. - LM5008

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5008 NSC-LM5008 Datasheet
389Kb / 16P
   High Voltage (100V) Step Down Switching Regulator
logo
Texas Instruments
LM5008 TI1-LM5008 Datasheet
1Mb / 21P
[Old version datasheet]   High Voltage (100V) Step Down Switching Regulator
LM5008 TI1-LM5008 Datasheet
1Mb / 24P
[Old version datasheet]   Step-Down Switching Regulator
logo
National Semiconductor ...
LM5008A NSC-LM5008A Datasheet
402Kb / 16P
   100V, 350 mA Constant On-Time Buck Switching Regulator
logo
Texas Instruments
LM5008A TI-LM5008A Datasheet
1Mb / 23P
[Old version datasheet]   100-V 350-mA Constant On-Time Buck Switching Regulator
More results

Similar Description - LM5008

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5008 TI1-LM5008_14 Datasheet
1Mb / 21P
[Old version datasheet]   High Voltage (100V) Step Down Switching Regulator
logo
National Semiconductor ...
LM5008 NSC-LM5008_09 Datasheet
389Kb / 16P
   High Voltage (100V) Step Down Switching Regulator
logo
Texas Instruments
LM5008EP TI1-LM5008EP Datasheet
384Kb / 16P
[Old version datasheet]   High Voltage (100V) Step Down Switching Regulator
logo
National Semiconductor ...
LM5009 NSC-LM5009 Datasheet
637Kb / 14P
   150 mA, 100V Step-Down Switching Regulator
LM5009 NSC-LM5009_08 Datasheet
345Kb / 16P
   150 mA, 100V Step-Down Switching Regulator
logo
ON Semiconductor
LV5771QA ONSEMI-LV5771QA Datasheet
222Kb / 12P
   Step-down Voltage Switching Regulator
May, 2013
logo
National Semiconductor ...
LM5010A NSC-LM5010A Datasheet
775Kb / 17P
   High Voltage 1A Step Down Switching Regulator
logo
Texas Instruments
LM5007 TI-LM5007 Datasheet
994Kb / 17P
[Old version datasheet]   High Voltage (80V) Step Down Switching Regulator
logo
National Semiconductor ...
LM5007 NSC-LM5007_08 Datasheet
280Kb / 12P
   High Voltage (80V) Step Down Switching Regulator
LM5010 NSC-LM5010 Datasheet
453Kb / 19P
   High Voltage 1A Step Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com