Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5008SD Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5008SD
Description  High Voltage (100V) Step Down Switching Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5008SD Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM5008SD Datasheet HTML 6Page - National Semiconductor (TI) LM5008SD Datasheet HTML 7Page - National Semiconductor (TI) LM5008SD Datasheet HTML 8Page - National Semiconductor (TI) LM5008SD Datasheet HTML 9Page - National Semiconductor (TI) LM5008SD Datasheet HTML 10Page - National Semiconductor (TI) LM5008SD Datasheet HTML 11Page - National Semiconductor (TI) LM5008SD Datasheet HTML 12Page - National Semiconductor (TI) LM5008SD Datasheet HTML 13Page - National Semiconductor (TI) LM5008SD Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Current Limit
The LM5008 contains an intelligent current limit OFF timer. If
the current in the Buck switch exceeds 0.5A the present
cycle is immediately terminated, and a non-resetable OFF
timer is initiated. The length of off-time is controlled by an
external resistor (R
CL) and the FB voltage (see Figure 5).
When FB = 0V, a maximum off-time is required, and the time
is preset to 35µs. This condition occurs when the output is
shorted, and during the initial part of start-up. This amount of
time ensures safe short circuit operation up to the maximum
input voltage of 95V. In cases of overload where the FB
voltage is above zero volts (not a short circuit) the current
limit off-time will be less than 35µs. Reducing the off-time
during less severe overloads reduces the amount of fold-
back, recovery time, and the start-up time. The off-time is
calculated from the following equation:
T
OFF =10
-5 / (0.285 + (V
FB /6.35x10
-6 xR
CL))
(3)
The current limit sensing circuit is blanked for the first 50-
70ns of each on-time so it is not falsely tripped by the current
surge which occurs at turn-on. The current surge is required
by the re-circulating diode (D1) for its turn-off recovery.
N - Channel Buck Switch and
Driver
The LM5008 integrates an N-Channel Buck switch and as-
sociated floating high voltage gate driver. The gate driver
circuit works in conjunction with an external bootstrap ca-
pacitor and an internal high voltage diode. A 0.01µF ceramic
capacitor (C4) connected between the BST pin and SW pin
provides the voltage to the driver during the on-time.
During each off-time, the SW pin is at approximately 0V, and
the bootstrap capacitor charges from Vcc through the inter-
nal diode. The minimum OFF timer, set to 300ns, ensures a
minimum time each cycle to recharge the bootstrap capaci-
tor.
An external re-circulating diode (D1) carries the inductor
current after the internal Buck switch turns off. This diode
must be of the Ultra-fast or Schottky type to minimize turn-on
losses and current over-shoot.
Thermal Protection
The LM5008 should be operated so the junction temperature
does not exceed 125˚C during normal operation. An internal
Thermal Shutdown circuit is provided to protect the LM5008
in the event of a higher than normal junction temperature.
When activated, typically at 165˚C, the controller is forced
into a low power reset state, disabling the buck switch and
the V
CC regulator. This feature prevents catastrophic failures
from accidental device overheating. When the junction tem-
perature reduces below 140˚C (typical hysteresis = 25˚C),
the Vcc regulator is enabled, and normal operation is re-
sumed.
Applications Information
SELECTION OF EXTERNAL COMPONENTS
A guide for determining the component values will be illus-
trated with a design example. Refer to Figure 1. The follow-
ing steps will configure the LM5008 for:
Input voltage range (Vin): 12V to 95V
Output voltage (V
OUT1): 10V
Load current (for continuous conduction mode): 100 mA
to 300 mA
Maximum ripple at V
OUT2: 100 mVp-p at maximum input
voltage
R1 and R2: From Figure 1,V
OUT1 =VFB x (R1 + R2) / R2,
and since V
FB = 2.5V, the ratio of R1 to R2 calculates as 3:1.
Standard values of 3.01 k
Ω (R1) and 1.00 kΩ (R2) are
chosen. Other values could be used as long as the 3:1 ratio
is maintained. The selected values, however, provide a small
amount of output loading (2.5 mA) in the event the main load
is disconnected. This allows the circuit to maintain regulation
until the main load is reconnected.
F
s and RON: The recommended operating frequency range
for the LM5008 is 50kHz to 600 kHz. Unless the application
requires a specific frequency, the choice of frequency is
generally a compromise since it affects the size of L1 and
C2, and the switching losses. The maximum allowed fre-
quency, based on a minimum on-time of 400 ns, is calcu-
lated from:
F
MAX =VOUT /VINMAX x 400ns
For this exercise, Fmax = 263kHz. From equation 1, R
ON
calculates to 304 k
Ω. A standard value 357 kΩ resistor will
be used to allow for tolerances in equation 1, resulting in a
frequency of 224kHz.
L1: The main parameter affected by the inductor is the
output current ripple amplitude. The choice of inductor value
therefore depends on both the minimum and maximum load
currents, keeping in mind that the maximum ripple current
occurs at maximum Vin.
a) Minimum load current: To maintain continuous conduc-
tion at minimum Io (100 mA), the ripple amplitude (I
OR) must
be less than 200 mA p-p so the lower peak of the waveform
does not reach zero. L1 is calculated using the following
equation:
At Vin = 95V, L1(min) calculates to 200 µH. The next larger
standard value (220 µH) is chosen and with this value I
OR
calculates to 181 mA p-p at Vin = 95V, and 34 mA p-p at Vin
= 12V.
b) Maximum load current: At a load current of 300 mA, the
peak of the ripple waveform must not reach the minimum
guaranteed value of the LM5008’s current limit threshold
(410 mA). Therefore the ripple amplitude must be less than
220 mA p-p, which is already satisfied in the above calcula-
tion. With L1 = 220 µH, at maximum Vin and Io, the peak of
the ripple will be 391 mA. While L1 must carry this peak
current without saturating or exceeding its temperature rat-
ing, it also must be capable of carrying the maximum guar-
anteed value of the LM5008’s current limit threshold (610
mA) without saturating, since the current limit is reached
during startup.
The DC resistance of the inductor should be as low as
possible. For example, if the inductor’s DCR is one ohm, the
power dissipated at maximum load current is 0.09W. While
small, it is not insignificant compared to the load power of
3W.
C3: The capacitor on the V
CC output provides not only noise
filtering and stability, but its primary purpose is to prevent
www.national.com
10


Similar Part No. - LM5008SD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5008SD NSC-LM5008SD Datasheet
389Kb / 16P
   High Voltage (100V) Step Down Switching Regulator
logo
Texas Instruments
LM5008SD TI1-LM5008SD Datasheet
1Mb / 24P
[Old version datasheet]   Step-Down Switching Regulator
LM5008SD/NOPB TI1-LM5008SD/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   Step-Down Switching Regulator
logo
National Semiconductor ...
LM5008SDC NSC-LM5008SDC Datasheet
389Kb / 16P
   High Voltage (100V) Step Down Switching Regulator
logo
Texas Instruments
LM5008SDC/NOPB TI1-LM5008SDC/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   Step-Down Switching Regulator
More results

Similar Description - LM5008SD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5008 TI1-LM5008_14 Datasheet
1Mb / 21P
[Old version datasheet]   High Voltage (100V) Step Down Switching Regulator
logo
National Semiconductor ...
LM5008 NSC-LM5008_09 Datasheet
389Kb / 16P
   High Voltage (100V) Step Down Switching Regulator
logo
Texas Instruments
LM5008EP TI1-LM5008EP Datasheet
384Kb / 16P
[Old version datasheet]   High Voltage (100V) Step Down Switching Regulator
logo
National Semiconductor ...
LM5009 NSC-LM5009 Datasheet
637Kb / 14P
   150 mA, 100V Step-Down Switching Regulator
LM5009 NSC-LM5009_08 Datasheet
345Kb / 16P
   150 mA, 100V Step-Down Switching Regulator
logo
ON Semiconductor
LV5771QA ONSEMI-LV5771QA Datasheet
222Kb / 12P
   Step-down Voltage Switching Regulator
May, 2013
logo
National Semiconductor ...
LM5010A NSC-LM5010A Datasheet
775Kb / 17P
   High Voltage 1A Step Down Switching Regulator
logo
Texas Instruments
LM5007 TI-LM5007 Datasheet
994Kb / 17P
[Old version datasheet]   High Voltage (80V) Step Down Switching Regulator
logo
National Semiconductor ...
LM5007 NSC-LM5007_08 Datasheet
280Kb / 12P
   High Voltage (80V) Step Down Switching Regulator
LM5010 NSC-LM5010 Datasheet
453Kb / 19P
   High Voltage 1A Step Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com