Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2544IPW Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2544IPW
Description  2.7 V TO 5.5 V, 12-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2544IPW Datasheet(HTML) 2 Page - Texas Instruments

  TLV2544IPW Datasheet HTML 1Page - Texas Instruments TLV2544IPW Datasheet HTML 2Page - Texas Instruments TLV2544IPW Datasheet HTML 3Page - Texas Instruments TLV2544IPW Datasheet HTML 4Page - Texas Instruments TLV2544IPW Datasheet HTML 5Page - Texas Instruments TLV2544IPW Datasheet HTML 6Page - Texas Instruments TLV2544IPW Datasheet HTML 7Page - Texas Instruments TLV2544IPW Datasheet HTML 8Page - Texas Instruments TLV2544IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
TLV2544, TLV2548
2.7V TO 5.5V, 12BIT, 200KSPS, 4/8CHANNEL, LOW POWER
SERIAL ANALOGTODIGITAL CONVERTERS WITH AUTOPOWERDOWN
SLAS198E − FEBRUARY 1999 − REVISED JUNE 2003
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
functional block diagram
Command
Decode
SDI
CS
FS
EOC/(INT)
Low Power
12-BIT
SAR ADC
Control Logic
CSTART
PWDN
VCC
GND
REFP
4/2 V
Reference
S/H
OSC
Conversion
Clock
M
U
X
FIFO
12 Bit
× 8
CFR
SCLK
SDO
2548
A0
A1
A2
A3
A4
A5
A6
A7
REFM
2544
A0
X
A1
X
A2
X
A3
X
CMR (4 MSBs)
INT
EXT
DIV
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
20-TSSOP
(PW)
20-SOIC
(DW)
16-SOIC
(D)
16-TSSOP
(PW)
20-CDIP
(J)
20-LCCC
(FK)
0
°C to 70°C
TLV2548CPW
TLV2548CDW
TLV2544CD
TLV2544CPW
−40
°C to 85°C
TLV2548IPW
TLV2548IDW
TLV2544ID
TLV2544IPW


Similar Part No. - TLV2544IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2544IPW TI-TLV2544IPW Datasheet
648Kb / 39P
[Old version datasheet]   2.7 V TO 5.5 V, 12-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLV2544IPW TI1-TLV2544IPW Datasheet
1Mb / 48P
[Old version datasheet]   Maximum Throughput 200-KSPS Built-In Reference, Conversion Clock and 8횞 FIFO
TLV2544IPWG4 TI1-TLV2544IPWG4 Datasheet
1Mb / 48P
[Old version datasheet]   Maximum Throughput 200-KSPS Built-In Reference, Conversion Clock and 8횞 FIFO
TLV2544IPWR TI1-TLV2544IPWR Datasheet
1Mb / 48P
[Old version datasheet]   Maximum Throughput 200-KSPS Built-In Reference, Conversion Clock and 8횞 FIFO
TLV2544IPWRG4 TI1-TLV2544IPWRG4 Datasheet
1Mb / 48P
[Old version datasheet]   Maximum Throughput 200-KSPS Built-In Reference, Conversion Clock and 8횞 FIFO
More results

Similar Description - TLV2544IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2544 TI-TLV2544 Datasheet
648Kb / 39P
[Old version datasheet]   2.7 V TO 5.5 V, 12-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLV1504 TI-TLV1504 Datasheet
638Kb / 42P
[Old version datasheet]   2.7 V TO 5.5 V, 10-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLV2541 TI-TLV2541 Datasheet
426Kb / 26P
[Old version datasheet]   2.7 V TO 5.5 V, LOW POWER, 12-BIT, 200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2541 TI1-TLV2541_14 Datasheet
1Mb / 33P
[Old version datasheet]   2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2542IDR TI-TLV2542IDR Datasheet
1Mb / 31P
[Old version datasheet]   2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2541IDR TI-TLV2541IDR Datasheet
1Mb / 30P
[Old version datasheet]   2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2544Q TI1-TLV2544Q Datasheet
623Kb / 37P
[Old version datasheet]   3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
TLV2544Q TI-TLV2544Q_07 Datasheet
863Kb / 41P
[Old version datasheet]   3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
TLV5616 TI1-TLV5616_12 Datasheet
845Kb / 28P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5627C TI-TLV5627C Datasheet
258Kb / 19P
[Old version datasheet]   2.7-V TO 5.5-V 8-BIT 4-CHANNEL DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com