Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV340x Datasheet(PDF) 7 Page - Texas Instruments

Part # TLV340x
Description  FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV340x Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV340x Datasheet HTML 3Page - Texas Instruments TLV340x Datasheet HTML 4Page - Texas Instruments TLV340x Datasheet HTML 5Page - Texas Instruments TLV340x Datasheet HTML 6Page - Texas Instruments TLV340x Datasheet HTML 7Page - Texas Instruments TLV340x Datasheet HTML 8Page - Texas Instruments TLV340x Datasheet HTML 9Page - Texas Instruments TLV340x Datasheet HTML 10Page - Texas Instruments TLV340x Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
TLV2702
TLV2704
SLOS340B – DECEMBER 2000 – REVISED AUGUST 2001
7
www.ti.com
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
VIO
Input offset voltage
vs Common-mode input voltage
1, 2
I
Input bias current
vs Free-air temperature
3, 5, 7
IIB
Input bias current
vs Common-mode input voltage
4, 6
I
Input offset current
vs Free-air temperature
3, 5, 7
IIO
Input offset current
vs Common-mode input voltage
4, 6
I
Supply current
vs Supply voltage
8
ICC
Supply current
vs Free-air temperature
9
Amplifier
CMRR
Common-mode rejection ratio
vs Frequency
10
VOH
High-level output voltage
vs High-level output current
11, 13
VOL
Low-level output voltage
vs Low-level output current
12, 14
VO(PP)
Output voltage, peak-to-peak
vs Frequency
15
PSRR
Power supply rejection ratio
vs Frequency
16
Voltage noise over a 10 Second Period
17
φm
Phase margin
vs Capacitive load
18
AVD
Differential voltage gain
vs Frequency
19
Phase
vs Frequency
19
Gain-bandwidth product
vs Supply voltage
20
SR
Slew rate
vs Free-air temperature
21
Large-signal follower pulse response
22
Small-signal follower pulse response
23
Large-signal inverting pulse response
24
Small-signal inverting pulse response
25
Comparator
VOH
High-level output voltage
vs High-level output current
26, 28
VOL
Low-level output voltage
vs Low-level output current
27, 29
Output rise/fall time
vs Supply voltage
30
Low-to-high level output response for various input overdrives
31, 33, 35
High-to-low level output response for various input overdrives
32, 34, 36


Similar Part No. - TLV340x

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV340X BURR-BROWN-TLV340X Datasheet
236Kb / 13P
   Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
logo
Texas Instruments
TLV340X TI-TLV340X Datasheet
326Kb / 12P
[Old version datasheet]   FAMILY OF NANNOPOWER PUSH=PULL OUTPUT COMPARATORS
TLV340x TI1-TLV340x Datasheet
897Kb / 21P
[Old version datasheet]   FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND OPEN DRAIN COMPARATORS
TLV340x TI1-TLV340x Datasheet
952Kb / 17P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
More results

Similar Description - TLV340x

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2702 TI1-TLV2702_14 Datasheet
621Kb / 27P
[Old version datasheet]   FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV2702 TI-TLV2702 Datasheet
429Kb / 23P
[Old version datasheet]   FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV3701 TI-TLV3701 Datasheet
304Kb / 15P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3701-Q1 TI1-TLV3701-Q1_14 Datasheet
952Kb / 18P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3701-Q1 TI1-TLV3701-Q1_15 Datasheet
952Kb / 17P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3701 TI1-TLV3701_15 Datasheet
1Mb / 26P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3701 TI1-TLV3701 Datasheet
1Mb / 26P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3702QDRG4Q1 TI-TLV3702QDRG4Q1 Datasheet
948Kb / 16P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV2302 TI1-TLV2302_14 Datasheet
897Kb / 21P
[Old version datasheet]   FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND OPEN DRAIN COMPARATORS
TLV2302 TI-TLV2302 Datasheet
396Kb / 22P
[Old version datasheet]   FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND OPEN DRAIN COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com