Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV370x Datasheet(PDF) 9 Page - Texas Instruments

Part # TLV370x
Description  FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV370x Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV370x Datasheet HTML 5Page - Texas Instruments TLV370x Datasheet HTML 6Page - Texas Instruments TLV370x Datasheet HTML 7Page - Texas Instruments TLV370x Datasheet HTML 8Page - Texas Instruments TLV370x Datasheet HTML 9Page - Texas Instruments TLV370x Datasheet HTML 10Page - Texas Instruments TLV370x Datasheet HTML 11Page - Texas Instruments TLV370x Datasheet HTML 12Page - Texas Instruments TLV370x Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
TLV2702
TLV2704
SLOS340B – DECEMBER 2000 – REVISED AUGUST 2001
9
www.ti.com
AMPLIFIER TYPICAL CHARACTERISTICS
Figure 10
0
20
40
60
80
100
120
COMMON-MODE REJECTION RATIO
vs
FREQUENCY
f – Frequency – Hz
1
10
100
1k
10k
VCC=2.7, 5, 15 V
RF=100 kΩ
RI=1 kΩ
Figure 11
1.2
1.5
1.8
2.1
2.4
2.7
0
50
100
150
200
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
TA = –40°C
IOH – High-Level Output Current – µA
VCC = 2.7 V
TA = –0°C
TA = 25 °C
TA = 70 °C
TA = 125 °C
Figure 12
0.00
0.25
0.50
0.75
1.00
1.25
1.50
0
50
100
150
200
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
IOL – Low-Level Output Current – µA
VCC = 2.7 V
TA =25 °C
TA = 0 °C
TA = –40°C
TA = 70 °C
TA = 125 °C
Figure 13
3.0
3.5
4.0
4.5
5.0
0
50
100
150
200
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
IOH – High-Level Output Current – µA
VCC = 5 V
TA = –40°C
TA = –0°C
TA = 25 °C
TA = 70 °C
TA = 125 °C
Figure 14
0.00
0.25
0.50
0.75
1.00
1.25
1.50
0
50
100
150
200
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
IOL – Low-Level Output Current – µA
VCC = 5 V
TA = 0 °C
TA = –40°C
TA = 25 °C
TA = 70 °C
TA = 125 °C
Figure 15
–2
0
2
4
6
8
10
12
14
16
10
100
1k
OUTPUT VOLTAGE
PEAK-TO-PEAK
vs
FREQUENCY
f – Frequency – Hz
RL = 100 kΩ
CL = 100 pF
TA = 25°C
VCC = 5 V
VCC = 15 V
VCC = 2.7 V
Figure 16
40
50
60
70
80
90
100
110
120
10
100
1k
10k
POWER SUPPLY REJECTION RATIO
vs
FREQUENCY
f – Frequency – Hz
VCC = 2.7, 5, & 15 V
TA = 25°C
Figure 17
t – Time – s
0
–1
–3
0
1
234
5
6
1
2
VOLTAGE NOISE
OVER A 10 SECOND PERIOD
4
78
9
10
3
–2
–4
VCC = 5 V
f = 0.1 Hz to 10 Hz
TA = 25°C
Figure 18
0
10
20
30
40
50
60
70
80
10
100
1k
10k
PHASE MARGIN
vs
CAPACITIVE LOAD
CL – Capacitive Load – pF
VCC = 2.7, 5, & 15 V
RL= 500 kΩ
TA = 25°C


Similar Part No. - TLV370x

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV370X BURR-BROWN-TLV370X Datasheet
236Kb / 13P
   Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
logo
Texas Instruments
TLV370X TI-TLV370X Datasheet
326Kb / 12P
[Old version datasheet]   FAMILY OF NANNOPOWER PUSH=PULL OUTPUT COMPARATORS
TLV370x TI1-TLV370x Datasheet
897Kb / 21P
[Old version datasheet]   FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND OPEN DRAIN COMPARATORS
TLV370x TI1-TLV370x Datasheet
952Kb / 17P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
More results

Similar Description - TLV370x

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2702 TI1-TLV2702_14 Datasheet
621Kb / 27P
[Old version datasheet]   FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV2702 TI-TLV2702 Datasheet
429Kb / 23P
[Old version datasheet]   FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV3701 TI-TLV3701 Datasheet
304Kb / 15P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3701-Q1 TI1-TLV3701-Q1_14 Datasheet
952Kb / 18P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3701-Q1 TI1-TLV3701-Q1_15 Datasheet
952Kb / 17P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3701 TI1-TLV3701_15 Datasheet
1Mb / 26P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3701 TI1-TLV3701 Datasheet
1Mb / 26P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3702QDRG4Q1 TI-TLV3702QDRG4Q1 Datasheet
948Kb / 16P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV2302 TI1-TLV2302_14 Datasheet
897Kb / 21P
[Old version datasheet]   FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND OPEN DRAIN COMPARATORS
TLV2302 TI-TLV2302 Datasheet
396Kb / 22P
[Old version datasheet]   FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND OPEN DRAIN COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com