Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9390 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX9390
Description  Anything-to-LVDS Dual 2 x 2 Crosspoint Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9390 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX9390 Datasheet HTML 6Page - Maxim Integrated Products MAX9390 Datasheet HTML 7Page - Maxim Integrated Products MAX9390 Datasheet HTML 8Page - Maxim Integrated Products MAX9390 Datasheet HTML 9Page - Maxim Integrated Products MAX9390 Datasheet HTML 10Page - Maxim Integrated Products MAX9390 Datasheet HTML 11Page - Maxim Integrated Products MAX9390 Datasheet HTML 12Page - Maxim Integrated Products MAX9390 Datasheet HTML 13Page - Maxim Integrated Products MAX9390 Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Applications Information
Differential Inputs
The MAX9390/MAX9391 inputs accept any differential
signaling standard within the specified common-mode
voltage range. The fail-safe feature detects common-
mode input signal levels and generates a differential
output low condition for undriven inputs or when the
common-mode voltage exceeds the specified range.
Leave unused inputs unconnected or connect to VCC
for the MAX9390 or to GND for the MAX9391.
Expanding the Number of LVDS Output
Ports
Cascade devices to make larger switches. Consider
the total propagation delay and total jitter when deter-
mining the maximum allowable switch size.
Power-Supply Bypassing
Bypass each VCC to GND with high-frequency surface-
mount ceramic 0.1µF and 0.01µF capacitors in parallel
as close to the device as possible. Install the 0.01µF
capacitor closest to the device.
Differential Traces
Input and output trace characteristics affect the perfor-
mance of the MAX9390/MAX9391. Connect each input
and output to a 50
Ω characteristic impedance trace.
Maintain the distance between differential traces and
eliminate sharp corners to avoid discontinuities in dif-
ferential impedance and maximize common-mode
noise immunity. Minimize the number of vias on the dif-
ferential input and output traces to prevent impedance
discontinuities. Reduce reflections by maintaining the
50
Ω characteristic impedance through connectors and
across cables. Minimize skew by matching the electri-
cal length of the traces.
Output Termination
Terminate LVDS outputs with a 100
Ω resistor between
the differential outputs at the receiver inputs. LVDS out-
puts require 100
Ω termination for proper operation.
Ensure that the output currents do not exceed the cur-
rent limits specified in the Absolute Maximum Ratings.
Observe the total thermal limits of the MAX9390/
MAX9391 under all operating conditions.
Cables and Connectors
Use matched differential impedance for transmission
media. Use cables and connectors with matched differ-
ential impedance to minimize impedance discontinu-
ities. Avoid the use of unbalanced cables. Balanced
cables such as twisted pair offer superior signal quality
and tend to generate less EMI due to canceling effects.
Board Layout
Use a four-layer printed circuit (PC) board providing
separate signal, power, and ground planes for high-
speed signaling applications. Bypass VCC to GND as
close to the device as possible. Install termination
resistors as close to receiver inputs as possible. Match
the electrical length of the differential traces to minimize
signal skew.
Anything-to-LVDS Dual 2 x 2
Crosspoint Switches
10
______________________________________________________________________________________
Table 1. Input/Output Function Table
_SEL0
_SEL1
OUT_0 /
OUT_0
OUT_1 /
OUT_1
MODE
0
0
IN_0 / IN_0
IN_0 / IN_0
1:2 splitter
0
1
IN_0 / IN_0
IN_1 / IN_1
Repeater
1
0
IN_1 / IN_1
IN_0 / IN_0
Switch
1
1
IN_1 / IN_1
IN_1 / IN_1
1:2 splitter


Similar Part No. - MAX9390

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9390 MAXIM-MAX9390 Datasheet
180Kb / 14P
   Anything-to-LVDS Dual 2 x 2 Crosspoint Switches
Rev 2; 5/07
MAX9390 MAXIM-MAX9390 Datasheet
257Kb / 10P
   Surface-Mount Components
Rev 0; 2/08
MAX9390EHJ MAXIM-MAX9390EHJ Datasheet
180Kb / 14P
   Anything-to-LVDS Dual 2 x 2 Crosspoint Switches
Rev 2; 5/07
MAX9390EHJ++ MAXIM-MAX9390EHJ+ Datasheet
180Kb / 14P
   Anything-to-LVDS Dual 2 x 2 Crosspoint Switches
Rev 2; 5/07
MAX9390EVKIT MAXIM-MAX9390EVKIT Datasheet
257Kb / 10P
   Surface-Mount Components
Rev 0; 2/08
More results

Similar Description - MAX9390

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9392 MAXIM-MAX9392 Datasheet
370Kb / 14P
   Anything-to-LVDS Dual 2 x 2 Crosspoint Switches
Rev 0; 8/03
MAX9390 MAXIM-MAX9390_07 Datasheet
180Kb / 14P
   Anything-to-LVDS Dual 2 x 2 Crosspoint Switches
Rev 2; 5/07
MAX9392 MAXIM-MAX9392_07 Datasheet
183Kb / 14P
   Anything-to-LVDS Dual 2 x 2 Crosspoint Switches
Rev 1; 5/07
MAX9152 MAXIM-MAX9152 Datasheet
294Kb / 12P
   800Mbps LVDS/LVPECL-to-LVDS 2 x 2 Crosspoint Switch
19-2003; Rev 0; 4/01
MAX9176 MAXIM-MAX9176 Datasheet
245Kb / 14P
   670MHz LVDS-to-LVDS and Anything-to-LVDS 2:1 Multiplexers
Rev 0; 1/03
logo
Fairchild Semiconductor
FIN1022 FAIRCHILD-FIN1022 Datasheet
547Kb / 10P
   2 X 2 LVDS High Speed Crosspoint Switch
logo
Maxim Integrated Produc...
MAX9174 MAXIM-MAX9174 Datasheet
268Kb / 14P
   670MHz LVDS-to-LVDS and Anything-to-LVDS 1:2 Splitters
Rev 0; 4/03
logo
Texas Instruments
SN65LVCP22 TI-SN65LVCP22 Datasheet
472Kb / 17P
[Old version datasheet]   2 X 2 1000 MBPS LVDS CROSSPOINT SWITCH
SN65LVDS122 TI-SN65LVDS122 Datasheet
544Kb / 18P
[Old version datasheet]   1.5-Gbps 2 x 2 LVDS CROSSPOINT SWITCH
logo
Maxim Integrated Produc...
MAX9376 MAXIM-MAX9376 Datasheet
151Kb / 7P
   LVDS/Anything-to-LVPECL/LVDS Dual Translator
Rev 0; 4/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com