Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2548IDWR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2548IDWR
Description  2.7 V TO 5.5 V, 12-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2548IDWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV2548IDWR Datasheet HTML 7Page - Texas Instruments TLV2548IDWR Datasheet HTML 8Page - Texas Instruments TLV2548IDWR Datasheet HTML 9Page - Texas Instruments TLV2548IDWR Datasheet HTML 10Page - Texas Instruments TLV2548IDWR Datasheet HTML 11Page - Texas Instruments TLV2548IDWR Datasheet HTML 12Page - Texas Instruments TLV2548IDWR Datasheet HTML 13Page - Texas Instruments TLV2548IDWR Datasheet HTML 14Page - Texas Instruments TLV2548IDWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
TLV2544, TLV2548
2.7V TO 5.5V, 12BIT, 200KSPS, 4/8CHANNEL, LOW POWER
SERIAL ANALOGTODIGITAL CONVERTERS WITH AUTOPOWERDOWN
SLAS198E − FEBRUARY 1999 − REVISED JUNE 2003
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing diagrams
The timing diagrams can be categorized into two major groups: nonconversion and conversion. The
nonconversion cycles are read and write (configuration). None of these cycles carry a conversion. Conversion
cycles are those four modes of conversion.
read cycle (read FIFO or read CFR)
read CFR cycle:
The read command is decoded in the first 4 clocks. SDO outputs the contents of the CFR after the 4th SCLK.
This command works only when the device is programmed in the single shot mode (mode 00).
SCLK
CS
FS
SDI
INT
EOC
SDO
ID14
ID13
ID12
ID15
OD11 OD10
OD9
OD4
OD3
OD2
OD1
OD0
12
3
4
5
6
713
14
15
16
1
12
ID15
Figure 2. TLV2544/TLV2548 Read CFR Cycle (FS active)
SCLK
CS
FS
SDI
INT
EOC
SDO
ID15
ID14
ID13
ID12
ID14
OD4
OD3
OD2
OD1
OD0
12
3
4
5
6
713
14
15
16
1
12
OD11 OD10
OD9
ID15
Figure 3. TLV2544/TLV2548 Read CFR Cycle (FS = 1)


Similar Part No. - TLV2548IDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2548IDW TI-TLV2548IDW Datasheet
648Kb / 39P
[Old version datasheet]   2.7 V TO 5.5 V, 12-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLV2548IDW TI1-TLV2548IDW Datasheet
1Mb / 48P
[Old version datasheet]   Maximum Throughput 200-KSPS Built-In Reference, Conversion Clock and 8횞 FIFO
More results

Similar Description - TLV2548IDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2544 TI-TLV2544 Datasheet
648Kb / 39P
[Old version datasheet]   2.7 V TO 5.5 V, 12-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLV1504 TI-TLV1504 Datasheet
638Kb / 42P
[Old version datasheet]   2.7 V TO 5.5 V, 10-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLV2541 TI-TLV2541 Datasheet
426Kb / 26P
[Old version datasheet]   2.7 V TO 5.5 V, LOW POWER, 12-BIT, 200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2541 TI1-TLV2541_14 Datasheet
1Mb / 33P
[Old version datasheet]   2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2542IDR TI-TLV2542IDR Datasheet
1Mb / 31P
[Old version datasheet]   2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2541IDR TI-TLV2541IDR Datasheet
1Mb / 30P
[Old version datasheet]   2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2544Q TI1-TLV2544Q Datasheet
623Kb / 37P
[Old version datasheet]   3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
TLV2544Q TI-TLV2544Q_07 Datasheet
863Kb / 41P
[Old version datasheet]   3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
TLV5616 TI1-TLV5616_12 Datasheet
845Kb / 28P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5627C TI-TLV5627C Datasheet
258Kb / 19P
[Old version datasheet]   2.7-V TO 5.5-V 8-BIT 4-CHANNEL DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com