Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9391EHJ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9391EHJ
Description  Anything-to-LVDS Dual 2 x 2 Crosspoint Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9391EHJ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9391EHJ Datasheet HTML 1Page - Maxim Integrated Products MAX9391EHJ Datasheet HTML 2Page - Maxim Integrated Products MAX9391EHJ Datasheet HTML 3Page - Maxim Integrated Products MAX9391EHJ Datasheet HTML 4Page - Maxim Integrated Products MAX9391EHJ Datasheet HTML 5Page - Maxim Integrated Products MAX9391EHJ Datasheet HTML 6Page - Maxim Integrated Products MAX9391EHJ Datasheet HTML 7Page - Maxim Integrated Products MAX9391EHJ Datasheet HTML 8Page - Maxim Integrated Products MAX9391EHJ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Anything-to-LVDS Dual 2 x 2
Crosspoint Switches
_______________________________________________________________________________________
3
AC ELECTRICAL CHARACTERISTICS
(VCC = +3.0V to +3.6V, fIN < 1.34GHz, tR_IN = tF_IN = 125ps, RL = 100
Ω±1%, |VID| > 150mV, VCM = +0.075V to (VCC - 0.6V)
(MAX9390 only), VCM = +0.6V to (VCC - 0.075V) (MAX9391 only), EN_ _ = VCC, TA = -40°C to +85°C, unless otherwise noted. Typical
values are at VCC = +3.3V, |VID| = 0.2V, VCM = +1.2V, fIN = 1.34GHz, TA = +25°C.) (Note 5)
Note 1: Measurements obtained with the device in thermal equilibrium. All voltages referenced to GND except VID, VOD, and
∆VOD.
Note 2: Current into the device defined as positive. Current out of the device defined as negative.
Note 3: DC parameters tested at TA = +25°C and guaranteed by design and characterization for TA = -40°C to +85°C.
Note 4: Current through either output.
Note 5: Guaranteed by design and characterization. Limits set at
±6 sigma.
Note 6: tSKEW is the magnitude difference of differential propagation delays for the same output over same conditions. tSKEW =
|tPHL - tPLH|.
Note 7: Measured between outputs of the same device at the signal crossing points for a same-edge transition, under the same
conditions.
Note 8: Device jitter added to the differential input signal.
DC ELECTRICAL CHARACTERISTICS (continued)
(VCC = +3.0V to +3.6V, RL = 100
Ω±1%, EN_ _ = VCC, VCM = 0.05V to (VCC - 0.6V) (MAX9390), VCM = 0.6V to (VCC - 0.05V)
(MAX9391) TA = -40°C to +85°C, unless otherwise noted. Typical values are at VCC = +3.3V, |VID| = 0.2V, VCM = +1.2V, TA = +25°C.)
(Notes 1, 2, and 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT_ _ or VOUT_ _ = 0
30
40
Output Short-Circuit Current
(Either Output Shorted to GND)
|IOS|
VID =
±100mV
(Note 4)
VOUT_ _ = VOUT_ _ = 0
18
24
mA
Output Short-Circuit Current
(Outputs Shorted Together)
|IOSB|
VID =
±100mV, VOUT_ _ = VOUT_ _
(Note 4)
5.0
12
mA
SUPPLY CURRENT
RL = 100
Ω, EN_ _ = VCC
68
98
Supply Current
ICC
RL = 100
Ω, EN_ _ = VCC, switching at
670MHz (1.34Gbps)
68
98
mA
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
_SEL_ to Switched Output
tSWITCH
Figure 3
1.1
ns
Disable, Time to Differential
Output Low
tPHD
Figure 4
1.7
ns
Enable, Time to Differential
Output High
tPDH
Figure 4
1.7
ns
Switching Frequency
fMAX
VOD > 250mV
1.50
2.20
GHz
Low-to-High Propagation Delay
tPLH
Figures 1, 5
294
409
565
ps
High-to-Low Propagation Delay
tPHL
Figures 1, 5
286
402
530
ps
Pulse Skew |tPLH - tPHL|tSKEW
Figures 1, 5 (Note 6)
7
97
ps
Output-to-Output Skew
tCCS
Figures 5, 6 (Note 7)
10
65
ps
Output Low-to-High Transition
Time (20% to 80%)
tR
Figures 1, 5; fIN = 100MHz
112
153
185
ps
Output High-to-Low Transition
Time (80% to 20%)
tF
Figures 1, 5; fIN = 100MHz
112
153
185
ps
Added Random Jitter
tRJ
fIN_ _ = 1.34GHz, clock pattern (Note 8)
2
ps(RMS)
Added Deterministic Jitter
tDJ
1.34Gbps, 2
23 - 1 PRBS (Note 8)
55
82
ps(P-P)


Similar Part No. - MAX9391EHJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9391EHJ MAXIM-MAX9391EHJ Datasheet
180Kb / 14P
   Anything-to-LVDS Dual 2 x 2 Crosspoint Switches
Rev 2; 5/07
MAX9391EHJ++ MAXIM-MAX9391EHJ+ Datasheet
180Kb / 14P
   Anything-to-LVDS Dual 2 x 2 Crosspoint Switches
Rev 2; 5/07
More results

Similar Description - MAX9391EHJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9392 MAXIM-MAX9392 Datasheet
370Kb / 14P
   Anything-to-LVDS Dual 2 x 2 Crosspoint Switches
Rev 0; 8/03
MAX9390 MAXIM-MAX9390_07 Datasheet
180Kb / 14P
   Anything-to-LVDS Dual 2 x 2 Crosspoint Switches
Rev 2; 5/07
MAX9392 MAXIM-MAX9392_07 Datasheet
183Kb / 14P
   Anything-to-LVDS Dual 2 x 2 Crosspoint Switches
Rev 1; 5/07
MAX9152 MAXIM-MAX9152 Datasheet
294Kb / 12P
   800Mbps LVDS/LVPECL-to-LVDS 2 x 2 Crosspoint Switch
19-2003; Rev 0; 4/01
MAX9176 MAXIM-MAX9176 Datasheet
245Kb / 14P
   670MHz LVDS-to-LVDS and Anything-to-LVDS 2:1 Multiplexers
Rev 0; 1/03
logo
Fairchild Semiconductor
FIN1022 FAIRCHILD-FIN1022 Datasheet
547Kb / 10P
   2 X 2 LVDS High Speed Crosspoint Switch
logo
Maxim Integrated Produc...
MAX9174 MAXIM-MAX9174 Datasheet
268Kb / 14P
   670MHz LVDS-to-LVDS and Anything-to-LVDS 1:2 Splitters
Rev 0; 4/03
logo
Texas Instruments
SN65LVCP22 TI-SN65LVCP22 Datasheet
472Kb / 17P
[Old version datasheet]   2 X 2 1000 MBPS LVDS CROSSPOINT SWITCH
SN65LVDS122 TI-SN65LVDS122 Datasheet
544Kb / 18P
[Old version datasheet]   1.5-Gbps 2 x 2 LVDS CROSSPOINT SWITCH
logo
Maxim Integrated Produc...
MAX9376 MAXIM-MAX9376 Datasheet
151Kb / 7P
   LVDS/Anything-to-LVPECL/LVDS Dual Translator
Rev 0; 4/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com