Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRM130L Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBRM130L
Description  Surface Mount Schottky Power Rectifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRM130L Datasheet(HTML) 2 Page - ON Semiconductor

  MBRM130L Datasheet HTML 1Page - ON Semiconductor MBRM130L Datasheet HTML 2Page - ON Semiconductor MBRM130L Datasheet HTML 3Page - ON Semiconductor MBRM130L Datasheet HTML 4Page - ON Semiconductor MBRM130L Datasheet HTML 5Page - ON Semiconductor MBRM130L Datasheet HTML 6Page - ON Semiconductor MBRM130L Datasheet HTML 7Page - ON Semiconductor MBRM130L Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MBRM130L
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
V
Average Rectified Forward Current (At Rated VR, TC = 135°C)
IO
1.0
A
Peak Repetitive Forward Current
(At Rated VR, Square Wave, 100 kHz, TC = 135°C)
IFRM
2.0
A
Non-Repetitive Peak Surge Current
(Non-Repetitive peak surge current, halfwave, single phase, 60 Hz)
IFSM
50
A
Storage Temperature
Tstg
-55 to 150
°C
Operating Junction Temperature
TJ
-55 to 125
°C
Voltage Rate of Change (Rated VR, TJ = 25°C)
dv/dt
10,000
V/
ms
THERMAL CHARACTERISTICS
Thermal Resistance - Junction-to-Lead (Anode) (Note 1)
Thermal Resistance - Junction-to-Tab (Cathode) (Note 1)
Thermal Resistance - Junction-to-Ambient (Note 1)
Rtjl
Rtjtab
Rtja
35
23
277
°C/W
1. Mounted with minimum recommended pad size, PC Board FR4, See Figures 9 & 10.
ELECTRICAL CHARACTERISTICS
Maximum Instantaneous Forward Voltage (Note 2), See Figure 2
VF
TJ = 25°C
TJ = 85°C
V
(IF = 0.1 A)
(IF = 1.0 A)
(IF = 3.0 A)
0.30
0.38
0.52
0.20
0.33
0.50
Maximum Instantaneous Reverse Current (Note 2), See Figure 4
IR
TJ = 25°C
TJ = 85°C
mA
(VR = 30 V)
(VR = 20 V)
(VR = 10 V)
0.41
0.13
0.05
11
5.3
3.2
2. Pulse Test: Pulse Width
≤ 250 µs, Duty Cycle ≤ 2%.


Similar Part No. - MBRM130L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRM130L ONSEMI-MBRM130L Datasheet
69Kb / 5P
   Surface Mount Schottky Power Rectifier
September, 2006 ??Rev. 4
MBRM130LT1 ONSEMI-MBRM130LT1 Datasheet
69Kb / 5P
   Surface Mount Schottky Power Rectifier
September, 2006 ??Rev. 4
MBRM130LT1G ONSEMI-MBRM130LT1G Datasheet
69Kb / 5P
   Surface Mount Schottky Power Rectifier
September, 2006 ??Rev. 4
MBRM130LT1G ONSEMI-MBRM130LT1G Datasheet
180Kb / 5P
   Surface Mount Schottky Power Rectifier
January, 2012 ??Rev. 5
MBRM130LT3 ONSEMI-MBRM130LT3 Datasheet
69Kb / 5P
   Surface Mount Schottky Power Rectifier
September, 2006 ??Rev. 4
More results

Similar Description - MBRM130L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRA140 ONSEMI-MBRA140 Datasheet
72Kb / 4P
   Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 5
MBRS2040LT3 ONSEMI-MBRS2040LT3 Datasheet
96Kb / 6P
   Surface Mount Schottky Power Rectifier
December, 2003 ??Rev. 3
SS24 ONSEMI-SS24 Datasheet
64Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBRA210LT3 ONSEMI-MBRA210LT3 Datasheet
46Kb / 8P
   Surface Mount Schottky Power Rectifier
December, 2002 - Rev. 3
MBRA340T3 ONSEMI-MBRA340T3 Datasheet
49Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2004 ??Rev. 2
MBRA120LT3 ONSEMI-MBRA120LT3 Datasheet
42Kb / 4P
   Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 1
MBR140SFT1 ONSEMI-MBR140SFT1 Datasheet
61Kb / 6P
   Surface Mount Schottky Power Rectifier
September, 2003 ??Rev. 2
MBR120ESFT1 ONSEMI-MBR120ESFT1_05 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBR120LSFT1 ONSEMI-MBR120LSFT1_05 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBRS540T3 ONSEMI-MBRS540T3_05 Datasheet
65Kb / 5P
   Surface Mount Schottky Power Rectifier
November, 2005 ??Rev. 5
logo
Motorola, Inc
MBRA140T3 MOTOROLA-MBRA140T3 Datasheet
135Kb / 4P
   Surface Mount Schottky Power Rectifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com