Electronic Components Datasheet Search |
|
MBRM130LT3 Datasheet(PDF) 1 Page - ON Semiconductor |
|
MBRM130LT3 Datasheet(HTML) 1 Page - ON Semiconductor |
1 / 8 page © Semiconductor Components Industries, LLC, 2002 December, 2002 - Rev. 1 1 Publication Order Number: MBRM130L/D MBRM130L Surface Mount Schottky Power Rectifier POWERMITE® Power Surface Mount Package The Schottky Powermite employs the Schottky Barrier principle with a barrier metal and epitaxial construction that produces optimal forward voltage drop- reverse current tradeoff. The advanced packaging techniques provide for a highly efficient micro miniature, space saving surface mount Rectifier. With its unique heatsink design, the Powermite has the same thermal performance as the SMA while being 50% smaller in footprint area, and delivering one of the lowest height profiles, < 1.1 mm in the industry. Because of its small size, it is ideal for use in portable and battery powered products such as cellular and cordless phones, chargers, notebook computers, printers, PDAs and PCMCIA cards. Typical applications are ac/dc and dc-dc converters, reverse battery protection, and “Oring” of multiple supply voltages and any other application where performance and size are critical. Features: • Low Profile - Maximum Height of 1.1 mm • Small Footprint - Footprint Area of 8.45 mm2 • Low V F Provides Higher Efficiency and Extends Battery Life • Supplied in 12 mm Tape and Reel • Low Thermal Resistance with Direct Thermal Path of Die on Exposed Cathode Heat Sink Mechanical Characteristics: • Powermite is JEDEC Registered as DO-216AA • Case: Molded Epoxy • Epoxy Meets UL94V-0 at 1/8″ • Weight: 62 mg (approximately) • Device Marking: BCG • Lead and Mounting Surface Temperature for Soldering Purposes. 260 °C Maximum for 10 Seconds MAXIMUM RATINGS Please See the Table on the Following Page Device Package Shipping ORDERING INFORMATION MBRM130LT1 POWERMITE 3000/Tape & Reel MBRM130LT3 POWERMITE 12,000/Tape & Reel SCHOTTKY BARRIER RECTIFIER 1.0 AMPERES 30 VOLTS POWERMITE CASE 457 PLASTIC CATHODE ANODE MARKING DIAGRAM M BCG BCG = Device Code M = Date Code http://onsemi.com |
Similar Part No. - MBRM130LT3 |
|
Similar Description - MBRM130LT3 |