Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33291DWR2 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MC33291DWR2
Description  Eight Output Switch with Serial Peripheral Interface I/O
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33291DWR2 Datasheet(HTML) 5 Page - Motorola, Inc

  MC33291DWR2 Datasheet HTML 1Page - Motorola, Inc MC33291DWR2 Datasheet HTML 2Page - Motorola, Inc MC33291DWR2 Datasheet HTML 3Page - Motorola, Inc MC33291DWR2 Datasheet HTML 4Page - Motorola, Inc MC33291DWR2 Datasheet HTML 5Page - Motorola, Inc MC33291DWR2 Datasheet HTML 6Page - Motorola, Inc MC33291DWR2 Datasheet HTML 7Page - Motorola, Inc MC33291DWR2 Datasheet HTML 8Page - Motorola, Inc MC33291DWR2 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33291
5
STATIC ELECTRICAL CHARACTERISTICS
Characteristics noted under conditions 4.5 V VDD 5.5V, 9.0V VPWR 16 V, -40°C TA 125°C, unless otherwise noted. Typical
values noted reflect the approximate value with VBat = 13 V, TA = 25°C.
Characteristic
Symbol
Min
Typ
Max
Unit
Power Input
Supply Voltage Range
Quasi-Functional (Note 14)
Fully Operational
VPWR(QF)
VPWR(FO)
5.5
9.0
9.0
26.5
V
Supply Current (All Outputs ON, IOUT = 0.5 A)
VPWR(ON)
—1.0
2.0
V
Sleep State Supply Current at RST
≤ 0.2 VDD and/or VDD < 0.5 V
IPWR(ON)
—1.0
2.5
µA
Sleep State Output Leakage Current (Per Output, RST = 0)
IPWR(SS)
—1.0
2.5
µA
Over voltage Shutdown
VOV
28
32
36
V
Over voltage Shutdown Hysteresis (Note 15)
VOV(HYS)
0.2
0.8
1.5
V
Logic Supply Voltage
VDD
4.5
5.5
V
Logic Supply Current (Note 16)
RST
≥ 0.7 VDD
RST
≤ 0.5 V
IDD
1.0
4.0
25
mA
µA
Logic Supply Under Voltage Lockout Threshold (Note 17)
VDD(UVLO)
2.5
3.5
V
Notes:
14.
SPI inputs and outputs operational; Fault status reporting may not be fully operational within this voltage range. Outputs remain operational
somewhat below this VPWR range, but RDS(on) will increase, causing power dissipation to increase. Outputs will re-establish their instructed
state following a VPWR interruption as long as VDD remains non-interrupted.
15.
This parameter is guaranteed by design, but it is not production tested.
16.
Measured with the RST pin held at a logic high state; outputs can be OFF or ON or in any combination thereof.
17.
Device incorporates a power-ON reset function; for VDD less than the Under Voltage Lockout Threshold voltage, all data registers are reset
and all outputs are disabled.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC33291DWR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33291DWR2 FREESCALE-MC33291DWR2 Datasheet
558Kb / 26P
   Eight-Output Switch with Serial Peripheral Interface I/O
MC33291DWR2 FREESCALE-MC33291DWR2 Datasheet
1Mb / 27P
   Eight-Output Switch with Serial Peripheral Interface I/O
logo
NXP Semiconductors
MC33291DWR2 NXP-MC33291DWR2 Datasheet
901Kb / 27P
   Eight-Output Switch with Serial Peripheral Interface I/O
Rev 5, 07/2008
More results

Similar Description - MC33291DWR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33291L FREESCALE-33291L Datasheet
593Kb / 25P
   Eight-Output Switch with Serial Peripheral Interface I/O
logo
NXP Semiconductors
MC33298 NXP-MC33298 Datasheet
966Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
Rev. 6.0, 4/2008
logo
Freescale Semiconductor...
MC33298 FREESCALE-MC33298 Datasheet
534Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
33291 FREESCALE-33291 Datasheet
558Kb / 26P
   Eight-Output Switch with Serial Peripheral Interface I/O
MC33298 FREESCALE-MC33298_08 Datasheet
643Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
33291 FREESCALE-33291_08 Datasheet
1Mb / 27P
   Eight-Output Switch with Serial Peripheral Interface I/O
logo
Motorola, Inc
MC33298 MOTOROLA-MC33298 Datasheet
1Mb / 23P
   Eight Output Switch with Serial Peripheral Interface I/O
logo
Freescale Semiconductor...
33291L FREESCALE-33291L_08 Datasheet
1Mb / 26P
   Eight-Output Switch with Serial Peripheral Interface I/O
logo
NXP Semiconductors
MC33291 NXP-MC33291 Datasheet
901Kb / 27P
   Eight-Output Switch with Serial Peripheral Interface I/O
Rev 5, 07/2008
logo
Freescale Semiconductor...
33880 FREESCALE-33880_12 Datasheet
590Kb / 25P
   Configurable Octal Serial Switch with Serial Peripheral Interface I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com