Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC1544L Datasheet(PDF) 10 Page - Texas Instruments

Part # UC1544L
Description  Power Supply Supervisory Circuit
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC1544L Datasheet(HTML) 10 Page - Texas Instruments

Back Button UC1544L Datasheet HTML 6Page - Texas Instruments UC1544L Datasheet HTML 7Page - Texas Instruments UC1544L Datasheet HTML 8Page - Texas Instruments UC1544L Datasheet HTML 9Page - Texas Instruments UC1544L Datasheet HTML 10Page - Texas Instruments UC1544L Datasheet HTML 11Page - Texas Instruments UC1544L Datasheet HTML 12Page - Texas Instruments UC1544L Datasheet HTML 13Page - Texas Instruments UC1544L Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
26-Mar-2016
Addendum-Page 2
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.
OTHER QUALIFIED VERSIONS OF UC1544, UC2543, UC2543M, UC3543M, UC3544 :
Catalog: UC3544, UC2543
Military: UC2543M, UC1543, UC1544


Similar Part No. - UC1544L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1544L TI1-UC1544L Datasheet
1Mb / 20P
[Old version datasheet]   Power Supply Supervisory Circuit
UC1544L TI-UC1544L Datasheet
1Mb / 20P
[Old version datasheet]   Power Supply Supervisory Circuit
UC1544L883B TI1-UC1544L883B Datasheet
1Mb / 20P
[Old version datasheet]   Power Supply Supervisory Circuit
UC1544L883B TI-UC1544L883B Datasheet
1Mb / 20P
[Old version datasheet]   Power Supply Supervisory Circuit
More results

Similar Description - UC1544L

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1543 SEME-LAB-IP1543 Datasheet
91Kb / 7P
   POWER SUPPLY SUPERVISORY CIRCUIT
logo
Texas Instruments
UC1544N TI-UC1544N Datasheet
1Mb / 20P
[Old version datasheet]   Power Supply Supervisory Circuit
UC1543 TI-UC1543 Datasheet
455Kb / 6P
[Old version datasheet]   Power Supply Supervisory Circuit
UC1543 TI1-UC1543_13 Datasheet
1Mb / 20P
[Old version datasheet]   Power Supply Supervisory Circuit
logo
Microsemi Corporation
SG1543 MICROSEMI-SG1543 Datasheet
118Kb / 6P
   POWER SUPPLY OUTPUT SUPERVISORY CIRCUIT
SG1543 MICROSEMI-SG1543_1 Datasheet
244Kb / 6P
   POWER SUPPLY OUTPUT SUPERVISORY CIRCUIT
logo
Maxim Integrated Produc...
MAX6886 MAXIM-MAX6886_12 Datasheet
144Kb / 13P
   Pin-Selectable, Hex Power-Supply Supervisory Circuit
Rev 1; 1/12
MAX6886 MAXIM-MAX6886 Datasheet
226Kb / 14P
   Pin-Selectable, Hex Power-Supply Supervisory Circuit
Rev 0; 2/05
logo
ON Semiconductor
MC3425 ONSEMI-MC3425 Datasheet
170Kb / 12P
   POWER SUPPLY SUPERVISORY/ OVER AND UNDERVOLTAGE PROTECTION CIRCUIT
1996 REV 2
logo
Unisonic Technologies
3521 UTC-3521_10 Datasheet
210Kb / 6P
   PWM CONTROLLER WITH SUPERVISORY CIRCUIT FOR SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com