Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC3625DWG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # UC3625DWG4
Description  Brushless DC Motor Controller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC3625DWG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button UC3625DWG4 Datasheet HTML 5Page - Texas Instruments UC3625DWG4 Datasheet HTML 6Page - Texas Instruments UC3625DWG4 Datasheet HTML 7Page - Texas Instruments UC3625DWG4 Datasheet HTML 8Page - Texas Instruments UC3625DWG4 Datasheet HTML 9Page - Texas Instruments UC3625DWG4 Datasheet HTML 10Page - Texas Instruments UC3625DWG4 Datasheet HTML 11Page - Texas Instruments UC3625DWG4 Datasheet HTML 12Page - Texas Instruments UC3625DWG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
0.001
0.01
0.1
100Hz
1kHz
10kHz
100kHz
1MHz
µ
µ
µ
µ
µ
UC1625
UC2625
UC3625
www.ti.com
SLUS353C – NOVEMBER 2003 – REVISED JUNE 2013
Terminal Functions (continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
Any time that VCC drops below threshold or the sensed current exceeds the over-
current threshold, the soft-start latch is set. When set, it turns on a transistor that
pulls down on SSTART. Normally, a capacitor is connected to this pin, and the
transistor will completely discharge the capacitor. A comparator senses when the
NPN transistor has completely discharged the capacitor, and allows the soft-start
latch to clear when the fault is removed. When the fault is removed, the soft-start
capacitor charges from the on-chip current source.
SSTART clamps the output of the error amplifier, not allowing the error amplifier
SSTART
24
output voltage to exceed SSTART regardless of input. The ramp on RC-OSC can
be applied to PWM In and compared to E/A OUT. With SSTART discharged below
0.2 V and the ramp minimum being approximately 1.0 V, the PWM comparator
keeps the PWM latch cleared and the outputs off. As SSTART rises, the PWM
comparator begins to duty-cycle modulate the PWM latch until the error amplifier
inputs overcome the clamp. This provides for a safe and orderly motor start-up
from an off or fault condition. A 51-k
Ω resister is added between VREF and
SSTART to ensure switching.
Any change in the H1, H2, or H3 inputs loads data from these inputs into the
position sensor latches. At the same time data is loaded, a fixed-width 5-V pulse is
triggered on TACH-OUT. The average value of the voltage on TACH-OUT is
directly proportional to speed, so this output can be used as a true tachometer for
speed feedback with an external filter or averaging circuit which usually consists of
TACH-OUT
20
a resistor and capacitor.
Whenever TACH-OUT is high, the position latches are inhibited, such that during
the noisiest part of the commutation cycle, additional commutations are not
possible. Although this effectively sets a maximum rotational speed, the maximum
speed can be set above the highest expected speed, preventing false commutation
and chatter.
This device operates with supplies between 10 V and 18 V. Under-voltage lockout
keeps all outputs off below 7.5 V, insuring that the output transistors never turn on
VCC
19
until full drive capability is available. Bypass VCC to ground with an 0.1-
μF ceramic
capacitor. Using a 10-
μF electrolytic bypass capacitor as well can be beneficial in
applications with high supply impedance.
This pin provides regulated 5 V for driving Hall-effect devices and speed control
circuitry. VREF reaches 5 V before VCC enables, ensuring that Hall-effect devices
VREF
2
powered from VREF becomes active before the UC3625 drives any output.
Although VREF is current limited, operation over 30 mA is not advised. For proper
performance VREF should be bypassed with at least a 0.1-
μF capacitor to ground.
TYPICAL CHARACTERISTICS
Oscillator Frequency
Tachometer on Time
vs
vs
COSC and ROSC
RT and CT
Figure 2.
Figure 3.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: UC1625 UC2625 UC3625


Similar Part No. - UC3625DWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3625DW TI-UC3625DW Datasheet
313Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
UC3625DWTR TI-UC3625DWTR Datasheet
313Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
More results

Similar Description - UC3625DWG4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33033 ONSEMI-MC33033_07 Datasheet
413Kb / 27P
   Brushless DC Motor Controller
January, 2007 ??Rev. 9
MC33033 ONSEMI-MC33033 Datasheet
530Kb / 24P
   BRUSHLESS DC MOTOR CONTROLLER
1996 REV 3
logo
LSI Computer Systems
LS7560 LSI-LS7560 Datasheet
97Kb / 8P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UCC2626DW TI1-UCC2626DW Datasheet
685Kb / 23P
[Old version datasheet]   BRUSHLESS DC MOTOR CONTROLLER
logo
Sensitron
UC1625L SENSITRON-UC1625L Datasheet
62Kb / 4P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Integral Corp.
IL33035 INTEGRAL-IL33035 Datasheet
124Kb / 3P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UC1625 TI-UC1625 Datasheet
313Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
logo
ON Semiconductor
MC33035 ONSEMI-MC33035_06 Datasheet
527Kb / 28P
   Brushless DC Motor Controller
April, 2006 ??Rev. 8
logo
Texas Instruments
UCC2626 TI-UCC2626 Datasheet
209Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
DRV8307 TI1-DRV8307_16 Datasheet
1,007Kb / 33P
[Old version datasheet]   Brushless DC Motor Controller
logo
FOSLINK SEMICONDUCTOR C...
FSP33035 FOSLINK-FSP33035 Datasheet
1Mb / 28P
   BRUSHLESS DC MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com